Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFR-PAT1632LF-C-4-B Datasheet(PDF) 1 Page - IRC - a TT electronics Company.

Part # HFR-PAT1632LF-C-4-B
Description  High Frequency Surface Mount Attenuators
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

HFR-PAT1632LF-C-4-B Datasheet(HTML) 1 Page - IRC - a TT electronics Company.

  HFR-PAT1632LF-C-4-B Datasheet HTML 1Page - IRC - a TT electronics Company. HFR-PAT1632LF-C-4-B Datasheet HTML 2Page - IRC - a TT electronics Company. HFR-PAT1632LF-C-4-B Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
PAT-S Series Issue February 2009 Sheet 1 of 3
RoHS compliant
Frequency operation up to 10GHz
Low parasitic capacitance and inductance
Thin film stability over time and temperature
PAT-S Series
PAT0510SLF
PAT0816LF
PAT1220LF
PAT1632LF
PAT3042SCLF
PAT3042SDLF
Impedance
50Ω
50Ω
50Ω
50Ω
50Ω
75Ω
Frequency
Range
DC to 10 GHz
DC to 3GHz
DC to 3GHz
DC to 2GHz
Attenuation
(dB)
0, 1, 2, 3, 4, 5,
6, 7, 8, 9, 10
0, 1, 2, 3, 4, 5,
6, 7, 8, 9, 10, 16, 20
Attenuation
Tolerance
0 to 3dB ±0.3dB
4 to 7dB ±0.5dB
8 to 10dB ±1.0dB
±0.3dB
0 to 10dB:
±0.3dB
16dB: ±0.5dB
0 to 10dB: ±0.3dB
16, 20dB: ±0.5dB
Power Rating
32mW
64mW
100mW
125mW
250mW
TCR
±50ppm/°C
VSWR
1.3
Operating
Temperature
Range
-55°C to +125°C
High Frequency
Surface Mount Attenuators
Electrical Data
The PAT chip attenuator series is available in a wide range of power
ratings from 32mW to 250mW. The surface mount package is ideal for
applications where parasitic capacitance and inductance are concerns. Typical applications include wireless
communication receivers and transmitters.


Similar Part No. - HFR-PAT1632LF-C-4-B

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
HFR-PAT1632-C-0-B IRCTT-HFR-PAT1632-C-0-B Datasheet
259Kb / 3P
   High Frequency Surface Mount Attenuators
HFR-PAT1632-C-0-T IRCTT-HFR-PAT1632-C-0-T Datasheet
259Kb / 3P
   High Frequency Surface Mount Attenuators
HFR-PAT1632-C-1-B IRCTT-HFR-PAT1632-C-1-B Datasheet
259Kb / 3P
   High Frequency Surface Mount Attenuators
HFR-PAT1632-C-1-T IRCTT-HFR-PAT1632-C-1-T Datasheet
259Kb / 3P
   High Frequency Surface Mount Attenuators
HFR-PAT1632-C-10-B IRCTT-HFR-PAT1632-C-10-B Datasheet
259Kb / 3P
   High Frequency Surface Mount Attenuators
More results

Similar Description - HFR-PAT1632LF-C-4-B

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
HFR-PCH1632LF IRCTT-HFR-PCH1632LF Datasheet
380Kb / 2P
   High Frequency Surface Mount Attenuators
HFR-RFA53SDLF-1GZ00 IRCTT-HFR-RFA53SDLF-1GZ00 Datasheet
619Kb / 4P
   High Frequency Surface Mount Attenuators
HFR-RFA100LF-01020 IRCTT-HFR-RFA100LF-01020 Datasheet
442Kb / 4P
   High Frequency Surface Mount Attenuators
HFR-PAT1220-C-0-T IRCTT-HFR-PAT1220-C-0-T Datasheet
259Kb / 3P
   High Frequency Surface Mount Attenuators
HFR-PAT3042WLF-50R0-0A IRCTT-HFR-PAT3042WLF-50R0-0A Datasheet
358Kb / 2P
   High Frequency Surface Mount Attenuators
logo
Anaren Microwave
RFP-250250-4AAXX ANAREN-RFP-250250-4AAXX Datasheet
483Kb / 2P
   Surface Mount Attenuators
logo
Micronetics, Inc.
8158 MICRONETICS-8158 Datasheet
36Kb / 1P
   SURFACE MOUNT ATTENUATORS
logo
List of Unclassifed Man...
RFP-250250-4AA ETC1-RFP-250250-4AA Datasheet
483Kb / 2P
   Surface Mount Attenuators 8 Watts
logo
IRC - a TT electronics ...
PFC-A1206-01-50R0-1D00 IRCTT-PFC-A1206-01-50R0-1D00 Datasheet
334Kb / 2P
   Thin Film Surface Mount Attenuators
logo
Welwyn Components Limit...
PFCA WELWYN-PFCA Datasheet
293Kb / 2P
   Thin Film Surface Mount Attenuators
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com