Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC1965 Datasheet(PDF) 2 Page - Texas Instruments

Part # UC1965
Description  Precision Reference with Low Offset Error Amplifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC1965 Datasheet(HTML) 2 Page - Texas Instruments

  UC1965 Datasheet HTML 1Page - Texas Instruments UC1965 Datasheet HTML 2Page - Texas Instruments UC1965 Datasheet HTML 3Page - Texas Instruments UC1965 Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
UC1965
UC2965
UC3965
ELECTRICAL CHARACTERISTICS Unless otherwise specified, VCC = 5V, TA =TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
General
VCC
4.3
20
V
Operating Current
VCC = 5V
1.5
2
4
mA
Undervoltage Current
200
µA
Minimum Voltage to Start
3.9
4.1
4.3
V
Hysteresis
200
300
400
mV
VREF
VREF Initial Accuracy
+25°C
2.49
2.5
2.51
V
VREF Over Temperature
–55°C to +125°C
2.48
2.5
2.52
V
Total Output Variation
Line, Load, Temperature
2.475
2.5
2.525
V
Line Regulation
VCC = 4.3V to 20V
2
10
mV
Load Regulation
0
µA to 500µA
2
10
mV
Short Circuit Current
VREF = 0V
2
mA
Error Amplifier
Input Bias
VCM = 2.5V
200
400
nA
Input Offset Voltage
VCM = 2.5V
1
2
mV
Input Offset Current
VCM = 2.5V
–100
0
100
nA
Gain Bandwidth Product
VIN = 50mV P-P (Note 1)
6
MHz
Open Loop Gain
VOUT = 1V to 3.75V
80
100
dB
VREF
VFB
COMP
NI
1
2
3
4
8
7
6
5
VCC
OFFSET
VOUT
GND
CONNECTION DIAGRAM
DIL-8, SOIC-8 (Top View)
J or N Package, D Package
ABSOLUTE MAXIMUM RATINGS
VCC. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3V to 20V
VREF. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3V to 6V
VFB, COMP, NI, VOUT . . . . . . . . . . . . . . . . . . . . . –0.3V TO 6V
Storage Temperature . . . . . . . . . . . . . . . . . . .
−65°C to +150°C
Junction Temperature . . . . . . . . . . . . . . . . . . . –55°C to +150°C
Lead Temperature (Soldering, 10 sec.) . . . . . . . . . . . . . +300°C
Currents are positive into, negative out of the specified terminal.
All voltages are with respect to ground. Consult Packaging Sec-
tion of Databook for thermal limitations and considerations of
packages.
TEMPERATURE RANGE
PACKAGE
UC1965J
–55°C to +125°C
CDIP
UC2965D
–40°C to +85°C
SOIC
UC2965N
PDIP
UC3965D
0°C to +70°C
SOIC
UC3965N
PDIP
ORDERING INFORMATION


Similar Part No. - UC1965

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1965 TI-UC1965 Datasheet
75Kb / 6P
[Old version datasheet]   Precision Reference with Low Offset Error Amplifier
UC1965J TI-UC1965J Datasheet
75Kb / 6P
[Old version datasheet]   Precision Reference with Low Offset Error Amplifier
More results

Similar Description - UC1965

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3965DP TI-UC3965DP Datasheet
75Kb / 6P
[Old version datasheet]   Precision Reference with Low Offset Error Amplifier
AMC1200 TI1-AMC1200 Datasheet
488Kb / 22P
[Old version datasheet]   Fully-Differential Isolation Amplifier Low Offset Error: 1.5 mV max
logo
Burr-Brown (TI)
INA125 BURR-BROWN-INA125 Datasheet
273Kb / 13P
   INSTRUMENTATION AMPLIFIER With Precision Voltage Reference
logo
Texas Instruments
INA125 TI1-INA125 Datasheet
410Kb / 18P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER With Precision Voltage Reference
INA125-DIE TI1-INA125-DIE Datasheet
119Kb / 4P
[Old version datasheet]   INSTRUMENTATION AMPLIFIER WITH PRECISION VOLTAGE REFERENCE
logo
Vishay Siliconix
SIP11203 VISHAY-SIP11203_V01 Datasheet
396Kb / 18P
   Synchronous Rectifier Driver with Power Up/Down Control, Output OVP, Error Amplifier and Precision Reference
01-Jan-2022
SIP11203 VISHAY-SIP11203 Datasheet
386Kb / 18P
   Synchronous Rectifier Driver with Power Up/Down Control, Output OVP, Error Amplifier and Precision Reference
Rev. C, 16-May-11
logo
Analog Devices
AD208 AD-AD208_1 Datasheet
8Mb / 16P
   High Precision, Low Offset, mV Input Isolation Amplifier
AD208 AD-AD208_15 Datasheet
8Mb / 16P
   HIGH PRECISION LOW OFFSET MV INPUT ISOLATION AMPLIFIER
AD208 AD-AD208 Datasheet
872Kb / 15P
   High Precision, Low Offset, mV Input Isolation Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com