Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PFC-A1206-01-50R0-2D00 Datasheet(PDF) 2 Page - IRC - a TT electronics Company.

Part # PFC-A1206-01-50R0-2D00
Description  Thin Film Surface Mount Attenuators
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

PFC-A1206-01-50R0-2D00 Datasheet(HTML) 2 Page - IRC - a TT electronics Company.

  PFC-A1206-01-50R0-2D00 Datasheet HTML 1Page - IRC - a TT electronics Company. PFC-A1206-01-50R0-2D00 Datasheet HTML 2Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
PFC A1206 Series Issue February 2009 Sheet 2 of 2
Prefix
PFC
-
A1206
-
01
-
50R0 -
10D0
Model
A1206 = attenuator chip with 60/40 Sn/Pb terminations
A1206LF = attenuator chip with 100% matte tin terminations
TCR Code
01 = ±100 ppm/°C
Impedence Code
50R0 = 50Ω; 75R0 = 75Ω
Attenuation Code
1D00=1dB, 2D00 = 2Db, 3D00 = 3dB,
4D00=4dB, 5D00 = 5Db, 6D00 = 6dB,
7D00=7dB, 8D00 = 8Db, 9D00 = 9dB,
10D0=10dB, 20D0 = 20db
For additional information or to discuss your specific requirements, please contact our
Applications Team using the contact details below.
Thin Film Surface Mount
Attenuators
Insertion Loss Data (S21)
Outline and Packaging Data
Ordering Data
Power Derating Curve
75
75
75
0.063
″ ±.005
0.024
″±.004
0.015
″ ±.005
0.015
″±.005
0.058
″±.005
0.010
″±.004
0.027
″±.003
0.126
″ ±.006
0.030
″MIN
R1
R2
R1
TOP
SIDE
BOTTOM
0.035
0.0725
0.050
0.180
0.058
0.0315
0.0895
0.0225
NOTE: Equivalent 'T' network schematic
RECOMMENDED
LAND PATTERN
25
70
150
100
50
10
Ambient Temperature (°C)


Similar Part No. - PFC-A1206-01-50R0-2D00

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
PFC-A1 OMRON-PFC-A1 Datasheet
323Kb / 7P
   GENERAL PURPOSE RELAY
PFC-A1 OMRON-PFC-A1 Datasheet
653Kb / 10P
   General Purpose Relay
More results

Similar Description - PFC-A1206-01-50R0-2D00

ManufacturerPart #DatasheetDescription
logo
Welwyn Components Limit...
PFCA WELWYN-PFCA Datasheet
293Kb / 2P
   Thin Film Surface Mount Attenuators
logo
RHOPOINT COMPONENTS
PAT0510 RHOPOINT-PAT0510 Datasheet
73Kb / 1P
   Thin Film Attenuators
logo
Bel Fuse Inc.
0429.125WRM BEL-0429.125WRM Datasheet
87Kb / 1P
   Thin-Film Surface Mount
logo
Littelfuse
431 LITTELFUSE-431 Datasheet
83Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
435 LITTELFUSE-435 Datasheet
84Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
429 LITTELFUSE-429 Datasheet
78Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
433 LITTELFUSE-433 Datasheet
51Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
434 LITTELFUSE-434 Datasheet
42Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
430 LITTELFUSE-430 Datasheet
37Kb / 1P
   Surface Mount Fuses - Thin-Film Surface Mount
logo
Anaren Microwave
RFP-250250-4AAXX ANAREN-RFP-250250-4AAXX Datasheet
483Kb / 2P
   Surface Mount Attenuators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com