Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PFC-D1206-01-1003-3301-AF Datasheet(PDF) 3 Page - IRC - a TT electronics Company.

Part # PFC-D1206-01-1003-3301-AF
Description  TaNFilm Precision Chip Voltage Divider
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

PFC-D1206-01-1003-3301-AF Datasheet(HTML) 3 Page - IRC - a TT electronics Company.

  PFC-D1206-01-1003-3301-AF Datasheet HTML 1Page - IRC - a TT electronics Company. PFC-D1206-01-1003-3301-AF Datasheet HTML 2Page - IRC - a TT electronics Company. PFC-D1206-01-1003-3301-AF Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PFC Series Issue January 2009 Sheet 3 of 3
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
TaNFilm® Precision Chip
Voltage Divider
Prefix
PFC - D1206 - 03 - 1003 - 3301 - F
B
Model
D1206 - Divider network w/ standard Sn/Pb termination
D1206LF - Divider network w/ 100% tin, Pb-free termination
TCR Code*
01 = ±100ppm/°C; 02 = ±50ppm/°C; 03 = ±25ppm/°C
R1 Resistance Code
Standard 4-Digit resistance code.
Ex: 1002 = 10K
Ω; 50R0 = 50Ω
R2 Resistance Code
Standard 4-Digit resistance code
Absolute Tolerance*
F = ±1%; D = ±0.5%; B = ±0.1%; A = ±0.05%
Ratio Tolerance*
F = ±1%; D = ±0.5%; B = ±0.1%; A = ±0.05%, Q = ±0.02%, T = ±0.01%
Ordering Data
Packaging Data
PACKAGING ON 8mm TAPE
USER DIRECTION OF FEED
* For tighter tolerance and tighter TCR requirements, please refer to IRC’s Ultra Precision
datasheet.
For additional information or to discuss your specific requirements,
please contact our Applications Team using the contact details below.
Range of
Lowest Resistor
Available
Absolute Tolerances
Available
Ratio Tolerances
Best
Absolute TCR
Best
Tracking TCR
5
Ω - 24Ω
F
F D
±100ppm/°C
±50ppm/°C
25
Ω - 50Ω
F D B
F D B
±50ppm/°C
±20ppm/°C
51
Ω - 75Ω
F D B
F D B
±25ppm/°C
±10ppm/°C
76
Ω - 999Ω
F D B
F D B A
±25ppm/°C
±5ppm/°C
1.0K
Ω - 100KΩ
F D B A
F D B A Q T
±25ppm/°C
±5ppm/°C
Manufacturing Capability


Similar Part No. - PFC-D1206-01-1003-3301-AF

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
PFC-D TTELEC-PFC-D Datasheet
585Kb / 3P
   Tested for COTS applications
More results

Similar Description - PFC-D1206-01-1003-3301-AF

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
SON-NS4A-01-1002 IRCTT-SON-NS4A-01-1002 Datasheet
322Kb / 4P
   TaNFilm Flat Precision Resistor Array
DBP-M954-01-1002-G IRCTT-DBP-M954-01-1002-G Datasheet
171Kb / 3P
   TaNFilm Precision Molded DIP Resistor Network
logo
KOA Speer Electronics, ...
RTXS03T KOA-RTXS03T Datasheet
90Kb / 1P
   precision voltage divider networks
RTXS03TTE5001 KOA-RTXS03TTE5001 Datasheet
197Kb / 1P
   precision voltage divider networks
logo
IRC - a TT electronics ...
MWR-MWC01SC-01-50R0-K IRCTT-MWR-MWC01SC-01-50R0-K Datasheet
457Kb / 2P
   TaNFilm Microwave Chip Resistor
logo
Token Electronics Indus...
UPRNS TOKEN-UPRNS Datasheet
468Kb / 6P
   High Precision Network Voltage Divider
UPRND TOKEN-UPRND Datasheet
462Kb / 6P
   High Precision Network Voltage Divider
logo
IRC - a TT electronics ...
PFC-W0603HT-01-1001-J IRCTT-PFC-W0603HT-01-1001-J Datasheet
374Kb / 2P
   High Temperature TaNFilm Chip Resistors
M8340101M1001JA IRCTT-M8340101M1001JA Datasheet
489Kb / 3P
   TaNFilm Precision DIP Network Commercial and MIL Qualified
logo
California Micro Device...
PAC27A01 CALMIRCO-PAC27A01 Datasheet
103Kb / 2P
   P/ACTIVE PRECISION VOLTAGE DIVIDER NETWORK
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com