Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFR-PAT4556WLF-50R0-3B Datasheet(PDF) 2 Page - IRC - a TT electronics Company.

Part # HFR-PAT4556WLF-50R0-3B
Description  High Frequency Surface Mount Attenuators
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

HFR-PAT4556WLF-50R0-3B Datasheet(HTML) 2 Page - IRC - a TT electronics Company.

  HFR-PAT4556WLF-50R0-3B Datasheet HTML 1Page - IRC - a TT electronics Company. HFR-PAT4556WLF-50R0-3B Datasheet HTML 2Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PAT-W Series Issue June 2008 Sheet 2 of 2
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Dimensions (mm)
W2
0.9 ± 0.10
L
4.20 ± 0.20
W
3.02 ± 0.20
t
0.80 ± 0.15
High Frequency
Surface Mount Attenuators
Physical Data
Prefix
HFR - PAT3042WLF - 50R0 - 3
A
Model
PAT3042WLF = Surface Mount Attenuator with
100% Sn Terminations
PAT4556WLF = Surface Mount Attenuator with
100% Sn Terminations
Impedance
50R0 = 50Ω
Attenuation
0, 1, 2, 3, 4, 5, 6, 7, 8, 9, 10, 16, 20dB
Attenuation Tolerance
A, B
Ordering Data
Bottom
View
1, 2: Input and output terminals 3: Ground Terminal 4: Overcoat 5: Alumina substrate 6: Thin film resistor
L
6
5
t
W
W2
Bottom
View
3
6
5
t
3
4
L
W
W2
Power Derating Curve
Dimensions (mm)
W2
1.39 ± 0.1
L
5.6 ± 0.2
W
4.5 ± 0.2
t
0.80 ± 0.15
2
3
3
1
3
1
2
1
2
3
3
3
1
3
3
2
3
3
25
70
125
100
60
0
Ambient Temperature (°C)
IRC Advanced Film Division


Similar Part No. - HFR-PAT4556WLF-50R0-3B

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
HFR-PAT0510SLF-C-0-B IRCTT-HFR-PAT0510SLF-C-0-B Datasheet
310Kb / 3P
   High Frequency Surface Mount Attenuators
HFR-PAT0510SLF-C-0-T IRCTT-HFR-PAT0510SLF-C-0-T Datasheet
310Kb / 3P
   High Frequency Surface Mount Attenuators
HFR-PAT0510SLF-C-1-B IRCTT-HFR-PAT0510SLF-C-1-B Datasheet
310Kb / 3P
   High Frequency Surface Mount Attenuators
HFR-PAT0510SLF-C-1-T IRCTT-HFR-PAT0510SLF-C-1-T Datasheet
310Kb / 3P
   High Frequency Surface Mount Attenuators
HFR-PAT0510SLF-C-10-B IRCTT-HFR-PAT0510SLF-C-10-B Datasheet
310Kb / 3P
   High Frequency Surface Mount Attenuators
More results

Similar Description - HFR-PAT4556WLF-50R0-3B

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
HFR-PCH1632LF IRCTT-HFR-PCH1632LF Datasheet
380Kb / 2P
   High Frequency Surface Mount Attenuators
HFR-RFA53SDLF-1GZ00 IRCTT-HFR-RFA53SDLF-1GZ00 Datasheet
619Kb / 4P
   High Frequency Surface Mount Attenuators
HFR-PAT0510SLF-C-0-T IRCTT-HFR-PAT0510SLF-C-0-T Datasheet
310Kb / 3P
   High Frequency Surface Mount Attenuators
HFR-RFA100LF-01020 IRCTT-HFR-RFA100LF-01020 Datasheet
442Kb / 4P
   High Frequency Surface Mount Attenuators
HFR-PAT1220-C-0-T IRCTT-HFR-PAT1220-C-0-T Datasheet
259Kb / 3P
   High Frequency Surface Mount Attenuators
logo
Anaren Microwave
RFP-250250-4AAXX ANAREN-RFP-250250-4AAXX Datasheet
483Kb / 2P
   Surface Mount Attenuators
logo
Micronetics, Inc.
8158 MICRONETICS-8158 Datasheet
36Kb / 1P
   SURFACE MOUNT ATTENUATORS
logo
List of Unclassifed Man...
RFP-250250-4AA ETC1-RFP-250250-4AA Datasheet
483Kb / 2P
   Surface Mount Attenuators 8 Watts
logo
IRC - a TT electronics ...
PFC-A1206-01-50R0-1D00 IRCTT-PFC-A1206-01-50R0-1D00 Datasheet
334Kb / 2P
   Thin Film Surface Mount Attenuators
logo
Welwyn Components Limit...
PFCA WELWYN-PFCA Datasheet
293Kb / 2P
   Thin Film Surface Mount Attenuators
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com