Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6221A30B7R-G Datasheet(PDF) 7 Page - Torex Semiconductor

Part # XC6221A30B7R-G
Description  Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6221A30B7R-G Datasheet(HTML) 7 Page - Torex Semiconductor

Back Button XC6221A30B7R-G Datasheet HTML 3Page - Torex Semiconductor XC6221A30B7R-G Datasheet HTML 4Page - Torex Semiconductor XC6221A30B7R-G Datasheet HTML 5Page - Torex Semiconductor XC6221A30B7R-G Datasheet HTML 6Page - Torex Semiconductor XC6221A30B7R-G Datasheet HTML 7Page - Torex Semiconductor XC6221A30B7R-G Datasheet HTML 8Page - Torex Semiconductor XC6221A30B7R-G Datasheet HTML 9Page - Torex Semiconductor XC6221A30B7R-G Datasheet HTML 10Page - Torex Semiconductor XC6221A30B7R-G Datasheet HTML 11Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
7/23
XC6221
Series
SYMBOL
E-0
E-1
E-2
NOMINAL
OUTPUT
VOLTAGE
(V)
OUTPUT VOLTAGE
Standard +2% (V)
OUTPUT VOLTAGE
High Accuracy +1% (V)
DROPOUT VOLTAGE
Vdif
(mV)
VOUT(E)
VOUT(E)
Vdif
VOUT(T)
MIN.
MAX.
MIN.
MAX.
TYP.
MAX.
3.00
2.9400
3.0600
2.9700
3.0300
3.05
2.8990
3.1100
3.0195
3.0805
3.10
3.0380
3.1620
3.0690
3.1310
3.15
3.0870
3.2130
3.1185
3.1815
3.20
3.1360
3.2640
3.1680
3.2320
3.25
3.1850
3.3150
3.2175
3.2825
3.30
3.2340
3.3660
3.2670
3.3330
3.35
3.2830
3.4170
3.3165
3.3835
3.40
3.3320
3.4680
3.3660
3.4340
3.45
3.3810
3.5190
3.4155
3.4845
3.50
3.4300
3.5700
3.4650
3.5350
3.55
3.4790
3.6210
3.5145
3.5855
3.60
3.5280
3.6720
3.5640
3.6360
3.65
3.5770
3.7230
3.6135
3.6855
3.70
3.6260
3.7740
3.6630
3.7370
3.75
3.6750
3.8250
3.7125
3.7875
3.80
3.7240
3.8760
3.7620
3.8380
3.85
3.7730
3.9270
3.8115
3.8885
3.90
3.8220
3.9780
3.8610
3.9390
3.95
3.8710
4.0290
3.9105
3.9895
4.00
3.9200
4.0800
3.9600
4.0400
4.05
3.9690
4.1310
4.0095
4.0905
4.10
4.0180
4.1820
4.0590
4.1410
4.15
4.0670
4.2330
4.1085
4.1915
4.20
4.1160
4.2840
4.1580
4.2420
4.25
4.1650
4.3350
4.2075
4.2925
4.30
4.2140
4.3860
4.2570
4.3430
4.35
4.2630
4.4370
4.3065
4.3935
4.40
4.3120
4.4880
4.3560
4.4440
4.45
4.3610
4.5390
4.4055
4.4945
4.50
4.4100
4.5900
4.4550
4.5450
4.55
4.4590
4.6410
4.5045
4.5955
4.60
4.5080
4.6920
4.5540
4.6460
4.65
4.5570
4.7430
4.6035
4.6965
4.70
4.6060
4.7940
4.6530
4.7470
4.75
4.6550
4.8450
4.7025
4.7975
4.80
4.7040
4.8960
4.7520
4.8480
4.85
4.7530
4.9470
4.8015
4.8985
4.90
4.8020
4.9980
4.8510
4.9490
4.95
4.8510
5.0490
4.9005
4.9995
5.00
4.9000
5.1000
4.9500
5.0500
80
140
* For the USPN-4 package, 0.8V≦VOUT(T)≦1.15V is under development.
OUTPUT VOLTAGE CHART (Continued)


Similar Part No. - XC6221A30B7R-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6221A TOREX-XC6221A Datasheet
407Kb / 20P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221A TOREX-XC6221A Datasheet
383Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221A252MR-G TOREX-XC6221A252MR-G Datasheet
472Kb / 28P
   Low ESR Caps Compatible High Speed LDO Voltage Regulator with ON/OFF Switch
More results

Similar Description - XC6221A30B7R-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6221 TOREX-XC6221 Datasheet
407Kb / 20P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_1 Datasheet
383Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221A252MR-G TOREX-XC6221A252MR-G Datasheet
472Kb / 28P
   Low ESR Caps Compatible High Speed LDO Voltage Regulator with ON/OFF Switch
XC6219 TOREX-XC6219_1 Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6219 TOREX-XC6219 Datasheet
248Kb / 18P
   High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
logo
ZP Semiconductor
XC6219 ZPSEMI-XC6219 Datasheet
810Kb / 18P
   HIGH SPEED LDO REGULATORS, LOW ESR CAP.COMPATIBLE ON/OFF SWITCH
logo
Torex Semiconductor
XC6204B182MR TOREX-XC6204B182MR Datasheet
1Mb / 28P
   (Can be used with low ESR Capacitor Compatible. ON-OFF Switch) High Speed LDO Regulators
logo
Advanced Monolithic Sys...
AMS6211 AMS-AMS6211 Datasheet
1Mb / 5P
   LOW ESR CAPS COMPATIBLE HIGH SPEED LDO VOLTAGE REGULATOR
AMS6221 AMS-AMS6221 Datasheet
1Mb / 3P
   LOW ESR CAPS COMPATIBLE HIGH SPEED LDO VOLTAGE REGULATOR
logo
Torex Semiconductor
XC6209 TOREX-XC6209 Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com