Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC2874N-1 Datasheet(PDF) 3 Page - Texas Instruments

Part # UC2874N-1
Description  High Efficiency, Synchronous, Step-down Buck Controllers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC2874N-1 Datasheet(HTML) 3 Page - Texas Instruments

  UC2874N-1 Datasheet HTML 1Page - Texas Instruments UC2874N-1 Datasheet HTML 2Page - Texas Instruments UC2874N-1 Datasheet HTML 3Page - Texas Instruments UC2874N-1 Datasheet HTML 4Page - Texas Instruments UC2874N-1 Datasheet HTML 5Page - Texas Instruments UC2874N-1 Datasheet HTML 6Page - Texas Instruments UC2874N-1 Datasheet HTML 7Page - Texas Instruments UC2874N-1 Datasheet HTML 8Page - Texas Instruments UC2874N-1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
UC1874-1,-2
UC2874-1,-2
UC3874-1,-2
ELECTRICAL CHARACTERISTICS: Unless otherwise stated these specifications apply for TA = –55°C to +125°C for
UC1874; TA = –25°C to +85°C for UC2874; 0°C to +70°C for UC3874; VCC = 12V, Ct = 680pF, CCAP = 1 F; CBOOT = 0.1 F;
TA =TJ.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Overall Section
Supply Current, Sleep
SOFTSTART = 0V; TA=25°C
30
75
A
Supply Current, Operating
8.5
12
mA
Supply Current, Standby
UC2874-1, -2, UC3874-1, -2
2.5
3.5
mA
Supply Current, Standby
UC1874-1, -2
5.5
mA
VCC Turn-on Threshold
UCX874-2
10
10.5
V
UCX874-1
4.5
4.8
V
VCC Turn-off Threshold
UCX874-2
8.2
9
V
UCX874-1
4.1
4.4
V
Voltage Amplifier Section
Input Voltage
TA = 25°C
1.97
2
2.03
V
VSNS Bias Current
–500
25
500
nA
Transconductance
ICOMp = +10 A to –10 A, UC3874 -1, -2;
UC2874-1, -2
400
675
1000
Mho
Transconductance
ICOMp = +5 A to –5 A, UC1874-1,-2
250
675
1250
Mho
VOUT High
2.8
3.1
3.25
V
VOUT Low
SB = VREF
1.85
V
Output Source Current
VOUT = 1V; UC3874-1,-2; UC2874-1,-2
10
35
A
VOUT = 1V; UC1874 -1,-2
5
35
A
Current Amplifier Section
Input Offset Voltage
VCOMP = 2.5V
–6
0
6
mV
Input Bias Current (SENSE)VCM = 2.5V
–500
500
nA
Open Loop Gain
VCM = 2.5V, VOUT = 1V to 3.5V
80
110
dB
VOUT High
RCAOUT = 100k to GND, TA = 25°C
3.6
3.7
V
VOUT Low
RCAOUT = 100k to VREF, TA = 25°C
0.7
0.86
V
Output Source Current
VOUT = 0V, TA = 25°C
80
100
120
A
Common Mode REJ Ratio
VCM = 2V to 3V
70
90
dB
Gain Bandwidth Product
FIN = 100kHz, 10mV p-p
2
3.5
MHz
Reference Section
Output Voltage
IREF = 0mA, TA = 25°C
2.462
2.5
2.538
V
IREF = 0mA
2.437
2.5
2.563
V
Load Regulation
IREF = 0mA to 5mA
2
± 15
mV
Line Regulation
VCC = 12V to 24V
2
± 15
mV
Short Circuit Current
VREF = 0V
10
20
25
mA
Oscillator Section
Initial Accuracy
TA = 25°C
85
100
115
kHz
Voltage Stability
VCC = 12V to 18V
1
1.5
%
Total Variation
Line, Temperature
80
120
kHz
Ramp Amplitude (p-p)
TA = 25°C
2.48
2.7
2.85
V
Ramp Valley Voltage
TA = 25°C
0.86
0.95
V
Sleep/Soft Start/Bootstrap Section
Sleep Threshold
Measured on SS, TA = 25°C
0.25
0.6
0.8
V
SS Charge Current
VSS = 2.5V
4
6
10
A
SS Discharge Current
VSS = 2.5V
0.5
0.8
mA


Similar Part No. - UC2874N-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2874N-1 TI1-UC2874N-1 Datasheet
417Kb / 12P
[Old version datasheet]   High Efficiency, Synchronous, Step-down (Buck) Controllers
UC2874N-1G4 TI1-UC2874N-1G4 Datasheet
417Kb / 12P
[Old version datasheet]   High Efficiency, Synchronous, Step-down (Buck) Controllers
More results

Similar Description - UC2874N-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3874N-2G4 TI1-UC3874N-2G4 Datasheet
417Kb / 12P
[Old version datasheet]   High Efficiency, Synchronous, Step-down (Buck) Controllers
UC3874N-2G4 TI-UC3874N-2G4 Datasheet
417Kb / 12P
[Old version datasheet]   High Efficiency, Synchronous, Step-down (Buck) Controllers
UC1874-1 TI-UC1874-1 Datasheet
409Kb / 10P
[Old version datasheet]   High Efficiency, Synchronous, Step-down (Buck) Controllers
logo
Linear Technology
LTC1147-5 LINER-LTC1147-5_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
logo
Analog Devices
ADP1147 AD-ADP1147 Datasheet
195Kb / 12P
   High Efficiency Step-Down Switching Regulator Controllers
REV. 0
logo
Linear Technology
LTC1147-3.3 LINER-LTC1147-3.3_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
LTC1147L LINER-LTC1147L_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
LTC1147-3.3 LINER-LTC1147-3.3 Datasheet
218Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
logo
Eutech Microelectronics...
EUP7117 EUTECH-EUP7117 Datasheet
108Kb / 1P
   High Efficiency, Synchronous Step-Down Controller
logo
Semtech Corporation
SC4602A SEMTECH-SC4602A Datasheet
353Kb / 18P
   High Efficiency Synchronous, Step Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com