Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC2874N-1 Datasheet(PDF) 7 Page - Texas Instruments

Part # UC2874N-1
Description  High Efficiency, Synchronous, Step-down Buck Controllers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC2874N-1 Datasheet(HTML) 7 Page - Texas Instruments

Back Button UC2874N-1 Datasheet HTML 2Page - Texas Instruments UC2874N-1 Datasheet HTML 3Page - Texas Instruments UC2874N-1 Datasheet HTML 4Page - Texas Instruments UC2874N-1 Datasheet HTML 5Page - Texas Instruments UC2874N-1 Datasheet HTML 6Page - Texas Instruments UC2874N-1 Datasheet HTML 7Page - Texas Instruments UC2874N-1 Datasheet HTML 8Page - Texas Instruments UC2874N-1 Datasheet HTML 9Page - Texas Instruments UC2874N-1 Datasheet HTML 10Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
UC1874-1,-2
UC2874-1,-2
UC3874-1,-2
VSNS pin through an external voltage divider. The differ-
ence between the voltage at VSNS and the internal ref-
erence level at the non-inverting input is amplified by the
voltage amplifier and applied to the non-inverting input of
the current amplifier. This instantaneous reference level
forms the current command input for the average current
control loop. The average current amplifier develops the
duty cycle command signal by integrating the current
feedback signal with respect to the instantaneous current
command input. This output is compared to the fixed
high amplitude oscillator ramp waveform at the inputs of
the PWM comparator to develop duty cycle information
for the PWM drive. The large amplitude oscillator ramp
provides both high noise margin and built-in slope com-
pensation in average current mode control methodology.
The fixed frequency oscillator is programmed with a sin-
gle external capacitor connected between CT and GND,
and is capable of switching frequencies up to 300kHz.
The UC3874 can be synchronized to an external clock
by capacitively coupling the signal to the junction of the
capacitor at CT and a low value resistor tied to GND. Re-
fer to Application Note U-111.
The PWM drive signal is applied to the complementary
output driver stages. Since the high side switch is an N-
channel MOSFET, a means for driving its gate above
VCC is required. This is accomplished via the internal
11V regulator and an external capacitor (CBST). CBST is
charged through an external diode to VCC or CAP when
the low side MOSFET is on. The charging level on Cbst
is internally regulated to 11V minus an external diode
drop by the UC3874 as long as VCC is above 11V. When
the low side MOSFET turns off, CBST is applied across
the gate to the source of the upper MOSFET allowing it
to begin turn-on. As the upper MOSFET turns on, it lifts
or bootstraps the low end of CBST, along with its source.
Shortly thereafter, the source voltage level is reduced by
RDS(on) · Iload below VCC. When VCC < 10V, Vgs for
the high side MOSFET is approximately equal to VCC. If
VCC < 8V, logic level MOSFETs are recommended. In
these applications, CAP should be shorted to VCC and
an external Schottky diode is connected between
CAP/VCC and BOOT. For low battery applications, a syn-
chronous regulator must be capable of LDO or 100%
duty cycle operation. The UC3874 includes circuitry to
insure that this mode of operation is possible even
though it uses a bootstrapped drive technique for the
high side MOSFET. During commanded 100% duty cycle
operation, the UC3874 monitors the Vgs drive signal ap-
plied to the high side MOSFET, and automatically pro-
vides complementary pulses to refresh the bootstrap
capacitor when this voltage falls below a set threshold. In
this way, near 100% duty cycle operation is possible, with
effective duty cycle dependent only upon the value of
CBST.
High efficiency is obtained primarily by the low side
MOSFET which replaces the Schottky diode in the stan-
dard buck configuration. Its low Rds(on) produces a
much lower voltage drop than a low VF Schottky diode.
As output voltages get lower, these improvements be-
come more evident. Additional efficiency improvements
at light regulator load currents are obtained by automatic
switchover to standby mode. In standby mode, the
UC3874 disables its MOSFET drivers and oscillator sav-
ing both quiescent supply current consumption and more
importantly MOSFET gate drive charge current. Standby
mode is initiated when the output inductor current has
dropped to a user programmable fraction of the designed
full load current. Programmability is easily attained by
setting the SB pin to a voltage level between 0V and 1V,
which corresponds to 50% to 0% of the peak load cur-
rent. In this manner, the user can accurately determine
when standby mode is initiated, giving the flexibility to di-
rectly shape the efficiency vs. load curve. In standby
mode, all output current requirements are handled by the
output capacitor. Since the output capacitor isn’t being
refreshed by the PWM converter, the output voltage will
decay at a rate determined by the load current and the
output capacitor value:
dV
dT
I
C
LOAD
OUT
=
Normal operation returns when the output voltage has
decayed by approximately 1% from its nominal value.
Standby operation can be easily disabled by connecting
the SB pin directly to VREF. Another efficiency consid-
eration is the the possibility of reverse current in the out-
put inductor. For a non-synchronous regulator this isn’t a
problem since the diode will block reverse current, allow-
ing discontinuous inductor current operation at light
loads. Since the synchronous regulator replaces the di-
ode with a switch, reverse current can and will flow if the
low side switch is on when the inductor is depleted. The
UC3874 includes circuitry to prevent reverse current from
flowing in the inductor by disabling the low side gate
drive signal during discontinuous mode operation. This
increases efficiency by eliminating unnecessary I2R
losses in the MOSFET and the inductor.
Soft start is recommended for Buck converters to reduce
stress on the power components during startup, and to
reduce overshoot of the output voltage. This improves
reliability. The UC3874 includes a user programmable
soft start pin to implement this feature. An internal 10mA
current source charges the external soft start capacitor
which provides a clamp at the output of the voltage


Similar Part No. - UC2874N-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2874N-1 TI1-UC2874N-1 Datasheet
417Kb / 12P
[Old version datasheet]   High Efficiency, Synchronous, Step-down (Buck) Controllers
UC2874N-1G4 TI1-UC2874N-1G4 Datasheet
417Kb / 12P
[Old version datasheet]   High Efficiency, Synchronous, Step-down (Buck) Controllers
More results

Similar Description - UC2874N-1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3874N-2G4 TI1-UC3874N-2G4 Datasheet
417Kb / 12P
[Old version datasheet]   High Efficiency, Synchronous, Step-down (Buck) Controllers
UC3874N-2G4 TI-UC3874N-2G4 Datasheet
417Kb / 12P
[Old version datasheet]   High Efficiency, Synchronous, Step-down (Buck) Controllers
UC1874-1 TI-UC1874-1 Datasheet
409Kb / 10P
[Old version datasheet]   High Efficiency, Synchronous, Step-down (Buck) Controllers
logo
Linear Technology
LTC1147-5 LINER-LTC1147-5_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
logo
Analog Devices
ADP1147 AD-ADP1147 Datasheet
195Kb / 12P
   High Efficiency Step-Down Switching Regulator Controllers
REV. 0
logo
Linear Technology
LTC1147-3.3 LINER-LTC1147-3.3_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
LTC1147L LINER-LTC1147L_15 Datasheet
228Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
LTC1147-3.3 LINER-LTC1147-3.3 Datasheet
218Kb / 16P
   High Efficiency Step-Down Switching Regulator Controllers
logo
Eutech Microelectronics...
EUP7117 EUTECH-EUP7117 Datasheet
108Kb / 1P
   High Efficiency, Synchronous Step-Down Controller
logo
Semtech Corporation
SC4602A SEMTECH-SC4602A Datasheet
353Kb / 18P
   High Efficiency Synchronous, Step Down Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com