Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFR-PAT1220-D-9-T Datasheet(PDF) 2 Page - IRC - a TT electronics Company.

Part # HFR-PAT1220-D-9-T
Description  High Frequency Surface Mount Attenuators
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

HFR-PAT1220-D-9-T Datasheet(HTML) 2 Page - IRC - a TT electronics Company.

  HFR-PAT1220-D-9-T Datasheet HTML 1Page - IRC - a TT electronics Company. HFR-PAT1220-D-9-T Datasheet HTML 2Page - IRC - a TT electronics Company. HFR-PAT1220-D-9-T Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
IRC Advanced Film Division
© IRC Advanced Film Division • Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Email: afdsales@irctt.com • Website: www.irctt.com
Series Issue October 2006
PAT
High Frequency
Surface Mount Attenuators
Physical Data
3
4
1: Electrode (surface soldering and lead-free possible) 2: Covering resin 3: Alumina substrate 4: Thin film resistor 5: Mark (shows impedance, attenuations and date)
a
Dimensions (mm)
L
2.00 ±0.10
W
1.25 ±0.10
t
0.40 ±0.10
a
0.50 ±0.20
b
0.60 ±0.20
W1
0.40 ±0.20
W2
0.40 ±0.20
W3
0.35 ±0.20
b1
0.70 ±0.10
b2
0.50 ±0.10
b3
0.70 ±0.10
a1
0.80 ±0.10
a2
2.30 ±0.10
t
Dimensions (mm)
L
3.20 ±0.20
W
1.60 ±0.20
t
0.40 ±0.10
a
1.00 ±0.25
b
1.00 ±0.20
W1
0.55 ±0.25
W2
0.40 ±0.25
W3
0.40 ±0.20
b1
1.00 ±0.20
b2
0.65 ±0.20
b3
0.80 ±0.10
a1
1.20 ±0.20
a2
3.40 ±0.20
Dimensions (mm)
C (50W)
D (75W)
L
4.20 ±0.20
W
3.00 ±0.20
t
0.80 ±0.15
a
0.80 ±0.20
b
0.50 ±0.20
0.30 ±0.20
Lb
3.10 ±0.20
3.50 ±0.20
Wa
1.05 ±0.20
1.55 ±0.20
Wb
0.95 ±0.20
1.55 ±0.20
W1
0.95 ±0.20
0.55 ±0.20
W2
0.80 ±0.20
0.60 ±0.20
W3
0.95 ±0.20
0.55 ±0.20
W4
0.90 ±0.20
0.60 ±0.20
Wb
0.95 ±0.20
1.55 ±0.20
a
1
b
b
a1
a1
a2
b1
L
2
5
t
C01
a1
a1
b1
Lb
3
4
C (50W)
D (75W)
b1
2.90 ±0.20
3.30 ±0.20
b2
0.90 ±0.20
1.10 ±0.20
b3
1.10 ±0.20
1.00 ±0.20
a1
1.20 ±0.20
1.00 ±0.20
a2
5.30 ±0.20
5.30 ±0.20
C07
K
1: Electrode (surface soldering and lead-free possible) 2: Covering resin 3: Alumina substrate 4: Thin film resistor 5: Mark (shows impedance, attenuations and date)
1: Electrode (surface soldering and lead-free possible) 2: Covering resin 3: Alumina substrate 4: Thin film resistor 5: Mark (shows impedance, attenuations and date)
a1
a1
a2
b1
3
4
t
a
a
L
2
5
b
b
L
b
2
5
b
a2
W1
W2
W3
W3
W1
W2
W3
W3
W1
W2
W3
W4
W
a
a
b2
b3
b3
W
b2
b3
b3
W
b2
b3
b3
Wa
Wb
38
Sheet 2 of 3


Similar Part No. - HFR-PAT1220-D-9-T

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
HFR-PAT1220LF-C-0-B IRCTT-HFR-PAT1220LF-C-0-B Datasheet
310Kb / 3P
   High Frequency Surface Mount Attenuators
HFR-PAT1220LF-C-0-T IRCTT-HFR-PAT1220LF-C-0-T Datasheet
310Kb / 3P
   High Frequency Surface Mount Attenuators
HFR-PAT1220LF-C-1-B IRCTT-HFR-PAT1220LF-C-1-B Datasheet
310Kb / 3P
   High Frequency Surface Mount Attenuators
HFR-PAT1220LF-C-1-T IRCTT-HFR-PAT1220LF-C-1-T Datasheet
310Kb / 3P
   High Frequency Surface Mount Attenuators
HFR-PAT1220LF-C-10-B IRCTT-HFR-PAT1220LF-C-10-B Datasheet
310Kb / 3P
   High Frequency Surface Mount Attenuators
More results

Similar Description - HFR-PAT1220-D-9-T

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
HFR-PCH1632LF IRCTT-HFR-PCH1632LF Datasheet
380Kb / 2P
   High Frequency Surface Mount Attenuators
HFR-RFA53SDLF-1GZ00 IRCTT-HFR-RFA53SDLF-1GZ00 Datasheet
619Kb / 4P
   High Frequency Surface Mount Attenuators
HFR-PAT0510SLF-C-0-T IRCTT-HFR-PAT0510SLF-C-0-T Datasheet
310Kb / 3P
   High Frequency Surface Mount Attenuators
HFR-RFA100LF-01020 IRCTT-HFR-RFA100LF-01020 Datasheet
442Kb / 4P
   High Frequency Surface Mount Attenuators
HFR-PAT3042WLF-50R0-0A IRCTT-HFR-PAT3042WLF-50R0-0A Datasheet
358Kb / 2P
   High Frequency Surface Mount Attenuators
logo
Anaren Microwave
RFP-250250-4AAXX ANAREN-RFP-250250-4AAXX Datasheet
483Kb / 2P
   Surface Mount Attenuators
logo
Micronetics, Inc.
8158 MICRONETICS-8158 Datasheet
36Kb / 1P
   SURFACE MOUNT ATTENUATORS
logo
List of Unclassifed Man...
RFP-250250-4AA ETC1-RFP-250250-4AA Datasheet
483Kb / 2P
   Surface Mount Attenuators 8 Watts
logo
IRC - a TT electronics ...
PFC-A1206-01-50R0-1D00 IRCTT-PFC-A1206-01-50R0-1D00 Datasheet
334Kb / 2P
   Thin Film Surface Mount Attenuators
logo
Welwyn Components Limit...
PFCA WELWYN-PFCA Datasheet
293Kb / 2P
   Thin Film Surface Mount Attenuators
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com