Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFR-PAT1632LF-D-5-T Datasheet(PDF) 3 Page - IRC - a TT electronics Company.

Part # HFR-PAT1632LF-D-5-T
Description  High Frequency Surface Mount Attenuators
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

HFR-PAT1632LF-D-5-T Datasheet(HTML) 3 Page - IRC - a TT electronics Company.

  HFR-PAT1632LF-D-5-T Datasheet HTML 1Page - IRC - a TT electronics Company. HFR-PAT1632LF-D-5-T Datasheet HTML 2Page - IRC - a TT electronics Company. HFR-PAT1632LF-D-5-T Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
PAT-S Series Issue February 2009 Sheet 3 of 3
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Prefix
HFR - PAT1220LF - C - 3dB - T(5)
Model
PAT0510SLF; PAT0816LF; PAT1220LF; PAT1632LF
PAT3042SLF
Impedence
C = 50Ω; D = 75Ω
Attenuation
0, 1, 2, 3, 4, 5, 6, 7, 8, 9, 10, 16, 20dB
Package
T = Tape, B = Bulk, Taping Quantity Unit: 5 (5000), 1 (1000)
Power Derating Curve
Ordering Data
25
70
125
100
60
10
Ambient Temperature (°C)
Test Condition
Tolerance
Attenuation
∆ Impedance
Short Time Overload
2.5 x rated voltage, 5 sec
±0.03dB
±0.5%
Load Life
1000 Hours, 70°C
±0.05dB
±1.0%
Moisture Resistance
1000 Hours, 60°C, 95% RH
±0.05dB
±1.0%
Temperature Cycle
5 Cycles, 125°C High, -55°C Low
±0.03dB
±0.5%
Resistance to Solder Heat
260°C, 10 sec.
±0.03dB
±0.5%
Terminal Strength
Fulcrum dist: 90mm, Bending width: 3mm
Substrate: Glass epoxy t=1.6mm
±0.03dB
±0.5%
Solderability
235°C, 3 sec.
>95% coverage
Insulation Resistance
500V, 1 minute
>1000MΩ
Environmental Data
High Frequency
Surface Mount Attenuators


Similar Part No. - HFR-PAT1632LF-D-5-T

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
HFR-PAT1632-C-0-B IRCTT-HFR-PAT1632-C-0-B Datasheet
259Kb / 3P
   High Frequency Surface Mount Attenuators
HFR-PAT1632-C-0-T IRCTT-HFR-PAT1632-C-0-T Datasheet
259Kb / 3P
   High Frequency Surface Mount Attenuators
HFR-PAT1632-C-1-B IRCTT-HFR-PAT1632-C-1-B Datasheet
259Kb / 3P
   High Frequency Surface Mount Attenuators
HFR-PAT1632-C-1-T IRCTT-HFR-PAT1632-C-1-T Datasheet
259Kb / 3P
   High Frequency Surface Mount Attenuators
HFR-PAT1632-C-10-B IRCTT-HFR-PAT1632-C-10-B Datasheet
259Kb / 3P
   High Frequency Surface Mount Attenuators
More results

Similar Description - HFR-PAT1632LF-D-5-T

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
HFR-PCH1632LF IRCTT-HFR-PCH1632LF Datasheet
380Kb / 2P
   High Frequency Surface Mount Attenuators
HFR-RFA53SDLF-1GZ00 IRCTT-HFR-RFA53SDLF-1GZ00 Datasheet
619Kb / 4P
   High Frequency Surface Mount Attenuators
HFR-RFA100LF-01020 IRCTT-HFR-RFA100LF-01020 Datasheet
442Kb / 4P
   High Frequency Surface Mount Attenuators
HFR-PAT1220-C-0-T IRCTT-HFR-PAT1220-C-0-T Datasheet
259Kb / 3P
   High Frequency Surface Mount Attenuators
HFR-PAT3042WLF-50R0-0A IRCTT-HFR-PAT3042WLF-50R0-0A Datasheet
358Kb / 2P
   High Frequency Surface Mount Attenuators
logo
Anaren Microwave
RFP-250250-4AAXX ANAREN-RFP-250250-4AAXX Datasheet
483Kb / 2P
   Surface Mount Attenuators
logo
Micronetics, Inc.
8158 MICRONETICS-8158 Datasheet
36Kb / 1P
   SURFACE MOUNT ATTENUATORS
logo
List of Unclassifed Man...
RFP-250250-4AA ETC1-RFP-250250-4AA Datasheet
483Kb / 2P
   Surface Mount Attenuators 8 Watts
logo
IRC - a TT electronics ...
PFC-A1206-01-50R0-1D00 IRCTT-PFC-A1206-01-50R0-1D00 Datasheet
334Kb / 2P
   Thin Film Surface Mount Attenuators
logo
Welwyn Components Limit...
PFCA WELWYN-PFCA Datasheet
293Kb / 2P
   Thin Film Surface Mount Attenuators
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com