Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC5280 Datasheet(PDF) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

Part # 2SC5280
Description  Silicon NPN Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JMNIC [Quanzhou Jinmei Electronic Co.,Ltd.]
Direct Link  http://www.jmnic.com
Logo JMNIC - Quanzhou Jinmei Electronic Co.,Ltd.

2SC5280 Datasheet(HTML) 2 Page - Quanzhou Jinmei Electronic Co.,Ltd.

  2SC5280 Datasheet HTML 1Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SC5280 Datasheet HTML 2Page - Quanzhou Jinmei Electronic Co.,Ltd. 2SC5280 Datasheet HTML 3Page - Quanzhou Jinmei Electronic Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Specification
www.jmnic.com
JMnic
Silicon NPN Power Transistors
2SC5280
CHARACTERISTICS
Tj=25℃ unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
VCEsat
Collector-emitter saturation voltage
IC=6A;IB=1.5 A
5
V
VBEsat
Base-emitter saturation voltage
IC=6A;IB=1.5 A
1.0
1.5
V
V(BR)EBO
Emitter-base breakdown voltage
IE=400mA;IC=0
5
V
IEBO
Emitter cut-off current
VEB=5V; IC=0
72
250
mA
ICBO
Collector cut-off current
VCB=1500V; IE=0
1
mA
hFE-1
DC current gain
IC=1 A ; VCE=5V
10
35
hFE-2
DC current gain
IC=6A ; VCE=5V
4
8.5
fT
Transition frequency
IE=0.1A ; VCE=10V
2
MHz
COB
Collector output capacitance
IE=0 ; VCB=10V;f=1MHz
115
pF
VF
Diode forward voltage
IF=6A
1.4
1.8
V
Switching times
tstg
Storage time
4
6
μs
tf
Fall time
ICP=6A;IB1(end)=1.2A
fH=31.5kHz
0.2
0.5
μs


Similar Part No. - 2SC5280

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC5280 TOSHIBA-2SC5280 Datasheet
235Kb / 5P
   NPN TRIPLE DIFFUSED MESA TYPE (HORIZONTAL DEFLECTION OUTPUT FOR MEDIUM RESOLUTION DISPLAY, COLOR TV. HIGH SPEED SWITCHING APPLICATIONS)
logo
Savantic, Inc.
2SC5280 SAVANTIC-2SC5280 Datasheet
321Kb / 4P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC5280 ISC-2SC5280 Datasheet
207Kb / 4P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC5280 SAVANTIC-2SC5280 Datasheet
323Kb / 4P
   Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
2SC5280 NJSEMI-2SC5280 Datasheet
130Kb / 2P
   Silicon NPN Power Transistor
More results

Similar Description - 2SC5280

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com