Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6221B302NR-G Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC6221B302NR-G
Description  Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6221B302NR-G Datasheet(HTML) 5 Page - Torex Semiconductor

  XC6221B302NR-G Datasheet HTML 1Page - Torex Semiconductor XC6221B302NR-G Datasheet HTML 2Page - Torex Semiconductor XC6221B302NR-G Datasheet HTML 3Page - Torex Semiconductor XC6221B302NR-G Datasheet HTML 4Page - Torex Semiconductor XC6221B302NR-G Datasheet HTML 5Page - Torex Semiconductor XC6221B302NR-G Datasheet HTML 6Page - Torex Semiconductor XC6221B302NR-G Datasheet HTML 7Page - Torex Semiconductor XC6221B302NR-G Datasheet HTML 8Page - Torex Semiconductor XC6221B302NR-G Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
5/23
XC6221
Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS CIRCUIT
1.5V<VOUT(T), VCE=VIN, IOUT=10mA
x 0.98
(*3)
x 1.02
(*3)
Output Voltage
(Standard)
VOUT(E)
(* 2)
VOUT<1.45V, VCE=VIN, IOUT=10mA
-0.03
(*3)
VOUT(T)
(*4)
+0.03
(*3)
V
2.0V<VOUT(T), VCE=VIN, IOUT=10mA
x 0.99
(*3)
x 1.01
(*3)
Output Voltage
(High Accuracy)
VOUT(E)
(* 2)
VOUT(T)<1.95V, VCE=VIN, IOUT=10mA
-0.02
(*3)
VOUT(T)
(*4)
+0.02
(*3)
V
Output Current
IOUTMAX
VCE=VIN, VIN=VOUT(T)+1.0V,
0.8V<VOUT(T)<5.0V
200
250
-
mA
Load Regulation
VOUT
VCE=VIN,
0.1mA≦IOUT≦100mA
-
10
40
mV
Dropout Voltage
(*5)
Vdif
VCE=VIN, IOUT=100mA
E-2
mV
Supply Current
ISS
VIN=VOUT+1.0V, IOUT=0mA
-
25
50
μ
A
Standby Current
ISTBY
VIN=6.0V, VCE=VSS
-
0.01
0.10
μ
A
VOUT(T)+0.5V≦VIN≦6.0V
1.1≦VOUT(T), VCE=VIN, IOUT=10mA
Line Regulation
VOUT /
( VIN・VOUT)
1.6V≦VIN≦6.0V
VOUT(T)≦1.05V, VCE=VIN, IOUT=10mA
-
0.01
0.20
%/V
Input Voltage
VIN
1.6
-
6.0
V
Output Voltage
Temperature Characteristics
VOUT /
( Ta・VOUT)
VCE=VIN,
IOUT=30mA, -40℃<Ta<85℃
-
±
100
-
ppm/℃
VIN=5.75VDC+0.5Vp-pAC
4.75V≦VOUT(T)
VCE=VIN, IOUT=30mA, f=1kHz
VIN={VOUT(T)+1.0}VDC+0.5Vp-pAC
4.05V≦VOUT(T)≦4.7V
VCE=VIN, IOUT=30mA, f=1kHz
60
VIN={VOUT(T)+1.0}VDC+0.5Vp-pAC
0.85V≦VOUT(T)≦4.0V
VCE=VIN, IOUT=30mA, f=1kHz
Ripple Rejection Rate
PSRR
VIN=1.85VDC+0.5Vp-pAC
VOUT(T)=0.8V
VCE=VIN, IOUT=30mA, f=1kHz
-
70
-
dB
Limit Current
I
LI M
VCE=VIN
200
250
-
mA
Short Current
I
SHORT
VCE=VIN, VOUT is short-circuited at the
VSS level
-
30
-
mA
CE High Level Voltage
VCEH
1.2
-
6.0
V
CE Low Level Voltage
VCEL
-
-
0.3
V
VCE=VIN (XC6221A/B)
-0.1
-
0.1
CE High Level Current
ICEH
VCE=6.0V (XC6221C/D)
1.03
-
2.37
μ
A
CE Low Level Current
ICEL
VCE=VSS
-0.1
-
0.1
μ
A
CL Auto-Discharge
Resistance
(* 8)
R
DCHG
VIN=6.0V, VOUT(T)=4.0V, VCE=VSS
-
780
-
Ω
ELECTRICAL CHARACTERISTICS
Ta=25℃
XC6221A/BC/D series
NOTE:
* 1: Unless otherwise stated regarding input voltage conditions, VIN=VOUT(T)+1.0V.
* 2: VOUT (E) = Effective output voltage (Refer to the voltage chart E-0 and E-1)
(I.e. the output voltage when HS mode and an amply stabilized "VOUT (T) +1.0V" is provided at the VIN pin while maintaining a
certain IOUT value.)
* 3: The relation between VOU T (E) and VOUT (T) is shown in the voltage chart E-0 and E-1.
* 4: VOUT (T) = Nominal output voltage
* 5: Vdif = {VIN1
(*7)-VOUT1(*6)}
* 6: VOUT1 is the voltage equal to 98% of the normal output voltage when amply stabilized VOUT (T) +1.0V are input at the VIN pin.
* 7: VIN1 is the input voltage when VOUT1 appears at the VOUT pin while input voltage is gradually decreased.
* 8: For the XC6221B series only. The XC6221A series discharges by resistors R1 and R2 only as shown in the block diagrams.
* 9: For operating supply current of the XC6221C/D, a current through the pull-down resistor should be considered in addition to the
supply current value mentioned above.


Similar Part No. - XC6221B302NR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6221B TOREX-XC6221B Datasheet
407Kb / 20P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221B TOREX-XC6221B Datasheet
383Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
More results

Similar Description - XC6221B302NR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6221 TOREX-XC6221 Datasheet
407Kb / 20P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_1 Datasheet
383Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221A252MR-G TOREX-XC6221A252MR-G Datasheet
472Kb / 28P
   Low ESR Caps Compatible High Speed LDO Voltage Regulator with ON/OFF Switch
XC6219 TOREX-XC6219_1 Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6219 TOREX-XC6219 Datasheet
248Kb / 18P
   High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
logo
ZP Semiconductor
XC6219 ZPSEMI-XC6219 Datasheet
810Kb / 18P
   HIGH SPEED LDO REGULATORS, LOW ESR CAP.COMPATIBLE ON/OFF SWITCH
logo
Torex Semiconductor
XC6204B182MR TOREX-XC6204B182MR Datasheet
1Mb / 28P
   (Can be used with low ESR Capacitor Compatible. ON-OFF Switch) High Speed LDO Regulators
logo
Advanced Monolithic Sys...
AMS6211 AMS-AMS6211 Datasheet
1Mb / 5P
   LOW ESR CAPS COMPATIBLE HIGH SPEED LDO VOLTAGE REGULATOR
AMS6221 AMS-AMS6221 Datasheet
1Mb / 3P
   LOW ESR CAPS COMPATIBLE HIGH SPEED LDO VOLTAGE REGULATOR
logo
Torex Semiconductor
XC6209 TOREX-XC6209 Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com