Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6216DA61FR-G Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC6216DA61FR-G
Description  Voltage Regulators with Stand-by Function - Input Voltage: 28V
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6216DA61FR-G Datasheet(HTML) 5 Page - Torex Semiconductor

  XC6216DA61FR-G Datasheet HTML 1Page - Torex Semiconductor XC6216DA61FR-G Datasheet HTML 2Page - Torex Semiconductor XC6216DA61FR-G Datasheet HTML 3Page - Torex Semiconductor XC6216DA61FR-G Datasheet HTML 4Page - Torex Semiconductor XC6216DA61FR-G Datasheet HTML 5Page - Torex Semiconductor XC6216DA61FR-G Datasheet HTML 6Page - Torex Semiconductor XC6216DA61FR-G Datasheet HTML 7Page - Torex Semiconductor XC6216DA61FR-G Datasheet HTML 8Page - Torex Semiconductor XC6216DA61FR-G Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 43 page
background image
5/43
XC6216/XE6216
Series
PARAMETER
SYMBOL
RATINGS
UNITS
Input Voltage
VIN
VSS-0.3~30
V
Output Current
IOUT
300
(*1)
mA
Output Voltage
VOUT
VSS-0.3~VIN+0.3
V
CE Input Voltage
VCE
VSS-0.3~30
V
250
SOT-25
600 (PCB mounted)
(*2)
500
SOT-89-5
1300 (PCB mounted)
(*2)
100
Power Dissipation
USP-6C
Pd
1000 (PCB mounted)
(*2)
mW
(Ta=25℃)
Operating Temperature Range
Topr
-40~+85
Storage Temperature Range
Tstg
-55~+125
PARAMETER
SYMBOL
RATINGS
UNITS
Input Voltage
VIN
VSS-0.3~30
V
Output Current
IOUT
300
(*1)
mA
Output Voltage
VOUT
VSS-0.3~VIN+0.3
V
CE Input Voltage
VCE
VSS-0.3 ~ 30
V
FB Voltage
VOFB
VSS-0.3 ~ 30
V
250
SOT-25
600 (PCB mounted)
(*2)
500
SOT-89-5
1300 (PCB mounted)
(*2)
100
Power Dissipation
USP-6C
Pd
1000 (PCB mounted)
(*2)
mW
(Ta=25℃)
Operating Temperature Range
Topr
-40~+85
Storage Temperature Range
Tstg
-55~+125
PARAMETER
SYMBOL
RATINGS
UNITS
Input Voltage
VIN
VSS-0.3~30
V
Output Current
IOUT
300
(*1)
mA
Output Voltage
VOUT
VSS-0.3~VIN+0.3
V
SOT-89
500
300
SOT-223
1500 (PCB mounted)
(*2)
Power Dissipation
TO-252
Pd
500
mW
(Ta=25℃)
Operating Temperature Range
Topr
-40~+85
Storage Temperature Range
Tstg
-55~+125
*1: IOUT≦Pd / (VIN-VOUT)
*2: The power dissipation figure shown is PCB mounted. Please refer to pages 37 ~ 40 for details.
XC6216C Series
XC6216D Series
XC6216B Series
*1: IOUT≦Pd / (VIN-VOUT)
*2: The power dissipation figure shown is PCB mounted. Please refer to pages 37 ~ 40 for details.
*1: IOUT≦Pd / (VIN-VOUT)
*2: The power dissipation figure shown is PCB mounted. Please refer to pages 37 ~ 40 for details.
ABSOLUTE MAXIMUM RATINGS


Similar Part No. - XC6216DA61FR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6216DA01ML TOREX-XC6216DA01ML Datasheet
722Kb / 41P
   Voltage Regulators with Stand-by Function - Input Voltage: 28V
XC6216DA01MR TOREX-XC6216DA01MR Datasheet
722Kb / 41P
   Voltage Regulators with Stand-by Function - Input Voltage: 28V
XC6216DA01PL TOREX-XC6216DA01PL Datasheet
722Kb / 41P
   Voltage Regulators with Stand-by Function - Input Voltage: 28V
XC6216DA01PR TOREX-XC6216DA01PR Datasheet
722Kb / 41P
   Voltage Regulators with Stand-by Function - Input Voltage: 28V
XC6216DA02ML TOREX-XC6216DA02ML Datasheet
722Kb / 41P
   Voltage Regulators with Stand-by Function - Input Voltage: 28V
More results

Similar Description - XC6216DA61FR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6216 TOREX-XC6216_2 Datasheet
722Kb / 41P
   Voltage Regulators with Stand-by Function - Input Voltage: 28V
XC6216 TOREX-XC6216_1 Datasheet
513Kb / 29P
   Voltage Regulators with Stand-by Function - Input Voltage: 28V
XC6701 TOREX-XC6701_1 Datasheet
530Kb / 31P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XC6701 TOREX-XC6701 Datasheet
483Kb / 32P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XC6701 TOREX-XC6701_2 Datasheet
588Kb / 35P
   28V Operation High Speed Voltage Regulators with Stand-by Function
XD6216 TOREX-XD6216 Datasheet
747Kb / 18P
   28V Low Power Consumption 150mA Voltage Regulators (with Stand-by Function)
XC6216 TOREX-XC6216 Datasheet
330Kb / 12P
   Voltage Regullators with Stand-by Function-Input Voltage: 30V
XD6506 TOREX-XD6506 Datasheet
1,015Kb / 24P
   Ultra-Low Quiescent Current Voltage Regulator (with Stand-by Function)
logo
NIHON DEMPA KOGYO
NT2016SD NDK-NT2016SD Datasheet
299Kb / 1P
   Equipped with the temperature sensor voltage output function and Enable / Disable(Stand-by) function (VC-TCXO) NT2016S Series
logo
STMicroelectronics
LM2931 STMICROELECTRONICS-LM2931 Datasheet
361Kb / 19P
   VERY LOW DROP VOLTAGE REGULATORS WITH INHIBIT FUNCTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com