Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6501D281MR-G Datasheet(PDF) 10 Page - Torex Semiconductor

Part # XC6501D281MR-G
Description  Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6501D281MR-G Datasheet(HTML) 10 Page - Torex Semiconductor

Back Button XC6501D281MR-G Datasheet HTML 6Page - Torex Semiconductor XC6501D281MR-G Datasheet HTML 7Page - Torex Semiconductor XC6501D281MR-G Datasheet HTML 8Page - Torex Semiconductor XC6501D281MR-G Datasheet HTML 9Page - Torex Semiconductor XC6501D281MR-G Datasheet HTML 10Page - Torex Semiconductor XC6501D281MR-G Datasheet HTML 11Page - Torex Semiconductor XC6501D281MR-G Datasheet HTML 12Page - Torex Semiconductor XC6501D281MR-G Datasheet HTML 13Page - Torex Semiconductor XC6501D281MR-G Datasheet HTML 14Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
10/21
XC6501 Series
  (2) Output Voltage vs. Input Voltage
Ta = 25℃
CIN = 0.1μF (ceramic)
Ta = 25℃
CIN = 0.1μF (ceramic)
Ta = 25℃
CIN = 0.1μF (ceramic)
Ta = 25℃
CIN = 0.1μF (ceramic)
Ta = 25℃
CIN = 0.1μF (ceramic)
Ta = 25℃
CIN = 0.1μF (ceramic)
XC6501x281
2.74
2.76
2.78
2.80
2.82
2.84
2.86
3.2
3.9
4.6
5.3
6.0
Input Voltage: VIN [V]
XC6501x121
1.14
1.16
1.18
1.20
1.22
1.24
1.26
2.0
3.0
4.0
5.0
6.0
Input Voltage: VIN [V]
IOUT = 10mA
IOUT = 30mA
IOUT = 100mA
XC6501x121
0.4
0.6
0.8
1.0
1.2
1.4
0.5
1.0
1.5
2.0
2.5
Input Voltage: VIN [V]
XC6501x281
2.0
2.2
2.4
2.6
2.8
3.0
2.0
2.5
3.0
3.5
4.0
Input Voltage: VIN [V]
XC6501x501
4.2
4.4
4.6
4.8
5.0
5.2
4.0
4.5
5.0
5.5
6.0
Input Voltage: VIN [V]
XC6501x501
4.94
4.96
4.98
5.00
5.02
5.04
5.06
5.2
5.4
5.6
5.8
6.0
Input Voltage: VIN [V]
IOUT = 10mA
IOUT = 30mA
IOUT = 100mA
IOUT = 10mA
IOUT = 30mA
IOUT = 100mA
IOUT = 10mA
IOUT = 30mA
IOUT = 100mA
IOUT = 10mA
IOUT = 30mA
IOUT = 100mA
IOUT = 10mA
IOUT = 30mA
IOUT = 100mA
■TYPICAL PERFORMANCE CHARACTERISTICS (Continued)


Similar Part No. - XC6501D281MR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6501D281MR TOREX-XC6501D281MR Datasheet
497Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
More results

Similar Description - XC6501D281MR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6501 TOREX-XC6501 Datasheet
497Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
logo
Unisonic Technologies
LR9203 UTC-LR9203 Datasheet
238Kb / 9P
   CAPACITOR-LESS 500mA LOW POWER CONSUMPTION HIGH SPEED LDO REGULATOR
logo
Torex Semiconductor
XC6503 TOREX-XC6503 Datasheet
812Kb / 26P
   CL Capacitor-Less 500mA Low Power Consumption High Speed LDO Regulator
logo
Unisonic Technologies
LR9107 UTC-LR9107 Datasheet
214Kb / 5P
   OUTPUT CAPACITOR-LESS LOW VOLTAGE 200mA LDO REGULATOR
logo
Jingjing Microelectroni...
EG6501 EGMICRO-EG6501 Datasheet
731Kb / 10P
   Low output capacity, low power consumption, high speed LDO voltage regulator
logo
Seiko Instruments Inc
S1315 SII-S1315 Datasheet
927Kb / 43P
   LOW CURRENT CONSUMPTION OUTPUT CAPACITOR-LESS
logo
Torex Semiconductor
XC6505 TOREX-XC6505 Datasheet
793Kb / 24P
   Low Power Consumption, High Speed 200mA LDO Regulator - 10.5V Input
XC6504 TOREX-XC6504 Datasheet
1Mb / 32P
   0.6A Ultra Low Power Consumption Small Voltage Regulator (CL Capacitor-Less)
logo
Holtek Semiconductor In...
HT7318 HOLTEK-HT7318 Datasheet
108Kb / 12P
   Low Power Consumption LDO
HT73XX HOLTEK-HT73XX Datasheet
125Kb / 12P
   Low Power Consumption LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com