Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

17AE-23090A-1750KC1-CA Datasheet(PDF) 7 Page - DDK Ltd.

Part # 17AE-23090A-1750KC1-CA
Description  High Density D-Subminiature Connector
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

17AE-23090A-1750KC1-CA Datasheet(HTML) 7 Page - DDK Ltd.

  17AE-23090A-1750KC1-CA Datasheet HTML 1Page - DDK Ltd. 17AE-23090A-1750KC1-CA Datasheet HTML 2Page - DDK Ltd. 17AE-23090A-1750KC1-CA Datasheet HTML 3Page - DDK Ltd. 17AE-23090A-1750KC1-CA Datasheet HTML 4Page - DDK Ltd. 17AE-23090A-1750KC1-CA Datasheet HTML 5Page - DDK Ltd. 17AE-23090A-1750KC1-CA Datasheet HTML 6Page - DDK Ltd. 17AE-23090A-1750KC1-CA Datasheet HTML 7Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Unit:mm
17AE Series
http://www.ddknet.co.jp
◎ Specifications and/or dimenssions in this catalogue are subject to change without notice.
 Your catalogue checking the latest speifications with our drawings would be highly appreciated.
○ PCB Mounting Dimensions(Reference)
Number of Contact
B
C
D
E
G
9
24.99
10.98
1.373
15.98
4.51
15
33.32
19.20
1.371
24.20
4.56
25
47.04
33.12
1.380
38.12
4.46
Number
of
Contact
BC
D
E
G
Tapping Type Board LockType
9
24.99
10.98
1.373
15.98
4.51
3.51
15
33.32
19.20
1.371
24.20
4.56
3.56
25
47.04
33.12
1.380
38.12
4.46
3.46
Part Number
G
H : PCB Thickness
17L-003 □ 26-CF
4.8
0.9 ∼ 1.3
17L-003 □ 32-CF
5.3
0.5 ∼ 0.8
Number of Contact
B
F
9
24.99
20.5
15
33.32
28.8
25
47.04
42.5
● SMT Mounting Style
● DIP Mounting Style
 Tapping Ground Tab Style
(17AE-□3□□ OA-9 □ 50 □□□ - □□) 
 Tapping Ground Tab Type
(17AE-□3□□ OA-1 □ 50 □□□ - □□) 
 Board Lock GroundTab Style
(17AE-□3□□ OA-9 □ E □□□□ - □□)
 Board Lock Ground Tab Type
(17AE-□3□□ OA-1 □ E □□□□ - □□)
Jack Socket
Panel Cut-out Dimensions
● Jack Socket
(Panel Mounting Type)
Material/Finish :Copper Alloy/Nickel Plating
□:Thread Size 
 A:M2.6
0.45
 B:M3
0.5
 C:# 4-40UNC
B 0.1
C 0.05
E 0.1
6.5
PCB Mounting Dimensions
φ5.5 Land
R2.8 Land
(B)
Land
4.0
Land
2.5 0.05
D 0.05
G 0.1
+0.1
0
φ1.55
hole
0.9 0.03
φ3.2 0.05
Through Hole
φ3.2 0.05
Through Hole
+0.1
0
φ1.55
hole
B 0.1
C 0.05
E 0.1
2.5 0.05
D 0.05
G 0.1
0.9 0.03
6.5
PCB Mounting Dimensions
φ5.5 Land
(B)
Land
φ5.5 Land
B 0.1
C 0.05
E 0.1
B 0.1
C 0.05
E 0.1
2.5 0.05
D 0.05
G 0.1
φ3.2 0.05
Through Hole
φ0.8 0.08
Through Hole
+0.1
0
φ1.55
hole
+0.1
0
φ1.55
hole
G 0.1
D 0.05
2.5 0.05
φ3.2 0.05
Through Hole
φ0.8 0.08
5
10.3
G
Thead
Thread M30.5
Panel
F(min.)
4-R3.4
10
2-3.2 0.1 hole
B 0.1
7


Similar Part No. - 17AE-23090A-1750KC1-CA

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
17AC MSYSTEM-17AC Datasheet
89Kb / 3P
   Rack-mounted Power Transducers 17-RACK
17AC-A16-R MSYSTEM-17AC-A16-R Datasheet
89Kb / 3P
   Rack-mounted Power Transducers 17-RACK
17AC-A26-R MSYSTEM-17AC-A26-R Datasheet
89Kb / 3P
   Rack-mounted Power Transducers 17-RACK
17AC-A36-R MSYSTEM-17AC-A36-R Datasheet
89Kb / 3P
   Rack-mounted Power Transducers 17-RACK
17AC-A56-R MSYSTEM-17AC-A56-R Datasheet
89Kb / 3P
   Rack-mounted Power Transducers 17-RACK
More results

Similar Description - 17AE-23090A-1750KC1-CA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
09561005601 ETC2-09561005601 Datasheet
329Kb / 14P
   High Density subminiature D connectors
638-015-230-042 ETC2-638-015-230-042 Datasheet
391Kb / 2P
   638 SERIES HIGH DENSITY SUBMINIATURE D CONNECTOR
logo
Glenair, Inc.
280-013 GLENAIR-280-013 Datasheet
384Kb / 2P
   Glass-Sealed D-Subminiature High Density Connector
287-035 GLENAIR-287-035 Datasheet
261Kb / 2P
   High Density Glass-Sealed D-Subminiature Connector
logo
List of Unclassifed Man...
634-015-563-042 ETC2-634-015-563-042 Datasheet
489Kb / 2P
   634 SERIES HIGH DENSITY SUBMINIATURE D CONNECTOR
637-015-230-042 ETC2-637-015-230-042 Datasheet
369Kb / 2P
   637 SERIES HIGH DENSITY SUBMINIATURE D CONNECTOR
logo
Glenair, Inc.
280-013 GLENAIR-280-013 Datasheet
471Kb / 2P
   O-Ring Panel Sealing Glass-Sealed D-Subminiature High Density Connector
logo
PANDUIT CORP.
CMD15HDIWY PANDUIT-CMD15HDIWY Datasheet
159Kb / 1P
   Mini-Com짰 15-Pin High-Density D-Subminiature Module
logo
Japan Aviation Electron...
DDU-50PF-F0 JAE-DDU-50PF-F0 Datasheet
217Kb / 1P
   Connector D-Subminiature
DA-C4-J10-F JAE-DA-C4-J10-F Datasheet
136Kb / 1P
   Connector D-Subminiature
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com