Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STP3N150 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STP3N150
Description  N-channel 1500 V, 6 廓, 2.5 A, PowerMESH??Power MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP3N150 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STP3N150 Datasheet HTML 3Page - STMicroelectronics STP3N150 Datasheet HTML 4Page - STMicroelectronics STP3N150 Datasheet HTML 5Page - STMicroelectronics STP3N150 Datasheet HTML 6Page - STMicroelectronics STP3N150 Datasheet HTML 7Page - STMicroelectronics STP3N150 Datasheet HTML 8Page - STMicroelectronics STP3N150 Datasheet HTML 9Page - STMicroelectronics STP3N150 Datasheet HTML 10Page - STMicroelectronics STP3N150 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
STFV3N150, STFW3N150, STP3N150, STW3N150
Electrical characteristics
7/16
Figure 8.
Output characteristics
Figure 9.
Transfer characteristics
Figure 10.
Normalized BVDSS vs. temperature Figure 11. Static drain-source on resistance
Figure 12.
Gate charge vs. gate-source
voltage
Figure 13.
Capacitance variations


Similar Part No. - STP3N150

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP3N150 STMICROELECTRONICS-STP3N150 Datasheet
765Kb / 15P
   N-channel 1500 V, 6 廓, 2.5 A, PowerMESH??Power MOSFET in TO-220, TO-247, TO-3PF
logo
Inchange Semiconductor ...
STP3N150 ISC-STP3N150 Datasheet
306Kb / 2P
   isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STP3N150 STMICROELECTRONICS-STP3N150 Datasheet
677Kb / 22P
   N-channel 1500 V, 2.5 A, 6 Ω typ., PowerMESH Power MOSFETs in TO-3PF, H2PAK-2, TO-220 and TO247 packages
DS5052 - Rev 12 - May 2020
More results

Similar Description - STP3N150

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STFW3N150 STMICROELECTRONICS-STFW3N150_10 Datasheet
765Kb / 15P
   N-channel 1500 V, 6 廓, 2.5 A, PowerMESH??Power MOSFET in TO-220, TO-247, TO-3PF
STFW4N150 STMICROELECTRONICS-STFW4N150_09 Datasheet
762Kb / 15P
   N-channel 1500 V, 5 廓, 4 A, PowerMESH??Power MOSFET in TO-220, TO-247, TO-3PF
logo
Kersemi Electronic Co.,...
KSMU5N60C KERSEMI-KSMU5N60C Datasheet
3Mb / 8P
   N-Channel MOSFET 600 V, 2.8 A, 2.5 廓
KSMD5N60C KERSEMI-KSMD5N60C Datasheet
3Mb / 8P
   N-Channel MOSFET 600 V, 2.8 A, 2.5 廓
logo
STMicroelectronics
STFV4N150 STMICROELECTRONICS-STFV4N150_08 Datasheet
459Kb / 16P
   N-channel 1500 V - 5 廓 - 4 A - PowerMESH??Power MOSFET TO-220 - TO-220FH - TO-247 - TO-3PF
logo
Fairchild Semiconductor
FQI5N60CTU FAIRCHILD-FQI5N60CTU Datasheet
487Kb / 8P
   N-Channel QFET짰 MOSFET 600 V, 4.5 A, 2.5 廓
FQPF6N80CT FAIRCHILD-FQPF6N80CT Datasheet
1,018Kb / 10P
   N-Channel QFET짰 MOSFET 800 V, 5.5 A, 2.5 廓
logo
STMicroelectronics
STFW3N150 STMICROELECTRONICS-STFW3N150_V01 Datasheet
677Kb / 22P
   N-channel 1500 V, 2.5 A, 6 Ω typ., PowerMESH Power MOSFETs in TO-3PF, H2PAK-2, TO-220 and TO247 packages
DS5052 - Rev 12 - May 2020
logo
Fairchild Semiconductor
FDMS8020 FAIRCHILD-FDMS8020 Datasheet
263Kb / 7P
   N-Channel PowerTrench짰 MOSFET 30 V, 42 A, 2.5 m廓
FDMS86500L FAIRCHILD-FDMS86500L Datasheet
283Kb / 7P
   N-Channel PowerTrench짰 MOSFET 60 V, 80 A, 2.5 m廓
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com