Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S08SE8 Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MC9S08SE8
Description  8-Bit HCS08 Central Processor Unit
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SE8 Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MC9S08SE8 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC9S08SE8 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC9S08SE8 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC9S08SE8 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC9S08SE8 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC9S08SE8 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC9S08SE8 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC9S08SE8 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC9S08SE8 Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
Electrical Characteristics
MC9S08SE8 Series MCU Data Sheet, Rev. 3
Freescale Semiconductor
7
3.3
Thermal Characteristics
This section provides information about operating temperature range, power dissipation, and package
thermal resistance. Power dissipation on I/O pins is usually small compared to the power dissipation in
on-chip logic and voltage regulator circuits, and it is user-determined rather than being controlled by the
MCU design. To take PI/O into account in power calculations, determine the difference between actual pin
voltage and VSS or VDD and multiply by the pin current for each I/O pin. Except in cases of unusually high
pin current (heavy loads), the difference between pin voltage and VSS or VDD will be very small.
The average chip-junction temperature (TJ) in °C can be obtained from:
Table 3. Absolute Maximum Ratings
Rating
Symbol
Value
Unit
Supply voltage
VDD
–0.3 to 5.8
V
Maximum current into VDD
IDD
120
mA
Digital input voltage
VIn
–0.3 to VDD +0.3
V
Instantaneous maximum current
Single pin limit (applies to all port pins)1, 2, 3
1
Input must be current limited to the value specified. To determine the value of the required
current-limiting resistor, calculate resistance values for positive (VDD) and negative (VSS) clamp
voltages, then use the larger of the two resistance values.
2 All functional non-supply pins are internally clamped to V
SS and VDD.
3 Power supply must maintain regulation within operating V
DD range during instantaneous and
operating maximum current conditions. If positive injection current (VIn > VDD) is greater than
IDD, the injection current may flow out of VDD and could result in external power supply going
out of regulation. Ensure external VDD load will shunt current greater than maximum injection
current. This will be the greatest risk when the MCU is not consuming power. Examples are: if
no system clock is present, or if the clock rate is very low (which would reduce overall power
consumption).
ID
±25
mA
Storage temperature range
Tstg
–55 to 150
°C
Table 4. Thermal Characteristics
Rating
Symbol
Value
Unit
Operating temperature range (packaged)
C
V
M
TA
TL to TH
–40 to 85
–40 to 105
–40 to 125
°C
Maximum junction temperature
TJM
135
°C
Thermal resistance
single-layer board
28-pin SOIC
θ
JA
70
°C/W
28-pin PDIP
68
16-pin TSSOP
129
Thermal resistance four-layer
board
28-pin SOIC
48
°C/W
28-pin PDIP
49
16-pin TSSOP
85


Similar Part No. - MC9S08SE8

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC9S08SE8 NXP-MC9S08SE8 Datasheet
773Kb / 35P
   8-Bit HCS08 Central Processor Unit (CPU)
Rev. 4, 4/2015
logo
Freescale Semiconductor...
MC9S08SE8CRL FREESCALE-MC9S08SE8CRL Datasheet
200Kb / 2P
   MC9S08SE8/4 Do more with less
MC9S08SE8CTG FREESCALE-MC9S08SE8CTG Datasheet
200Kb / 2P
   MC9S08SE8/4 Do more with less
MC9S08SE8CWL FREESCALE-MC9S08SE8CWL Datasheet
200Kb / 2P
   MC9S08SE8/4 Do more with less
MC9S08SE8MWL FREESCALE-MC9S08SE8MWL Datasheet
200Kb / 2P
   MC9S08SE8/4 Do more with less
More results

Similar Description - MC9S08SE8

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08QG8 FREESCALE-MC9S08QG8 Datasheet
3Mb / 300P
   8-BIT HCS08 Central Processor Unit
MC9S08QE128 FREESCALE-MC9S08QE128 Datasheet
829Kb / 52P
   8-Bit HCS08 Central Processor Unit
MC9S08QE8 FREESCALE-MC9S08QE8 Datasheet
947Kb / 46P
   8-Bit HCS08 Central Processor Unit
MC9S08LL16 FREESCALE-MC9S08LL16 Datasheet
1Mb / 50P
   8-Bit HCS08 Central Processor Unit
MC9S08QE8 FREESCALE-MC9S08QE8_09 Datasheet
1Mb / 46P
   8-Bit HCS08 Central Processor Unit
MC9S08QB8 FREESCALE-MC9S08QB8 Datasheet
1Mb / 36P
   8-Bit HCS08 Central Processor Unit
MC9S08DZ60 FREESCALE-MC9S08DZ60_08 Datasheet
4Mb / 416P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08MP16 FREESCALE-MC9S08MP16 Datasheet
775Kb / 36P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AW60MFGE FREESCALE-MC9S08AW60MFGE Datasheet
1Mb / 324P
   8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AC32CFGE FREESCALE-MC9S08AC32CFGE Datasheet
2Mb / 350P
   8-Bit HCS08 Central Processor Unit (CPU)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com