Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6221C30ANR Datasheet(PDF) 8 Page - Torex Semiconductor

Part # XC6221C30ANR
Description  Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6221C30ANR Datasheet(HTML) 8 Page - Torex Semiconductor

Back Button XC6221C30ANR Datasheet HTML 4Page - Torex Semiconductor XC6221C30ANR Datasheet HTML 5Page - Torex Semiconductor XC6221C30ANR Datasheet HTML 6Page - Torex Semiconductor XC6221C30ANR Datasheet HTML 7Page - Torex Semiconductor XC6221C30ANR Datasheet HTML 8Page - Torex Semiconductor XC6221C30ANR Datasheet HTML 9Page - Torex Semiconductor XC6221C30ANR Datasheet HTML 10Page - Torex Semiconductor XC6221C30ANR Datasheet HTML 11Page - Torex Semiconductor XC6221C30ANR Datasheet HTML 12Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
8/23
XC6221 Series
each
circuit
ON/OFF
Control
CE
VIN
VSS
VOUT
R1
R2
Error
Amp
-
+
CE
CE/
Voltage
Reference
Current
Limit
CE/
Rdischg
Except USPN-4
OUTPUT VOLTAGE (V)
OUTPUT CAPACITOR VALUE
0.8V~1.15V
CL ≧4.7μF
1.2V~1.35V
CL ≧2.2μF
1.4V~4.0V
CL ≧1.0μF
4.05V~5.0V
CL ≧2.2μF
USPN-4
OUTPUT VOLTAGE (V)
OUTPUT CAPACITOR VALUE
1.2V~4.0V
CL ≧2.2μF
4.05V~5.0V
CL ≧4.7μF
OPERATIONAL EXPLANATION
<Output Voltage Control>
The voltage divided by resistors R1 & R2 is compared with the internal reference voltage by the error amplifier. The
P-channel MOSFET connected to the VOUT pin, is then driven by the subsequent output signal. The output voltage at the
VOUT pin is controlled & stabilized by a system of negative feedback. The current limit circuit and short protect circuit
operate in relation to the level of output current. Further, the IC's internal circuitry can be shutdown via the CE pin's signal.
<Input and Output Capacitors>
The XC6221 needs an output capacitor CL for phase compensation. Values required for the phase compensation are
shown in the chart below. If a loss of the capacitance happens, the stable phase compensation may not be obtained.
Please ensure to use a capacitor which does not depend on bias or temperature too much. For a stable power input,
please connect an input capacitor CIN of 1.0μF between the VIN pin and the VSS pin.
<CL Auto-Discharge Function>
XC6221B/D series can discharge the electric charge in the output capacitor (CL), when a low signal to the CE pin, which
enables the whole IC circuit to be turned off, is inputted via the N-channel transistor located between the VOUT pin and
the VSS pin (cf. BLOCK DIAGRAM). The CL auto-discharge resistance value is set at 780Ω(VOUT=4.0V @ VIN=6.0V at
typical). The discharge time of the output capacitor (CL) is set by the CL auto-discharge resistance (R) and the output
capacitor (CL). By setting the time constant of the CL auto-discharge resistance value [RDCHG] and the output capacitor
value (CL) as τ(τ=C x RDCHG), the output voltage after discharge via the N-channel transistor is calculated by the
following formula.
V = VOUT(E) x e
–t/τ, or t=τIn ( V / VOUT(E) )
where
V : Output voltage after discharge
VOUT (E) : Output voltage
t : Discharge time
τ
: CL auto-discharge resistance RDCHG×Output capacitor (CL) value C)


Similar Part No. - XC6221C30ANR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6221 TOREX-XC6221 Datasheet
407Kb / 20P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221A TOREX-XC6221A Datasheet
407Kb / 20P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221A TOREX-XC6221A Datasheet
383Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221A252MR-G TOREX-XC6221A252MR-G Datasheet
472Kb / 28P
   Low ESR Caps Compatible High Speed LDO Voltage Regulator with ON/OFF Switch
XC6221B TOREX-XC6221B Datasheet
407Kb / 20P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
More results

Similar Description - XC6221C30ANR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6221 TOREX-XC6221 Datasheet
407Kb / 20P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_1 Datasheet
383Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221A252MR-G TOREX-XC6221A252MR-G Datasheet
472Kb / 28P
   Low ESR Caps Compatible High Speed LDO Voltage Regulator with ON/OFF Switch
XC6219 TOREX-XC6219_1 Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6219 TOREX-XC6219 Datasheet
248Kb / 18P
   High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
logo
ZP Semiconductor
XC6219 ZPSEMI-XC6219 Datasheet
810Kb / 18P
   HIGH SPEED LDO REGULATORS, LOW ESR CAP.COMPATIBLE ON/OFF SWITCH
logo
Torex Semiconductor
XC6204B182MR TOREX-XC6204B182MR Datasheet
1Mb / 28P
   (Can be used with low ESR Capacitor Compatible. ON-OFF Switch) High Speed LDO Regulators
logo
Advanced Monolithic Sys...
AMS6211 AMS-AMS6211 Datasheet
1Mb / 5P
   LOW ESR CAPS COMPATIBLE HIGH SPEED LDO VOLTAGE REGULATOR
AMS6221 AMS-AMS6221 Datasheet
1Mb / 3P
   LOW ESR CAPS COMPATIBLE HIGH SPEED LDO VOLTAGE REGULATOR
logo
Torex Semiconductor
XC6209 TOREX-XC6209 Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com