Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK433-090-E Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # STK433-090-E
Description  2-channel class AB audio power IC,80W80W
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK433-090-E Datasheet(HTML) 1 Page - Sanyo Semicon Device

  STK433-090-E Datasheet HTML 1Page - Sanyo Semicon Device STK433-090-E Datasheet HTML 2Page - Sanyo Semicon Device STK433-090-E Datasheet HTML 3Page - Sanyo Semicon Device STK433-090-E Datasheet HTML 4Page - Sanyo Semicon Device STK433-090-E Datasheet HTML 5Page - Sanyo Semicon Device STK433-090-E Datasheet HTML 6Page - Sanyo Semicon Device STK433-090-E Datasheet HTML 7Page - Sanyo Semicon Device STK433-090-E Datasheet HTML 8Page - Sanyo Semicon Device STK433-090-E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
31809HKIM No. A1248-1/11
STK433-090-E
Overview
The STK433-090-E is a hybrid IC designed to be used in 80W
× 80W (2-channel) class AB audio power amplifiers.
Applications
• Audio power amplifiers.
Features
• Pin-to-pin compatible outputs ranging from 80W to 150W.
• Can be used to replace the STK433-200, STK433-300 series (3-channel) due to its pin compatibility.
• Miniature package (67.0mm × 25.6mm × 9.0mm)
• Output load impedance: RL = 6Ω supported
• Allowable load shorted time: 0.3 second
• Allows the use of predesigned applications for standby and mute circuits.
Series Models
STK433-090-E
STK433-100-E
STK433-120-E
STK433-130-E
Output 1 (10%/1kHz)
80W
×2 channels
100W
×2 channels
120W
×2 channels
150W
×2 channels
Output 2 (0.4%/20Hz to 20kHz)
50W
×2 channels
60W
×2 channels
80W
×2 channels
100W
×2 channels
Max. rated VCC (quiescent)
±54V
±57V
±65V
±71.5V
Max. rated VCC (6Ω)
±47V
±50V
±57V
±63V
Recommended operating VCC (6Ω)
±33V
±35V
±40V
±44V
Dimensions (excluding pin height)
67.0mm
×25.6mm×9.0mm
Ordering number : EN*A1248
Thick-Film Hybrid IC
2-channel class AB audio power IC,
80W+80W
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.


Similar Part No. - STK433-090-E

ManufacturerPart #DatasheetDescription
logo
Sunspirit Electronic Lt...
STK433-090LF SUNSPIRIT-STK433-090LF Datasheet
355Kb / 2P
   2-channel class AB audio power IC, 100W100W
More results

Similar Description - STK433-090-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK415-120-E SANYO-STK415-120-E Datasheet
186Kb / 12P
   2-Channel Power Switching Audio Power IC, 80W80W
STK433-890N-E SANYO-STK433-890N-E Datasheet
264Kb / 12P
   4channel class-AB Audio Power IC 80W 횞 4ch
STK416-090-E SANYO-STK416-090-E Datasheet
217Kb / 12P
   Thick-Film Hybrid IC 3-Channel Power Switching Audio Power IC, 80W80W80W
STK433-040-E SANYO-STK433-040-E Datasheet
228Kb / 11P
   2-channel class AB audio power IC, 40W40W
STK433-030-E SANYO-STK433-030-E Datasheet
228Kb / 11P
   2-channel class AB audio power IC, 30W30W
STK433-730-E SANYO-STK433-730-E Datasheet
177Kb / 12P
   2-channel class AB audio power IC, 30W30W
STK433-760-E SANYO-STK433-760-E Datasheet
205Kb / 12P
   2-channel class AB audio power IC, 50W50W
logo
Sunspirit Electronic Lt...
STK433-100LF SUNSPIRIT-STK433-100LF Datasheet
355Kb / 2P
   2-channel class AB audio power IC, 100W100W
logo
Sanyo Semicon Device
STK433-290-E SANYO-STK433-290-E Datasheet
209Kb / 13P
   Thick-Film Hybrid IC 3-channel class AB audio power IC, 3-channel class AB audio power IC,
STK433-040N-E SANYO-STK433-040N-E Datasheet
295Kb / 11P
   2channel class-AB Audio Power IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com