Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK433-040-E Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # STK433-040-E
Description  2-channel class AB audio power IC, 40W40W
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK433-040-E Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button STK433-040-E Datasheet HTML 3Page - Sanyo Semicon Device STK433-040-E Datasheet HTML 4Page - Sanyo Semicon Device STK433-040-E Datasheet HTML 5Page - Sanyo Semicon Device STK433-040-E Datasheet HTML 6Page - Sanyo Semicon Device STK433-040-E Datasheet HTML 7Page - Sanyo Semicon Device STK433-040-E Datasheet HTML 8Page - Sanyo Semicon Device STK433-040-E Datasheet HTML 9Page - Sanyo Semicon Device STK433-040-E Datasheet HTML 10Page - Sanyo Semicon Device STK433-040-E Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
STK433-040-E
No. A1470-7/11
Evaluation Board Characteristics
[Thermal Design Example for STK433-040-E (RL = 6Ω)]
The thermal resistance,
θc-a, of the heat sink for total power dissipation, Pd, within the hybrid IC is determined as
follows.
Condition 1: The hybrid IC substrate temperature, Tc, must not exceed 125
°C.
Pd
× θc-a + Ta < 125°C ................................................................................................. (1)
Ta: Guaranteed ambient temperature for the end product
Condition 2: The junction temperature, Tj, of each power transistor must not exceed 150
°C.
Pd
× θc-a + Pd/N × θj-c + Ta < 150°C .......................................................................... (2)
N: Number of power transistors
θj-c: Thermal resistance per power transistor
However, the power dissipation, Pd, for the power transistors shall be allocated equally among the number of power
transistors.
The following inequalities result from solving equations (1) and (2) for
θc-a.
θc-a < (125 − Ta)/Pd ...................................................................................................... (1)'
θc-a < (150 − Ta)/Pd − θj-c/N ........................................................................................ (2)'
Values that satisfy these two inequalities at the same time represent the required heat sink thermal resistance.
When the following specifications have been stipulated, the required heat sink thermal resistance can be determined
from formulas (1)' and (2)' .
• Supply voltage
VCC
• Load resistance
RL
• Guaranteed ambient temperature
Ta
PO - VCC
Supply voltage, VCC - ±V
Pd - PO
Output power, PO/ch - W
THD - PO
PO - f
Frequency, f - Hz
Output power, PO/ch - W
ITF02666
510
15
20
25
35
30
f=
1k
Hz
,T
HD
=0
.4%
ITF02665
0
1.0
0.1
70
50
60
40
30
20
10
0
70
50
60
40
30
20
10
0
70
50
60
40
30
20
10
23
5
7
23
5
7
10
23
5
7 100
ITF02664
0.001
1.0
0.1
0.01
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
0.1
1.0
100
10
23
5
7
23
5
7
10
23
5
7 100
VCC=±24V
VG=30dB
Rg=600
Ω
Tc=25
°C
RL=6Ω
2ch Drive
VG=30dB
Rg=600
Ω
f=1kHz
RL=6Ω
Tc=25
°C
2ch Drive
VCC=±24V
VG=30dB
f=1kHz
Rg=600
Ω
Tc=25
°C
RL=6Ω
2ch Drive
VCC=±24V
VG=30dB
Rg=600
Ω
Tc=25
°C
RL=6Ω
2ch Drive
f=20kH
z
1kHz
ITF02667
1k
10
100
2 3
57
2 3
57
2 3
57
2 3
57
10k
100k
THD=10%
THD=0.4%


Similar Part No. - STK433-040-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK433-040N-E SANYO-STK433-040N-E Datasheet
295Kb / 11P
   2channel class-AB Audio Power IC
logo
ON Semiconductor
STK433-040N-E ONSEMI-STK433-040N-E Datasheet
372Kb / 11P
   2ch class-AB Audio Power IC
April, 2013
More results

Similar Description - STK433-040-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
STK402-070 SANYO-STK402-070 Datasheet
64Kb / 6P
   Two-Channel Class AB Audio Power Amplifier IC 40W 40W
STK433-840N-E SANYO-STK433-840N-E Datasheet
270Kb / 12P
   4channel class-AB Audio Power IC 40W 횞 4ch
STK433-030-E SANYO-STK433-030-E Datasheet
228Kb / 11P
   2-channel class AB audio power IC, 30W30W
STK433-730-E SANYO-STK433-730-E Datasheet
177Kb / 12P
   2-channel class AB audio power IC, 30W30W
STK433-760-E SANYO-STK433-760-E Datasheet
205Kb / 12P
   2-channel class AB audio power IC, 50W50W
STK433-090-E SANYO-STK433-090-E Datasheet
184Kb / 11P
   2-channel class AB audio power IC,80W80W
logo
Sunspirit Electronic Lt...
STK433-100LF SUNSPIRIT-STK433-100LF Datasheet
355Kb / 2P
   2-channel class AB audio power IC, 100W100W
logo
Sanyo Semicon Device
STK433-290-E SANYO-STK433-290-E Datasheet
209Kb / 13P
   Thick-Film Hybrid IC 3-channel class AB audio power IC, 3-channel class AB audio power IC,
STK4174MK2 SANYO-STK4174MK2 Datasheet
283Kb / 7P
   2 CHANNEL 40W POWER AMPLIFIER
STK4893 SANYO-STK4893 Datasheet
111Kb / 2P
   40W 2 CHANNEL AF POWER AMP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com