Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6419DA50ER Datasheet(PDF) 10 Page - Torex Semiconductor

Part # XC6419DA50ER
Description  Dual LDO Regulator (ch1: 300mA, ch2: 100mA) with ON/OFF Switch
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6419DA50ER Datasheet(HTML) 10 Page - Torex Semiconductor

Back Button XC6419DA50ER Datasheet HTML 6Page - Torex Semiconductor XC6419DA50ER Datasheet HTML 7Page - Torex Semiconductor XC6419DA50ER Datasheet HTML 8Page - Torex Semiconductor XC6419DA50ER Datasheet HTML 9Page - Torex Semiconductor XC6419DA50ER Datasheet HTML 10Page - Torex Semiconductor XC6419DA50ER Datasheet HTML 11Page - Torex Semiconductor XC6419DA50ER Datasheet HTML 12Page - Torex Semiconductor XC6419DA50ER Datasheet HTML 13Page - Torex Semiconductor XC6419DA50ER Datasheet HTML 14Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
10/29
XC6419 Series
■TEST CIRCUITS
●Circuit ①
●Circuit ②
●Circuit ③


Similar Part No. - XC6419DA50ER

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6419DA01EL TOREX-XC6419DA01EL Datasheet
760Kb / 29P
   Dual LDO Regulator (ch1=300mA, ch2=100mA) with ON/OFF Switch
XC6419DA01ER TOREX-XC6419DA01ER Datasheet
760Kb / 29P
   Dual LDO Regulator (ch1=300mA, ch2=100mA) with ON/OFF Switch
XC6419DA01ML TOREX-XC6419DA01ML Datasheet
760Kb / 29P
   Dual LDO Regulator (ch1=300mA, ch2=100mA) with ON/OFF Switch
XC6419DA01MR TOREX-XC6419DA01MR Datasheet
760Kb / 29P
   Dual LDO Regulator (ch1=300mA, ch2=100mA) with ON/OFF Switch
XC6419DA02EL TOREX-XC6419DA02EL Datasheet
760Kb / 29P
   Dual LDO Regulator (ch1=300mA, ch2=100mA) with ON/OFF Switch
More results

Similar Description - XC6419DA50ER

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6419 TOREX-XC6419 Datasheet
760Kb / 29P
   Dual LDO Regulator (ch1=300mA, ch2=100mA) with ON/OFF Switch
XC6228 TOREX-XC6228 Datasheet
689Kb / 21P
   300mA High Speed LDO Regulator with ON/OFF Switch
XC6238 TOREX-XC6238 Datasheet
1Mb / 28P
   300mA High Speed LDO Regulator with ON/OFF Switch
XC6415 TOREX-XC6415_1 Datasheet
521Kb / 22P
   Dual LDO Regulators with ON/OFF Switch
XC6415 TOREX-XC6415 Datasheet
466Kb / 23P
   Dual LDO Regulators with ON/OFF Switch
logo
Richtek Technology Corp...
RT9012 RICHTEK-RT9012_11 Datasheet
316Kb / 11P
   300mA Dual LDO Regulator with POR
RT9055 RICHTEK-RT9055 Datasheet
208Kb / 9P
   300mA Dual LDO Regulator
RT9012 RICHTEK-RT9012 Datasheet
314Kb / 11P
   300mA Dual LDO Regulator with POR
logo
Torex Semiconductor
XC6224 TOREX-XC6224 Datasheet
490Kb / 26P
   150mA High Speed LDO Voltage Regulator with ON/OFF Switch
logo
Catalyst Semiconductor
CAT6221 CATALYST-CAT6221 Datasheet
761Kb / 11P
   300mA CMOS Dual LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com