Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LE25FW403A Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LE25FW403A
Description  4M-bit Serial Flash Memory 30MHz SPI Bus
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE25FW403A Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LE25FW403A Datasheet HTML 1Page - Sanyo Semicon Device LE25FW403A Datasheet HTML 2Page - Sanyo Semicon Device LE25FW403A Datasheet HTML 3Page - Sanyo Semicon Device LE25FW403A Datasheet HTML 4Page - Sanyo Semicon Device LE25FW403A Datasheet HTML 5Page - Sanyo Semicon Device LE25FW403A Datasheet HTML 6Page - Sanyo Semicon Device LE25FW403A Datasheet HTML 7Page - Sanyo Semicon Device LE25FW403A Datasheet HTML 8Page - Sanyo Semicon Device LE25FW403A Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
LE25FW403A
No.A1229-2/18
Continued from preceding page.
• Highly reliable read/write
Number of rewrite times : 10
5 times
Page erase time
: 10ms (typ.), 20ms (max.), Number of rewrite times: 10
4 times or less
: 25ms (typ.), 300ms (max.), Number of rewrite times: 10
5 times or less
Sector erase time
: 30ms (typ.), 500ms (max.)
Chip erase time
: 300ms (typ.), 5s (max.)
Page program time
: 1.5ms/256 bytes (typ.), 2.5ms/256 bytes (max.)
Page write time
: 11ms (typ.), 22.5ms (max.), Number of rewrite times: 10
4 times or less
: 25ms (typ.), 300ms (max.), Number of rewrite times: 10
5 times or less
• Status functions
Ready/busy information
• Data retention period
: 20 years
• Package
: LE25FW403ATT MSOP8 (225mil)
Package Dimensions
unit:mm (typ)
3276
Figure 1 Pin Assignment
SI
SCK
RESET
CS
SO
VSS
VDD
WP
1
2
3
4
8
7
6
5
Top view
5.2
1.27
(0.7)
0.125
1
4
8
5
0.35
SANYO : MSOP8(225mil)


Similar Part No. - LE25FW403A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE25FW403A SANYO-LE25FW403A Datasheet
155Kb / 18P
   4M-bit (512K횞8) Serial Flash Memory 30MHz SPI Bus
LE25FW403A SANYO-LE25FW403A_11 Datasheet
155Kb / 18P
   4M-bit (512K횞8) Serial Flash Memory 30MHz SPI Bus
More results

Similar Description - LE25FW403A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE25FW403A SANYO-LE25FW403A_11 Datasheet
155Kb / 18P
   4M-bit (512K횞8) Serial Flash Memory 30MHz SPI Bus
LE25FW203A SANYO-LE25FW203A Datasheet
127Kb / 18P
   CMOS IC 2M-bit (256K횞8) Serial Flash Memory 30MHz SPI Bus
logo
AiT Semiconductor Inc.
A25D40 AITSEMI-A25D40 Datasheet
2Mb / 31P
   MEMORY SPI NOR FLASH 4M BIT
REV1.0
logo
ATMEL Corporation
AT25F4096 ATMEL-AT25F4096 Datasheet
341Kb / 17P
   SPI SERIAL MEMORY 4M
logo
Winbond
W25Q40BV WINBOND-W25Q40BV Datasheet
2Mb / 73P
   4M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
W25Q40BV WINBOND-W25Q40BV_12 Datasheet
1Mb / 73P
   4M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
logo
OKI electronic componet...
MSM9893L OKI-MSM9893L Datasheet
146Kb / 9P
   4M-bit Serial Voice Flash Memory
logo
Sanyo Semicon Device
LE25FS406 SANYO-LE25FS406 Datasheet
204Kb / 22P
   4M-bit (512K횞8) Serial Flash Memory
LE25S40MB SANYO-LE25S40MB Datasheet
171Kb / 22P
   4M-bit (512K횞8) Serial Flash Memory
LE25U40CQE SANYO-LE25U40CQE Datasheet
139Kb / 22P
   4M-bit (512K??) Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com