Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D55342M12B1E00C Datasheet(PDF) 3 Page - IRC - a TT electronics Company.

Part # D55342M12B1E00C
Description  Precision Military Qualified Chip Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

D55342M12B1E00C Datasheet(HTML) 3 Page - IRC - a TT electronics Company.

  D55342M12B1E00C Datasheet HTML 1Page - IRC - a TT electronics Company. D55342M12B1E00C Datasheet HTML 2Page - IRC - a TT electronics Company. D55342M12B1E00C Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
MIL-CHIP Series Issue January 2009 Sheet 3 of 3
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Precision Military Qualified
Chip Resistors
Ordering Data For Performance Specification MIL-PRF-55342
D55342
H
07
B
1E00
S
Military Designator
M55342 for styles RM0603, RM0705(0805), RM1505, RM2010 and RM2512
D55342 for style RM1206
Characteristic
E, H, K and M per MIL-PRF-55342
Specification Number
04 for style RM1505; 06 for style RM0705(0805); 07 for style RM1206
08 for style RM2010; 09 for style RM2512; 12 for style RM0603
Termination
Termination B per MIL-PRF-55342
Resistance and Tolerance
Resistance and tolerance code per MIL-PRF-55342
Product Level Designator
Product level C, M, P, R and S per MIL-PRF-55342
Packaging
Standard order packaging is 8mm or 12mm tape per EIA 481. Conductive waffle pack packaging is also available.
For additional information or to discuss your specific requirements,
please contact our Applications team using the contact details below.


Similar Part No. - D55342M12B1E00C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
D55342M02B10E0CS2T VISHAY-D55342M02B10E0CS2T Datasheet
106Kb / 4P
   Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM
Revision: 25-Jul-08
D55342M02B10E0CS3T VISHAY-D55342M02B10E0CS3T Datasheet
106Kb / 4P
   Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM
Revision: 25-Jul-08
D55342M02B10E0CS6T VISHAY-D55342M02B10E0CS6T Datasheet
106Kb / 4P
   Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM
Revision: 25-Jul-08
D55342M02B10E0CTPT VISHAY-D55342M02B10E0CTPT Datasheet
106Kb / 4P
   Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM
Revision: 25-Jul-08
D55342M02B10E0CULT VISHAY-D55342M02B10E0CULT Datasheet
106Kb / 4P
   Thick Film Chip Resistors, Military/Established Reliability MIL-PRF-55342 Qualified, Type RM
Revision: 25-Jul-08
More results

Similar Description - D55342M12B1E00C

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
M55342E06B4B22R TTELEC-M55342E06B4B22R Datasheet
449Kb / 3P
   Precision Military and Space Qualified Chip Resistors
M55342E06B10A0R TTELEC-M55342E06B10A0R Datasheet
449Kb / 3P
   Precision Military and Space Qualified Chip Resistors
D55342E07B3B74R TTELEC-D55342E07B3B74R Datasheet
449Kb / 3P
   Precision Military and Space Qualified Chip Resistors
M55342E06B20B0R TTELEC-M55342E06B20B0R Datasheet
449Kb / 3P
   Precision Military and Space Qualified Chip Resistors
D55342E07B2B49R TTELEC-D55342E07B2B49R Datasheet
449Kb / 3P
   Precision Military and Space Qualified Chip Resistors
M55342E06B4B70R TTELEC-M55342E06B4B70R Datasheet
449Kb / 3P
   Precision Military and Space Qualified Chip Resistors
logo
RCD COMPONENTS INC.
MCT0805S-R100-B RCD-MCT0805S-R100-B Datasheet
25Kb / 1P
   THICK FILM PRECISION CHIP RESISTORS MILITARY GRADE
logo
Vishay Siliconix
RN50C1501FB14 VISHAY-RN50C1501FB14 Datasheet
154Kb / 5P
   Metal Film Resistors, Military, MIL-R-10509 Qualified
Revision: 02-May-13
G-1-80 VISHAY-G-1-80 Datasheet
192Kb / 3P
   Wirewound Resistors, Military, MIL-PRF-26 Qualified, Type RW, Precision Power, Silicone Coated
Revision: 22-Mar-06
RS01M VISHAY-RS01M Datasheet
286Kb / 3P
   Wirewound Resistors, Military, MIL-PRF-26 Qualified, Type RW, Precision Power, Silicone Coated
Revision 22-Mar-06
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com