Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6501B281NR Datasheet(PDF) 11 Page - Torex Semiconductor

Part # XC6501B281NR
Description  Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6501B281NR Datasheet(HTML) 11 Page - Torex Semiconductor

Back Button XC6501B281NR Datasheet HTML 7Page - Torex Semiconductor XC6501B281NR Datasheet HTML 8Page - Torex Semiconductor XC6501B281NR Datasheet HTML 9Page - Torex Semiconductor XC6501B281NR Datasheet HTML 10Page - Torex Semiconductor XC6501B281NR Datasheet HTML 11Page - Torex Semiconductor XC6501B281NR Datasheet HTML 12Page - Torex Semiconductor XC6501B281NR Datasheet HTML 13Page - Torex Semiconductor XC6501B281NR Datasheet HTML 14Page - Torex Semiconductor XC6501B281NR Datasheet HTML 15Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
11/21
XC6501
Series
  (3) Dropout Voltage vs. Output Current
  (4) Supply Current vs. Input Voltage
CIN = 0.1μF (ceramic)
CIN = 0.1μF (ceramic)
CIN = 0.1μF (ceramic)
XC6501x121
0.0
0.2
0.4
0.6
0.8
1.0
0
50
100
150
200
Output Current: IOUT [mA]
Ta = -40℃
Ta = 25℃
Ta = 85℃
XC6501x501
0.0
0.1
0.2
0.3
0.4
0.5
0
50
100
150
200
Output Current: IOUT [mA]
Ta = -40℃
Ta = 25℃
Ta = 85℃
XC6501x281
0.0
0.1
0.2
0.3
0.4
0.5
0
50
100
150
200
Output Current: IOUT [mA]
Ta = -40℃
Ta = 25℃
Ta = 85℃
XC6501x121
0.0
4.0
8.0
12.0
16.0
01
23
45
6
Input Voltage: VIN [V]
Ta = -40℃
Ta = 25℃
Ta = 85℃
XC6501x281
0.0
4.0
8.0
12.0
16.0
0
123
45
6
Input Voltage: VIN [V]
Ta = -40℃
Ta = 25℃
Ta = 85℃
XC6501x501
0.0
5.0
10.0
15.0
20.0
01
23
45
6
Input Voltage: VIN [V]
Ta = -40℃
Ta = 25℃
Ta = 85℃
※Below the minimum operating voltage
■TYPICAL PERFORMANCE CHARACTERISTICS (Continued)


Similar Part No. - XC6501B281NR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6501B281NR TOREX-XC6501B281NR Datasheet
497Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
More results

Similar Description - XC6501B281NR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6501 TOREX-XC6501 Datasheet
497Kb / 21P
   Output Capacitor-Less, Low Power Consumption, High Speed LDO Regulator
logo
Unisonic Technologies
LR9203 UTC-LR9203 Datasheet
238Kb / 9P
   CAPACITOR-LESS 500mA LOW POWER CONSUMPTION HIGH SPEED LDO REGULATOR
logo
Torex Semiconductor
XC6503 TOREX-XC6503 Datasheet
812Kb / 26P
   CL Capacitor-Less 500mA Low Power Consumption High Speed LDO Regulator
logo
Unisonic Technologies
LR9107 UTC-LR9107 Datasheet
214Kb / 5P
   OUTPUT CAPACITOR-LESS LOW VOLTAGE 200mA LDO REGULATOR
logo
Jingjing Microelectroni...
EG6501 EGMICRO-EG6501 Datasheet
731Kb / 10P
   Low output capacity, low power consumption, high speed LDO voltage regulator
logo
Seiko Instruments Inc
S1315 SII-S1315 Datasheet
927Kb / 43P
   LOW CURRENT CONSUMPTION OUTPUT CAPACITOR-LESS
logo
Torex Semiconductor
XC6505 TOREX-XC6505 Datasheet
793Kb / 24P
   Low Power Consumption, High Speed 200mA LDO Regulator - 10.5V Input
XC6504 TOREX-XC6504 Datasheet
1Mb / 32P
   0.6A Ultra Low Power Consumption Small Voltage Regulator (CL Capacitor-Less)
logo
Holtek Semiconductor In...
HT7318 HOLTEK-HT7318 Datasheet
108Kb / 12P
   Low Power Consumption LDO
HT73XX HOLTEK-HT73XX Datasheet
125Kb / 12P
   Low Power Consumption LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com