Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6419DC08ER Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC6419DC08ER
Description  Dual LDO Regulator (ch1: 300mA, ch2: 100mA) with ON/OFF Switch
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6419DC08ER Datasheet(HTML) 3 Page - Torex Semiconductor

  XC6419DC08ER Datasheet HTML 1Page - Torex Semiconductor XC6419DC08ER Datasheet HTML 2Page - Torex Semiconductor XC6419DC08ER Datasheet HTML 3Page - Torex Semiconductor XC6419DC08ER Datasheet HTML 4Page - Torex Semiconductor XC6419DC08ER Datasheet HTML 5Page - Torex Semiconductor XC6419DC08ER Datasheet HTML 6Page - Torex Semiconductor XC6419DC08ER Datasheet HTML 7Page - Torex Semiconductor XC6419DC08ER Datasheet HTML 8Page - Torex Semiconductor XC6419DC08ER Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
3/29
XC6419
Series
③④
VR1
VR2
③④
VR1
VR2
③④
VR1
VR2
01
1.80
2.80
11
1.30
1.50
21
1.50
2.80
02
1.20
2.90
12
2.80
2.80
22
1.80
3.00
03
1.80
1.80
13
2.50
3.30
23
1.85
2.80
04
1.50
2.70
14
3.00
3.30
24
1.85
3.30
05
2.85
2.85
15
1.20
1.80
25
2.60
2.80
06
1.80
3.30
16
2.80
3.30
26
1.50
1.50
07
3.00
3.00
17
3.30
3.30
27
2.00
3.00
08
2.80
1.80
18
3.10
3.10
28
3.30
1.80
09
1.20
1.20
19
2.80
1.50
29
3.30
1.75
10
1.10
1.30
20
1.30
2.80
30
2.10
4.10
PARAMETER
SYMBOL
RATINGS
UNITS
Input Voltage
VIN
- 0.3 ~ + 6.5
V
Output Current
IOUT1+IOUT2
500
(*1)
mA
Output Voltage 1 / Output Voltage 2
VOUT1 /VOUT2
VSS - 0.3 ~ VIN + 0.3
V
EN1/EN2 Input Voltage
VEN1 /VEN2
VSS - 0.3 ~ + 6.5
V
120
USP-6C
1000 (PCB mounted)
(*2)
Power
Dissipation
SOT-26
Pd
250
mW
Operating Temperature Range
Topr
- 40 ~ + 85
Storage Temperature Range
Tstg
- 55 ~ + 125
■BLOCK DIAGRAMS
■ABSOLUTE MAXIMUM RATINGS
Ta=25℃
DESIGNATOR ③④
*For other combinations, please ask Torex sales contacts.
* Diodes inside the circuits are ESD protection diodes and parasitic diodes.
*1: Please use within the range of Pd > { (VIN-VOUT1)×IOUT1 + (VIN-VOUT2)×IOUT2 }
*2: This power dissipation figure shown is PCB mounted and is for reference only. Please refer to page 28 for details.
■PRODUCT CLASSIFICATION (Continued)


Similar Part No. - XC6419DC08ER

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6419DC08ER TOREX-XC6419DC08ER Datasheet
760Kb / 29P
   Dual LDO Regulator (ch1=300mA, ch2=100mA) with ON/OFF Switch
More results

Similar Description - XC6419DC08ER

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6419 TOREX-XC6419 Datasheet
760Kb / 29P
   Dual LDO Regulator (ch1=300mA, ch2=100mA) with ON/OFF Switch
XC6228 TOREX-XC6228 Datasheet
689Kb / 21P
   300mA High Speed LDO Regulator with ON/OFF Switch
XC6238 TOREX-XC6238 Datasheet
1Mb / 28P
   300mA High Speed LDO Regulator with ON/OFF Switch
XC6415 TOREX-XC6415_1 Datasheet
521Kb / 22P
   Dual LDO Regulators with ON/OFF Switch
XC6415 TOREX-XC6415 Datasheet
466Kb / 23P
   Dual LDO Regulators with ON/OFF Switch
logo
Richtek Technology Corp...
RT9012 RICHTEK-RT9012_11 Datasheet
316Kb / 11P
   300mA Dual LDO Regulator with POR
RT9055 RICHTEK-RT9055 Datasheet
208Kb / 9P
   300mA Dual LDO Regulator
RT9012 RICHTEK-RT9012 Datasheet
314Kb / 11P
   300mA Dual LDO Regulator with POR
logo
Torex Semiconductor
XC6224 TOREX-XC6224 Datasheet
490Kb / 26P
   150mA High Speed LDO Voltage Regulator with ON/OFF Switch
logo
Catalyst Semiconductor
CAT6221 CATALYST-CAT6221 Datasheet
761Kb / 11P
   300mA CMOS Dual LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com