Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LE24LB642CS Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # LE24LB642CS
Description  Two Wire Serial Interface EEPROM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LE24LB642CS Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LE24LB642CS Datasheet HTML 3Page - Sanyo Semicon Device LE24LB642CS Datasheet HTML 4Page - Sanyo Semicon Device LE24LB642CS Datasheet HTML 5Page - Sanyo Semicon Device LE24LB642CS Datasheet HTML 6Page - Sanyo Semicon Device LE24LB642CS Datasheet HTML 7Page - Sanyo Semicon Device LE24LB642CS Datasheet HTML 8Page - Sanyo Semicon Device LE24LB642CS Datasheet HTML 9Page - Sanyo Semicon Device LE24LB642CS Datasheet HTML 10Page - Sanyo Semicon Device LE24LB642CS Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
LE24LB642CS
Application Notes
1) Software reset function
Software reset (start condition + 9 dummy clock cycles + start condition), shown in the figure below, is executed in
order to avoid erroneous operation after power-on and to reset while the command input sequence. During the
dummy clock input period, the SDA bus must be opened (set to high by a pull-up resistor). Since it is possible for
the ACK output and read data to be output from the EEPROM during the dummy clock period, forcibly entering H
will result in an overcurrent flow.
Note that this software reset function does not work during the internal write cycle.
Start condition
SCL
SDA
1
2
8
9
Dummy clock cycle
× 9
Start condition
2) Pull-up resistor of SDA pin
Due to the demands of the I
2C bus protocol function, the SDA pin must be connected to a pull-up resistor (with a
resistance from several k
Ω to several tens of kΩ) without fail. The appropriate value must be selected for this
resistance (RPU) on the basis of the VIL and IIL of the microcontroller and other devices controlling this product as
well as the VOL–IOL characteristics of the product. Generally, when the resistance is too high, the operating
frequency will be restricted; conversely, when it is too low, the operating current consumption will increase.
RPU maximum resistance
The maximum resistance must be set in such a way that the bus potential, which is determined by the sum total (IL)
of the input leaks of the devices connected to the SDA bus and by RPU, can completely satisfy the input high level
(VIH min) of the microcontroller and EEPROM. However, a resistance value that satisfies SDA rise time tR and fall
time tF must be set.
RPU maximum value = (VDD - VIH)/IL
Master
device
EEPROM
SDA
CBUS
RPU
IL
IL
Example: When VDD=2.5V and IL= 2μA
RPU maximum value = (2.5V − 2.5V × 0.8)/2μA = 250kΩ
RPU minimum value
A resistance corresponding to the low-level output
voltage (VOL max) of SANYO’s EEPROM must be set.
RPU minimum value = (VDD − VOL)/IOL
Example: When VDD=2.5V, VOL = 0.4V and IOL = 1mA
RPU minimum value = (2.5V − 0.4)/1mA = 2.1kΩ
Recommended RPU setting
RPU is set to strike a good balance between the operating frequency requirements and power consumption. If it is
assumed that the SDA load capacitance is 50pF and the SDA output data strobe time is 500ns, RPU will be about
RPU = 500ns/50pF = 10kΩ.
No.A1464-9/11


Similar Part No. - LE24LB642CS

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LE24LB642CS SANYO-LE24LB642CS Datasheet
224Kb / 11P
   Two Wire Serial Interface EEPROM (64k EEPROM)
LE24LB642CS SANYO-LE24LB642CS_12 Datasheet
224Kb / 11P
   Two Wire Serial Interface EEPROM (64k EEPROM)
More results

Similar Description - LE24LB642CS

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1EV24002ASAS0A RENESAS-R1EV24002ASAS0A Datasheet
134Kb / 17P
   Two-wire serial interface 2k EEPROM Two-wire serial interface
logo
Sanyo Semicon Device
LE24L042CS SANYO-LE24L042CS Datasheet
200Kb / 10P
   Two Wire Serial Interface EEPROM
LE24LA322CS SANYO-LE24LA322CS Datasheet
217Kb / 11P
   Two Wire Serial Interface EEPROM
logo
ON Semiconductor
LE24L042CS-B ONSEMI-LE24L042CS-B Datasheet
832Kb / 11P
   Two Wire Serial Interface EEPROM
July, 2013
LE24512AQF ONSEMI-LE24512AQF Datasheet
929Kb / 14P
   Two Wire Serial Interface EEPROM
July, 2013
logo
Sanyo Semicon Device
LE24C023M SANYO-LE24C023M Datasheet
168Kb / 11P
   Two Wire Serial Interface EEPROM
logo
ON Semiconductor
LE24162LBXA ONSEMI-LE24162LBXA Datasheet
788Kb / 11P
   Two Wire Serial Interface EEPROM
July, 2013
logo
Sanyo Semicon Device
LE24512AQF SANYO-LE24512AQF Datasheet
952Kb / 14P
   Two Wire Serial Interface EEPROM (512k EEPROM)
LE24C042M SANYO-LE24C042M Datasheet
123Kb / 11P
   Two Wire Serial Interface EEPROM (4k EEPROM)
LE24CB1283 SANYO-LE24CB1283 Datasheet
188Kb / 12P
   Two Wire Serial Interface EEPROM (128K EEPROM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com