Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MWR-MWC01GC-02-775R0-F Datasheet(PDF) 1 Page - IRC - a TT electronics Company.

Part # MWR-MWC01GC-02-775R0-F
Description  TaNFilm Microwave Chip Resistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

MWR-MWC01GC-02-775R0-F Datasheet(HTML) 1 Page - IRC - a TT electronics Company.

  MWR-MWC01GC-02-775R0-F Datasheet HTML 1Page - IRC - a TT electronics Company. MWR-MWC01GC-02-775R0-F Datasheet HTML 2Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
MWR Series Issue June 2008 Sheet 1 of 2
MWC01
Power Rating
40°C
250mW
70°C
125mW
Ohmic Value
50Ω, 75Ω, 100Ω
Available DC Tolerances
±10%, ±5%, ±2%, ±1%
Operating Temperature Range
-55°C to 100°C
Termination
60/40 Sn/Pb
or Gold
Substrate
99.6% Alumina
Maximum Operating Voltage
(not to exceed
P x R )
50V
Stray Distributed Capacitance
<0.05pF
TaNFilm® Microwave
Chip Resistor
Long life self passivating TaNFilm® element
Low absolute TCR to ±25ppm/°C
Performance characterized to 40GHz
Wire-bonded, ribbon-bonded or solder mounted
Flip chip mounting – keeps resistor element in the same plane as circuit
Electrical Data
MWR Series
Environmental Data
Test Per MIL-PRF-55342
Performance
Typical
Max
Thermal Shock
±0.02% ±0.10%
Low Temperature Operation
±0.01% ±0.05%
Short-time Overload
±0.01% ±0.05%
High Temperature Exposure
±0.03% ±0.10%
Effects of Solder
±0.01% ±0.10%
Moisture Resistance
±0.03% ±0.10%
Life
±0.03% ±0.10%
The MWR series is specifically designed for transmission line termination
at high frequencies. Characterized for high frequency performance to 40GHz, the MWR series provides
superior terminator performance to generic “off-the-shelf” chip resistors.
Constructed with IRC’s proprietary TaNFilm® self passivating thin film resistive element, the MWR series chips
possess the rugged environmental characteristics proven through decades of the most demanding military,
space, telecommunications, computer, medical and networking applications.
Available with a choice of solderable or bondable termination finishes, the MWR series termination chips are
suitable for solder attachment as well as chip and wire or ribbon attached hybrid circuits. Back side mounting
is facilitated by an optional gold finish.
For demanding microwave/RF transmission line termination applications in harsh environments, select the
IRC MWR series of high frequency termination chips.
IRC Advanced Film Division


Similar Part No. - MWR-MWC01GC-02-775R0-F

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
MWR ILLINOISCAPACITOR-MWR Datasheet
261Kb / 3P
   Small size ??Low ESR - General purpose
logo
TT Electronics.
MWR TTELEC-MWR Datasheet
207Kb / 2P
   Performance characterized to 40GHz
logo
Interpoint Corporation ...
MWR283 INTERPOINT-MWR283 Datasheet
430Kb / 16P
   MWR Triple DC-DC Converters
MWR283R312T/883 INTERPOINT-MWR283R312T/883 Datasheet
430Kb / 16P
   MWR Triple DC-DC Converters
MWR283R315T/883 INTERPOINT-MWR283R315T/883 Datasheet
430Kb / 16P
   MWR Triple DC-DC Converters
More results

Similar Description - MWR-MWC01GC-02-775R0-F

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
SON-NS4A-01-1002 IRCTT-SON-NS4A-01-1002 Datasheet
322Kb / 4P
   TaNFilm Flat Precision Resistor Array
DBP-M954-01-1002-G IRCTT-DBP-M954-01-1002-G Datasheet
171Kb / 3P
   TaNFilm Precision Molded DIP Resistor Network
GUB-GM7A-01-2001-J IRCTT-GUB-GM7A-01-2001-J Datasheet
516Kb / 3P
   TaNFilm Small Outline Surface Mount Resistor Network
PFC-D1206-01-1003-3301-FF IRCTT-PFC-D1206-01-1003-3301-FF Datasheet
268Kb / 3P
   TaNFilm Precision Chip Voltage Divider
PFC-W0603HT-01-1001-J IRCTT-PFC-W0603HT-01-1001-J Datasheet
374Kb / 2P
   High Temperature TaNFilm Chip Resistors
logo
Vishay Siliconix
MIF VISHAY-MIF Datasheet
84Kb / 3P
   Thin Film Microwave Resistor
Revision: 02-May-13
MIC VISHAY-MIC_15 Datasheet
76Kb / 3P
   Thin Film Microwave Resistor
Revision: 02-May-13
MID VISHAY-MID Datasheet
94Kb / 3P
   Thin Film Microwave Resistor
Revision: 18-Apr-13
MIC VISHAY-MIC Datasheet
108Kb / 3P
   Thin Film Microwave Resistor
Revision: 14-Mar-08
logo
Bourns Electronic Solut...
CR0201 BOURNS-CR0201 Datasheet
206Kb / 2P
   Chip Resistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com