Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6220B301ER Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC6220B301ER
Description  1A LDO Voltage Regulator with ?쏥reenOperation?
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6220B301ER Datasheet(HTML) 1 Page - Torex Semiconductor

  XC6220B301ER Datasheet HTML 1Page - Torex Semiconductor XC6220B301ER Datasheet HTML 2Page - Torex Semiconductor XC6220B301ER Datasheet HTML 3Page - Torex Semiconductor XC6220B301ER Datasheet HTML 4Page - Torex Semiconductor XC6220B301ER Datasheet HTML 5Page - Torex Semiconductor XC6220B301ER Datasheet HTML 6Page - Torex Semiconductor XC6220B301ER Datasheet HTML 7Page - Torex Semiconductor XC6220B301ER Datasheet HTML 8Page - Torex Semiconductor XC6220B301ER Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
1/30
XC6220 Series
1A LDO Voltage Regulator with “GreenOperation”
GreenOperation-Compatible
GENERAL DESCRIPTION
The XC6220 series is a highly accurate, low noise, high speed, low dropout, and large current CMOS voltage regulator with
GreenOperation function. The series consists of a voltage reference, an error amplifier, a current limiter, an inrush current
prevention circuit and a phase compensation circuit plus a driver transistor.
With a 0.2Ω on-resistance driver transistor integrated and with output currents up to 1A, the ultra low dropout voltage
performance greatly extends battery life as does the GreenOperation function which can switch between high speed and
power save modes automatically. Low ESR ceramic capacitors can be used for the output stabilization capacitor (CL).
Output voltage is selectable in 0.05V increments within the range of 0.8V~5.0V, using laser trimming technologies.
An over current protection circuit and a thermal shutdown circuit are built in. The over current protection circuit will operate
when the output current reaches its limit current. The thermal shutdown circuit will operate when the junction temperature
reaches its limit temperature. The inrush protection circuit works by controlling the inrush current which is charged to CL when
the IC starts up. In this way, any fluctuations to VIN caused by inrush current during system start up can be minimized.
The CE function enables the output to be turned off and the IC becomes a stand-by mode resulting in greatly reduced power
consumption.
APPLICATIONS
CD-ROM, CD-R/RW drives
DVD drives
HDD drives
MIDs, UMPCs
Digital still cameras, Video cameras
Portable AV equipment
TYPICAL APPLICATION CIRCUIT
ETR0341-007
FEATURES
Maximum Output Current
Dropout Voltage
Operating Voltage Range
Output Voltage Range
Accuracy
Low Power Consumption
Operating Temperature
Thermal Shutdown
Inrush Current Protection
CL Auto Discharge
CE Pull-Down Resistor
Output Capacitor
Packages
Environmentally Friendly
: 1000mA (TYP.:1200mA limit)
(1.2V≦VOUT≦5.0V)
: 20mV @ 100mA (VOUT=3.0V)
: 60mV@ 300mA (VOUT=3.0V)
: 1.6V ~ 6.0V
: 0.8V ~ 5.0V (0.05V increments)
:±1% (VOUT≧2.0V)
:±20mV (VOUT<2.0V)
: 8μA (TYP.) in PS mode
: 50μA (TYP.) in HS mode
: - 40℃~ +85℃
: Detect 150℃, Release 135℃(TYP.)
: 700mA (MAX.)
: XC6220B/D Series
: XC6220C/D Series
: Ceramic Capacitor Compatible
: USP-6C, SOT-25, SOT-89-5
: EU RoHS Compliant, Pb Free
TYPICAL PERFORMANCE
CHARACTERISTICS
XC6220x 181
0
100
200
300
400
500
0
200
400
600
800
1000
Output Current: IOUT (mA)
Topr=25℃
Topr=-40℃
Topr=85℃
CE=V
IN, CIN=CL=10μF (ceramic)


Similar Part No. - XC6220B301ER

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
XC6220B301MR TECHPUBLIC-XC6220B301MR Datasheet
3Mb / 6P
   900mA,25uA, Higt PSRR Voltage Regulator
More results

Similar Description - XC6220B301ER

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6220B181MR-G TOREX-XC6220B181MR-G Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
XC6416 TOREX-XC6416 Datasheet
2Mb / 30P
   Dual LDO Voltage Regulator with ?쏥reenOperation?
logo
Silan Microelectronics ...
SA1117 SILAN-SA1117 Datasheet
303Kb / 12P
   1A LDO VOLTAGE REGULATOR
logo
ELM Technology Corporat...
ELM1117LG-18-S ELM-TECH-ELM1117LG-18-S Datasheet
218Kb / 7P
   Bipolar 1A LDO Voltage regulator
logo
ELM Electronics
ELM1117XG ELM-ELM1117XG Datasheet
944Kb / 7P
   Bipolar 1A LDO Voltage regulator
ELM1117HH ELM-ELM1117HH Datasheet
1Mb / 6P
   Bipolar 1A LDO voltage regulator
logo
Rohm
BD00C0AWFPS-M ROHM-BD00C0AWFPS-M Datasheet
693Kb / 20P
   Single-Output LDO Regulator 35V Voltage Resistance 1A LDO Regulator
logo
Analog Intergrations Co...
AIC1190 AIC-AIC1190_15 Datasheet
357Kb / 20P
   Ultra LDO 1A Linear Regulator With
logo
Sangdest Microelectroni...
SULR1190-08GTR SMC-SULR1190-08GTR Datasheet
468Kb / 19P
   Ultra LDO 1A Linear Regulator With
SULR1190 SMC-SULR1190 Datasheet
468Kb / 19P
   Ultra LDO 1A Linear Regulator With
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com