Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6221D081MR Datasheet(PDF) 3 Page - Torex Semiconductor

Part # XC6221D081MR
Description  Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6221D081MR Datasheet(HTML) 3 Page - Torex Semiconductor

  XC6221D081MR Datasheet HTML 1Page - Torex Semiconductor XC6221D081MR Datasheet HTML 2Page - Torex Semiconductor XC6221D081MR Datasheet HTML 3Page - Torex Semiconductor XC6221D081MR Datasheet HTML 4Page - Torex Semiconductor XC6221D081MR Datasheet HTML 5Page - Torex Semiconductor XC6221D081MR Datasheet HTML 6Page - Torex Semiconductor XC6221D081MR Datasheet HTML 7Page - Torex Semiconductor XC6221D081MR Datasheet HTML 8Page - Torex Semiconductor XC6221D081MR Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
3/23
XC6221
Series
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
A
No CE pull-down resistor without CL auto discharge
B
No CE pull-down resistor with CL auto discharge
C
CE pull-down resistor without CL auto discharge
Type of Regulator
(All CE high active)
D
CE pull-down resistor with CL auto discharge
Output Voltage
08 ~ 40
ex.) V
OUT(T) = 3.0V → ② = 3, ③ = 0
+30mV @ 0.8V≦VOUT(T)≦1.40V
When 0.1V steps such as VOUT(T)=0.8V → ②=0, ③=8, ④=2
2
+2% @ VOUT(T)>1.5V
When 0.1V steps such as VOUT(T)=1.5V → ②=1, ③=5, ④=2
+30mV @ 0.85V≦VOUT(T)≦1.45V
When 0.05V steps such as VOUT(T)=0.85V → ②=0, ③=8, ④=A
A
+2% @ VOUT(T)>1.55V
When 0.05V steps such as VOUT(T)=1.55V → ②=1, ③=5, ④=A
+20mV @ 0.8V≦VOUT(T)≦1.90V
When 0.1V steps such as VOUT(T)=0.8V → ②=0, ③=8, ④=1
1
+1% @ VOUT(T)>2.0V
When 0.1V steps such as VOUT(T)=2.0V → ②=2, ③=0, ④=1
+20mV @ 0.85V≦VOUT(T)≦1.95V
When 0.05V steps such as VOUT(T)=0.85V → ②=0, ③=8, ④=B
Output Accuracy
B
+1% @ VOUT(T)>2.0V
When 0.05V steps such as VOUT(T)=2.05V → ②=2, ③=0, ④=B
GR
USP-4
GR-G
USP-4 (Halogen & Antimony free)
MR
SOT-25
MR-G
SOT-25 (Halogen & Antimony free)
NR
SSOT-24
NR-G
SSOT-24 (Halogen & Antimony free)
⑤⑥-⑦
Packages
Taping Type
(*2)
7R-G
USPN-4 (Halogen & Antimony free)
PRODUCT CLASSIFICATION
Ordering Information
XC6221 ①②③④⑤⑥-⑦
(*1)
* For the USPN-4 package, 0.8V≦VOUT(T)≦1.15V is under development.
(*1) The “-G” suffix indicates that the products are Halogen and Antimony free as well as being fully RoHS compliant.
(*2) The device orientation is fixed in its embossed tape pocket.
For reverse orientation, please contact your local Torex sales office or representative.
(Standard orientation: ⑤R-⑦, Reverse orientation: ⑤L-⑦)


Similar Part No. - XC6221D081MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6221 TOREX-XC6221 Datasheet
407Kb / 20P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221A TOREX-XC6221A Datasheet
407Kb / 20P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221A TOREX-XC6221A Datasheet
383Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221A252MR-G TOREX-XC6221A252MR-G Datasheet
472Kb / 28P
   Low ESR Caps Compatible High Speed LDO Voltage Regulator with ON/OFF Switch
XC6221B TOREX-XC6221B Datasheet
407Kb / 20P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
More results

Similar Description - XC6221D081MR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6221 TOREX-XC6221 Datasheet
407Kb / 20P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221 TOREX-XC6221_1 Datasheet
383Kb / 23P
   Low ESR Caps Compatible High Speed LDO Voltage Regulators with ON/OFF Switch
XC6221A252MR-G TOREX-XC6221A252MR-G Datasheet
472Kb / 28P
   Low ESR Caps Compatible High Speed LDO Voltage Regulator with ON/OFF Switch
XC6219 TOREX-XC6219_1 Datasheet
1Mb / 23P
   High Speed LDO Regulators, Low ESR Cap. Compatible, ON/OFF Switch
XC6219 TOREX-XC6219 Datasheet
248Kb / 18P
   High Speed LDO Regulators Low ESR Cap Compatible ON/OFF Switch
logo
ZP Semiconductor
XC6219 ZPSEMI-XC6219 Datasheet
810Kb / 18P
   HIGH SPEED LDO REGULATORS, LOW ESR CAP.COMPATIBLE ON/OFF SWITCH
logo
Torex Semiconductor
XC6204B182MR TOREX-XC6204B182MR Datasheet
1Mb / 28P
   (Can be used with low ESR Capacitor Compatible. ON-OFF Switch) High Speed LDO Regulators
logo
Advanced Monolithic Sys...
AMS6211 AMS-AMS6211 Datasheet
1Mb / 5P
   LOW ESR CAPS COMPATIBLE HIGH SPEED LDO VOLTAGE REGULATOR
AMS6221 AMS-AMS6221 Datasheet
1Mb / 3P
   LOW ESR CAPS COMPATIBLE HIGH SPEED LDO VOLTAGE REGULATOR
logo
Torex Semiconductor
XC6209 TOREX-XC6209 Datasheet
224Kb / 19P
   High Speed LDO Regulators Low ESR Cap Compatible Output On/Off Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com