Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6220A501PR-G Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC6220A501PR-G
Description  1A LDO Voltage Regulator with ?쏥reenOperation?
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6220A501PR-G Datasheet(HTML) 2 Page - Torex Semiconductor

  XC6220A501PR-G Datasheet HTML 1Page - Torex Semiconductor XC6220A501PR-G Datasheet HTML 2Page - Torex Semiconductor XC6220A501PR-G Datasheet HTML 3Page - Torex Semiconductor XC6220A501PR-G Datasheet HTML 4Page - Torex Semiconductor XC6220A501PR-G Datasheet HTML 5Page - Torex Semiconductor XC6220A501PR-G Datasheet HTML 6Page - Torex Semiconductor XC6220A501PR-G Datasheet HTML 7Page - Torex Semiconductor XC6220A501PR-G Datasheet HTML 8Page - Torex Semiconductor XC6220A501PR-G Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
2/30
XC6220 Series
12
3
4
5
2
VIN
VOUT
VSS
CE
NC
SOT-89-5
(TOP VIEW)
1
3
2
5
4
VIN
VOUT
VSS
CE
NC
SOT -25
( TOP VIEW)
USP-6C
(BOTTOM VIEW)
5
6
4
1
2
3
VIN
VIN
VSS
VOUT
VOUT
CE
PIN NUMBER
SOT-25
SOT-89-5
USP-6C
PIN NAME
FUNCTIONS
3
1
3
CE
ON/OFF Control
1
4
6 & 5
VIN
Power Input
2
2
4
VSS
Ground
5
5
1 & 2
VOUT
Output
4
3
-
NC
No connection
PIN CONFIGURATION
PIN ASSIGNMENT
* The No.5 and 6 VIN pins should be connected. The
No.1 and 2 pins VOUT pins should be connected. The
dissipation pad for the USP-6C package should be
solder-plated in recommended mount pattern and
metal masking so as to enhance mounting strength
and heat release. If the pad needs to be connected
to other pins, it should be connected to the VSS (No. 4)


Similar Part No. - XC6220A501PR-G

ManufacturerPart #DatasheetDescription
logo
TECH PUBLIC Electronics...
XC6220B121MR TECHPUBLIC-XC6220B121MR Datasheet
3Mb / 6P
   900mA,25uA, Higt PSRR Voltage Regulator
XC6220B151MR TECHPUBLIC-XC6220B151MR Datasheet
3Mb / 6P
   900mA,25uA, Higt PSRR Voltage Regulator
XC6220B181MR TECHPUBLIC-XC6220B181MR Datasheet
3Mb / 6P
   900mA,25uA, Higt PSRR Voltage Regulator
logo
Torex Semiconductor
XC6220B181MR-G TOREX-XC6220B181MR-G Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
logo
TECH PUBLIC Electronics...
XC6220B301MR TECHPUBLIC-XC6220B301MR Datasheet
3Mb / 6P
   900mA,25uA, Higt PSRR Voltage Regulator
More results

Similar Description - XC6220A501PR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6220B181MR-G TOREX-XC6220B181MR-G Datasheet
530Kb / 30P
   1A LDO Voltage Regulator with ?쏥reenOperation?
XC6416 TOREX-XC6416 Datasheet
2Mb / 30P
   Dual LDO Voltage Regulator with ?쏥reenOperation?
logo
Silan Microelectronics ...
SA1117 SILAN-SA1117 Datasheet
303Kb / 12P
   1A LDO VOLTAGE REGULATOR
logo
ELM Technology Corporat...
ELM1117LG-18-S ELM-TECH-ELM1117LG-18-S Datasheet
218Kb / 7P
   Bipolar 1A LDO Voltage regulator
logo
ELM Electronics
ELM1117XG ELM-ELM1117XG Datasheet
944Kb / 7P
   Bipolar 1A LDO Voltage regulator
ELM1117HH ELM-ELM1117HH Datasheet
1Mb / 6P
   Bipolar 1A LDO voltage regulator
logo
Rohm
BD00C0AWFPS-M ROHM-BD00C0AWFPS-M Datasheet
693Kb / 20P
   Single-Output LDO Regulator 35V Voltage Resistance 1A LDO Regulator
logo
Analog Intergrations Co...
AIC1190 AIC-AIC1190_15 Datasheet
357Kb / 20P
   Ultra LDO 1A Linear Regulator With
logo
Sangdest Microelectroni...
SULR1190-08GTR SMC-SULR1190-08GTR Datasheet
468Kb / 19P
   Ultra LDO 1A Linear Regulator With
SULR1190 SMC-SULR1190 Datasheet
468Kb / 19P
   Ultra LDO 1A Linear Regulator With
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com