Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFP-MHP150LF-V-1K00J Datasheet(PDF) 2 Page - IRC - a TT electronics Company.

Part # TFP-MHP150LF-V-1K00J
Description  High Power SOT227 Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

TFP-MHP150LF-V-1K00J Datasheet(HTML) 2 Page - IRC - a TT electronics Company.

  TFP-MHP150LF-V-1K00J Datasheet HTML 1Page - IRC - a TT electronics Company. TFP-MHP150LF-V-1K00J Datasheet HTML 2Page - IRC - a TT electronics Company. TFP-MHP150LF-V-1K00J Datasheet HTML 3Page - IRC - a TT electronics Company. TFP-MHP150LF-V-1K00J Datasheet HTML 4Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
© IRC Advanced Film Division • 4222 South Staples Street • Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
High Power SOT227
Resistors
MHP SOT227 Series Issue August 2008
Power Performance Data
Safe Operating Zone
MHP300 MHP600
MHP200
Note: The above graph for the Safe Operating Zone is for
a single pulse or a low duty cycle pulse and the
average pulse power must not exceed the power
rating of the resistor.
+120°C
+155°C
MHP150 MHP200
MHP250 MHP300
MHP550 MHP600


Similar Part No. - TFP-MHP150LF-V-1K00J

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
TFP-MHP100LF-10R0-F IRCTT-TFP-MHP100LF-10R0-F Datasheet
781Kb / 3P
   MHP TO-247 Series Power Resistor
TFP-MHP100LF-10R0-J IRCTT-TFP-MHP100LF-10R0-J Datasheet
781Kb / 3P
   MHP TO-247 Series Power Resistor
TFP-MHP100LF-1K00-F IRCTT-TFP-MHP100LF-1K00-F Datasheet
781Kb / 3P
   MHP TO-247 Series Power Resistor
TFP-MHP100LF-1K00-J IRCTT-TFP-MHP100LF-1K00-J Datasheet
781Kb / 3P
   MHP TO-247 Series Power Resistor
TFP-MHP140LF-10R0-F IRCTT-TFP-MHP140LF-10R0-F Datasheet
781Kb / 3P
   MHP TO-247 Series Power Resistor
More results

Similar Description - TFP-MHP150LF-V-1K00J

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SQPW201R0F MACOM-SQPW201R0F Datasheet
255Kb / 3P
   High Power Resistors
1773285 MACOM-1773285 Datasheet
255Kb / 3P
   High Power Resistors
SQMR510KJ MACOM-SQMR510KJ Datasheet
255Kb / 3P
   High Power Resistors
logo
List of Unclassifed Man...
MCHP03W8F4700T5E ETC2-MCHP03W8F4700T5E Datasheet
303Kb / 6P
   High Power Resistors
logo
Tyco Electronics
SQMR52K2J MACOM-SQMR52K2J Datasheet
250Kb / 3P
   High Power Resistors
logo
Welwyn Components Limit...
SC3 WELWYN-SC3 Datasheet
600Kb / 3P
   High Power Chip Resistors
logo
Bourns Electronic Solut...
CRM2512 BOURNS-CRM2512 Datasheet
385Kb / 2P
   High power chip resistors
CRM1206 BOURNS-CRM1206 Datasheet
204Kb / 2P
   High power chip resistors
logo
TT Electronics.
SCW-SC3LF-100R TTELEC-SCW-SC3LF-100R Datasheet
986Kb / 3P
   High Power Chip Resistors
logo
Bourns Electronic Solut...
CRM2010 BOURNS-CRM2010 Datasheet
228Kb / 2P
   High power chip resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com