Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC25BS8037ER-G Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC25BS8037ER-G
Description  Ultra Small PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC25BS8037ER-G Datasheet(HTML) 4 Page - Torex Semiconductor

  XC25BS8037ER-G Datasheet HTML 1Page - Torex Semiconductor XC25BS8037ER-G Datasheet HTML 2Page - Torex Semiconductor XC25BS8037ER-G Datasheet HTML 3Page - Torex Semiconductor XC25BS8037ER-G Datasheet HTML 4Page - Torex Semiconductor XC25BS8037ER-G Datasheet HTML 5Page - Torex Semiconductor XC25BS8037ER-G Datasheet HTML 6Page - Torex Semiconductor XC25BS8037ER-G Datasheet HTML 7Page - Torex Semiconductor XC25BS8037ER-G Datasheet HTML 8Page - Torex Semiconductor XC25BS8037ER-G Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4/14
XC25BS8Series
Input Frequency
Multiplication
MIN
MAX
Synchronization
jitter
Synchronization
jitter
/ Output Period (%)
Product Series
64
32kHz
192kHz
36ns
10%
XC25BS8044
32kHz
192kHz
32ns
18%
XC25BS8027
32kHz
96kHz
24ns
14%
XC25BS8028
128
32kHz
48kHz
20ns
11%
XC25BS8057
32kHz
192kHz
30ns
25%
XC25BS8030
32kHz
96kHz
20ns
17%
XC25BS8031
192
32kHz
48kHz
16ns
14%
XC25BS8058
32kHz
192kHz
24ns
27%
XC25BS8033
32kHz
96kHz
22ns
25%
XC25BS8026
256
32kHz
48kHz
18ns
20%
XC25BS8025
32kHz
192kHz
21ns
36%
XC25BS8035
32kHz
96kHz
20ns
34%
XC25BS8036
384
32kHz
48kHz
18ns
30%
XC25BS8037
32kHz
96kHz
18ns
41%
XC25BS8039
512
32kHz
48kHz
16ns
36%
XC25BS8040
32kHz
96kHz
16ns
54%
XC25BS8042
768
32kHz
48kHz
14ns
47%
XC25BS8043
* Synchronization jitters are tested at fCLKIN=44.1kHz.
Input Frequency
Multiplication
MIN
MAX
Amount of Jitter
Synchronization
Amount of Jitter
Synchronization
/ Output Period (%)
Product Series
64
8kHz
16kHz
160ns
8%
XC25BS8045
128
8kHz
16kHz
140ns
14%
XC25BS8029
192
8kHz
16kHz
110ns
17%
XC25BS8032
256
8kHz
16kHz
100ns
20%
XC25BS8034
384
8kHz
16kHz
96ns
29%
XC25BS8038
512
8kHz
16kHz
52ns
21%
XC25BS8041
768
8kHz
16kHz
48ns
29%
XC25BS8046
* Synchronization jitters are tested at fCLKIN=8kH.
Input Frequency
Multiplication
MIN
MAX
Amount of Jitter
Synchronization
Amount of Jitter
Synchronization
/ Output Period (%)
Product Series
1
8MHz
74MHz
7ns
8%
XC25BS8047
2
6MHz
37MHz
6ns
11%
XC25BS8048
3
2MHz
24MHz
12ns
11%
XC25BS8049
4
2MHz
18MHz
7ns
8%
XC25BS8050
5
2MHz
14MHz
8ns
12%
XC25BS8051
6
2MHz
12MHz
7ns
13%
XC25BS8052
7
2MHz
10MHz
7ns
15%
XC25BS8053
8
2MHz
9MHz
6ns
14%
XC25BS8054
9
2MHz
8MHz
6ns
16%
XC25BS8055
10
2MHz
7MHz
7ns
21%
XC25BS8056
* Synchronization jitters are tested in the condition below.
For the XC258047 (1 Multiplication), fCLKIN =12MHz. For the XC258048(2 Multiplication), fCLKIN= 8MHz
Except above, fCLKIN=3MHz is used.
SELECTION GUIDE
*1: The table below introduces standard products. Please select with seeing the combination of input frequencies and multiplications.
The test condition: VDD=3.3V±10%
*2: For other input frequency and multiplication, please ask your Torex sales contacts.


Similar Part No. - XC25BS8037ER-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC25BS8001EL TOREX-XC25BS8001EL Datasheet
567Kb / 14P
   Ultra Small PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS8001ER TOREX-XC25BS8001ER Datasheet
567Kb / 14P
   Ultra Small PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS8001ML TOREX-XC25BS8001ML Datasheet
567Kb / 14P
   Ultra Small PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS8001MR TOREX-XC25BS8001MR Datasheet
567Kb / 14P
   Ultra Small PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
More results

Similar Description - XC25BS8037ER-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC25BS8 TOREX-XC25BS8 Datasheet
567Kb / 14P
   Ultra Small PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS5 TOREX-XC25BS5_12 Datasheet
305Kb / 12P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS7 TOREX-XC25BS7 Datasheet
289Kb / 13P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS7 TOREX-XC25BS7_1 Datasheet
307Kb / 13P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS5 TOREX-XC25BS5 Datasheet
191Kb / 8P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits (For Low Frequency range)
XC25BS5_002 TOREX-XC25BS5_002 Datasheet
477Kb / 10P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits(For Low Frequency Range)
XC25BS6 TOREX-XC25BS6_1 Datasheet
181Kb / 5P
   Divider Signal Output Clock Generator ICs with Built-In Crystal Oscillator Circuit
XC25BS6 TOREX-XC25BS6 Datasheet
57Kb / 4P
   Divider Signal Output Clock Generator ICs with Built-In Crystal Oscillator Circuit
logo
Texas Instruments
CDC706 TI-CDC706 Datasheet
1Mb / 41P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDCE906 TI-CDCE906 Datasheet
1Mb / 33P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com