Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC2827-2 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # UC2827-2
Description  Buck Current/Voltage Fed Push-Pull PWM Controllers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC2827-2 Datasheet(HTML) 9 Page - Texas Instruments

Back Button UC2827-2 Datasheet HTML 5Page - Texas Instruments UC2827-2 Datasheet HTML 6Page - Texas Instruments UC2827-2 Datasheet HTML 7Page - Texas Instruments UC2827-2 Datasheet HTML 8Page - Texas Instruments UC2827-2 Datasheet HTML 9Page - Texas Instruments UC2827-2 Datasheet HTML 10Page - Texas Instruments UC2827-2 Datasheet HTML 11Page - Texas Instruments UC2827-2 Datasheet HTML 12Page - Texas Instruments UC2827-2 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
UC1827J-1
OBSOLETE
CDIP
J
24
TBD
Call TI
Call TI
UC1827L-1
OBSOLETE
TO/SOT
L
20
TBD
Call TI
Call TI
UC2827DW-1
ACTIVE
SOIC
DW
24
25
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-3-260C-168 HR
UC2827DW-2
ACTIVE
SOIC
DW
24
25
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-3-260C-168 HR
UC2827DW-2G4
ACTIVE
SOIC
DW
24
25
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-3-260C-168 HR
UC2827DWTR-1
ACTIVE
SOIC
DW
24
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-3-260C-168 HR
UC2827DWTR-2
ACTIVE
SOIC
DW
24
2000
TBD
CU NIPDAU
Level-3-235C-168 HR
UC2827N-1
ACTIVE
PDIP
N
24
15
TBD
Call TI
Level-NA-NA-NA
UC2827N-2
ACTIVE
PDIP
N
24
15
TBD
Call TI
Level-NA-NA-NA
UC3827DW-1
ACTIVE
SOIC
DW
24
25
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-3-260C-168 HR
UC3827DW-1G4
ACTIVE
SOIC
DW
24
25
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-3-260C-168 HR
UC3827DW-2
ACTIVE
SOIC
DW
24
25
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-3-260C-168 HR
UC3827DWTR-1
ACTIVE
SOIC
DW
24
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-3-260C-168 HR
UC3827DWTR-1G4
ACTIVE
SOIC
DW
24
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-3-260C-168 HR
UC3827DWTR-2
ACTIVE
SOIC
DW
24
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-3-260C-168 HR
UC3827DWTR-2G4
ACTIVE
SOIC
DW
24
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-3-260C-168 HR
UC3827N-1
ACTIVE
PDIP
N
24
15
TBD
Call TI
Level-NA-NA-NA
UC3827N-2
ACTIVE
PDIP
N
24
15
TBD
Call TI
Level-NA-NA-NA
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2)
Eco
Plan
-
The
planned
eco-friendly
classification:
Pb-Free
(RoHS)
or
Green
(RoHS
&
no
Sb/Br)
-
please
check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
PACKAGE OPTION ADDENDUM
www.ti.com
17-Nov-2005
Addendum-Page 1


Similar Part No. - UC2827-2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2827-2 TI1-UC2827-2 Datasheet
760Kb / 16P
[Old version datasheet]   BUCK CURRENT/VOLTAGE FED PUSH-PULL PWM CONTROLLERS
More results

Similar Description - UC2827-2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2827-1 TI1-UC2827-1 Datasheet
760Kb / 16P
[Old version datasheet]   BUCK CURRENT/VOLTAGE FED PUSH-PULL PWM CONTROLLERS
logo
Micrel Semiconductor
MIC3832 MICREL-MIC3832 Datasheet
107Kb / 10P
   Current-Fed PWM Controllers
logo
Linear Technology
LTC3723-1 LINER-LTC3723-1 Datasheet
339Kb / 20P
   Synchronous Push-Pull PWM Controllers
LTC3723-2 LINER-LTC3723-2_15 Datasheet
344Kb / 20P
   Synchronous Push-Pull PWM Controllers
LTC3723-1 LINER-LTC3723-1_15 Datasheet
344Kb / 20P
   Synchronous Push-Pull PWM Controllers
logo
Texas Instruments
UCD8220 TI-UCD8220 Datasheet
2Mb / 32P
[Old version datasheet]   DIGITALLY MANAGED PUSH-PULL ANALOG PWM CONTROLLERS
UCD8220 TI1-UCD8220_16 Datasheet
752Kb / 28P
[Old version datasheet]   DIGITALLY MANAGED PUSH-PULL ANALOG PWM CONTROLLERS
UCD8220-Q1 TI1-UCD8220-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   DIGITALLY MANAGED PUSH-PULL ANALOG PWM CONTROLLERS
UCC38083PW TI1-UCC38083PW Datasheet
936Kb / 26P
[Old version datasheet]   8-PIN CURRENT MODE PUSH-PULL PWM CONTROLLERS WITH PROGAMMABLE SLOPE COMPENSATION
UCC28083 TI-UCC28083 Datasheet
429Kb / 19P
[Old version datasheet]   8-PIN CURRENT MODE PUSH-PULL PWM CONTROLLERS WITH PROGRAMMABLE SLOPE COMPENSATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com