Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6222D08BPR-G Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC6222D08BPR-G
Description  Reverse Current Protection, 700mA High Speed LDO Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6222D08BPR-G Datasheet(HTML) 2 Page - Torex Semiconductor

  XC6222D08BPR-G Datasheet HTML 1Page - Torex Semiconductor XC6222D08BPR-G Datasheet HTML 2Page - Torex Semiconductor XC6222D08BPR-G Datasheet HTML 3Page - Torex Semiconductor XC6222D08BPR-G Datasheet HTML 4Page - Torex Semiconductor XC6222D08BPR-G Datasheet HTML 5Page - Torex Semiconductor XC6222D08BPR-G Datasheet HTML 6Page - Torex Semiconductor XC6222D08BPR-G Datasheet HTML 7Page - Torex Semiconductor XC6222D08BPR-G Datasheet HTML 8Page - Torex Semiconductor XC6222D08BPR-G Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
2/26
XC6222 Series
PIN NUMBER
USP-6C
SOT-25
SOT-89-5
PIN NAME
FUNCTIONS
1
1
4
VIN
Power Input
3
5
5
VOUT
Output
2,4
4
3
NC
No connection
5
2
2
VSS
Ground
6
3
1
CE
ON/OFF Control
DESIGNATOR
DESCRIPTION
SYMBOL
DESCRIPTION
A
without CE Pull-down resistor, without CL discharge, CE High Active
B
without CE Pull-down resistor , with CL discharge, CE High Active
C
with CE Pull-down resistor, without CL discharge, CE High Active
Type of CE
D
with CE Pull-down resistor, with CL discharge, CE High Active
②③
Output Voltage
08~50
e.g. 2.8V → ②=2, ③=8
Output Voltage Range : 0.8~5.0 V (0.05V increments)
1
Output voltage {x.x0v} (the 2
nd decimal place is “0”)
Accuracy±1% (VOUT(T)>2.0V), ±0.02V(VOUT(T)≦2.0V)
Output Voltage
Accuracy
B
Output voltage {x.x5v} (the 2
nd decimal place is “5”)
Accuracy±1% (VOUT(T)>2.0V), ±0.02V(VOUT(T)≦2.0V)
ER-G
USP-6C (Halogen & Antimony free)
MR-G
SOT-25 (Halogen & Antimony free)
⑤⑥-⑦
Packages
Taping Type
(*2)
PR-G
SOT-89-5 (Halogen & Antimony free)
PIN CONFIGURATION
PIN ASSIGNMENT
PRODUCT CLASSIFICATION
Ordering Information
XC6222①②③④⑤⑥-⑦(
*1)
(*1) The “-G” suffix indicates that the products are Halogen and Antimony free as well as being fully RoHS compliant.
(*2) The device orientation is fixed in its embossed tape pocket.
For reverse orientation, please contact your local Torex sales office or representative.
(Standard orientation: ⑤R-⑦, Reverse orientation: ⑤L-⑦)
*The dissipation pad for the USP-6C package should be solder-plated in recommended mount
pattern and metal masking so as to enhance mounting strength and heat release. If the pad needs
to be connected to other pins, it should be connected to the VSS (No. 5) pin.


Similar Part No. - XC6222D08BPR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6222D251MR-G TOREX-XC6222D251MR-G Datasheet
616Kb / 26P
   Reverse Current Protection, 700mA High Speed LDO Regulator
More results

Similar Description - XC6222D08BPR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6222D251MR-G TOREX-XC6222D251MR-G Datasheet
616Kb / 26P
   Reverse Current Protection, 700mA High Speed LDO Regulator
XC6222B181PR-G TOREX-XC6222B181PR-G Datasheet
633Kb / 26P
   700mA High Speed LDO Regulator with Reverse Current Protection
XC6227 TOREX-XC6227 Datasheet
612Kb / 25P
   700mA High Speed LDO Regulator with Reverse Current Protection
logo
Unisonic Technologies
UR6227 UTC-UR6227 Datasheet
228Kb / 7P
   HIGH SPEED LDO REGULATOR WITH REVERSE CURRENT PROTECTION
logo
Torex Semiconductor
XCM406-12 TOREX-XCM406-12 Datasheet
1Mb / 20P
   700mA High Speed Dual LDO Regulator
XCM406 TOREX-XCM406_12 Datasheet
1Mb / 20P
   700mA High Speed Dual LDO Regulator
logo
Nisshinbo Micro Devices...
R1191X NISSHINBO-R1191X Datasheet
4Mb / 45P
   300mA LDO REGULATOR with the Reverse Current Protection
logo
Unisonic Technologies
UR6223 UTC-UR6223 Datasheet
191Kb / 8P
   BUILT-IN INRUSH CURRENT PROTECTION HIGH SPEED LDO VOLTAGE REGULATOR
logo
RICOH electronics devic...
R1163 RICOH-R1163 Datasheet
718Kb / 30P
   3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
R1163N151B RICOH-R1163N151B Datasheet
1Mb / 36P
   3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com