Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC25BS8055MR-G Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC25BS8055MR-G
Description  Ultra Small PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC25BS8055MR-G Datasheet(HTML) 5 Page - Torex Semiconductor

  XC25BS8055MR-G Datasheet HTML 1Page - Torex Semiconductor XC25BS8055MR-G Datasheet HTML 2Page - Torex Semiconductor XC25BS8055MR-G Datasheet HTML 3Page - Torex Semiconductor XC25BS8055MR-G Datasheet HTML 4Page - Torex Semiconductor XC25BS8055MR-G Datasheet HTML 5Page - Torex Semiconductor XC25BS8055MR-G Datasheet HTML 6Page - Torex Semiconductor XC25BS8055MR-G Datasheet HTML 7Page - Torex Semiconductor XC25BS8055MR-G Datasheet HTML 8Page - Torex Semiconductor XC25BS8055MR-G Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5/14
XC25BS8
Series
PARAMETER
SYMBOL
CONDITIONS
MIN.
MAX.
UNITS
Supply Voltage 3.3V
VDD
3.3V (TYP.) operation
2.97
3.63
V
Input Frequency
fCLKin
(*1)
2.000
18.500
MHz
Multiplier Ratio
N/M
Typical value is shown
(*1)
4
-
Output Frequency
fQ0
(*1)
8.000
74.000
MHz
Load Capacity
(*3)
CL
-
15
pF
Output Start Time
(*2)(*3)
tSTART
fCLKin=2.000MHz
0.05
20
ms
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CIRCUIT
H Level Input Voltage
VIH
2.70
-
-
V
L Level Input Voltage
VIL
-
-
0.60
V
H Level Input Current
IiH
VCLKin=VDD-0.3V
-
-
3.0
μ
A
L Level Input Current
IiL
VCLKin=0.3V
-3.0
-
-
μ
A
H Level Output Voltage
VOH
VDD=2.97V,IOH=-4mA
2.38
-
-
V
L Level Output Voltage
VOL
VDD=2.97V,IOL= 4mA
-
-
0.45
V
Supply Current 1
IDD1
VDD=3.63V,CE= 3.63V
-
5.0
10.0
mA
Supply Current 2
IDD2
VDD=3.63V,CE= 0.0V
-
-
10
μ
A
CE H Level Voltage
VCEH
2.70
-
-
V
CE L Level Voltage
VCEL
-
-
0.45
V
CE Pull-Down Resistance 1
Rdn1
CE= VDD
0.1
0.6
1.2
M
CE Pull-Down Resistance 2
Rdn2
CE= 0.1*VDD
5
30
60
k
Output Off Leak Current
IOZ
VDD=3.63V,CE= 0.0V
-
-
10
μ
A
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS
CIRCUIT
Output Rise Time
(*1)
tR
(20% ~ 80%)
-
4.0
8.0
ns
Output Fall Time
(*1)
tF
(20% ~ 80%)
-
4.0
8.0
ns
Output Signal Duty Cycle
(*1)
Duty
45
50
55
PLL Output Signal Jitter 1
(*1)
tJ1
1σ (Output Period)
-
45
-
ps
PLL Output Signal Jitter 2
(*1)
tJ
Peak to Peak (Output Tracking)
-
8.0
-
ns
ELECTRICAL CHARACTERISTICS
Recommended Operating Conditions: XC25BS8050xx (4 multiplication, Input 3MHz (TYP.)) 3.3V (TYP.)
Tested below Ta=25
OC
NOTE:
*1: The values are measured when a capacitor CIN=0.1μF is connected between VDD and VSS pins, a capacitor C1=0.1μF is connected
between LFP and VSS pins
*2: It is a time to get stable output signal from Q0 pin after the CE pin is turned on while applying supply voltage to the VDD pin and applying the
input signal to the CLKin pin.
*3: Values indicated are design values which are not guaranteed 100%.
DC Characteristics: XC25BS8050xx (4 multiplication, Input 3MHz (TYP.)) 3.3V (TYP.)
Ta=25℃
AC Characteristics: XC25BS8050xx (4 multiplication, 3MHz(TYP.)) 3.3V (TYP.)
Ta=25℃
NOTE:
TEST CONDITION: VDD=3.3V, fCLKin=3MHz, C1=0.1μF, Multiplier ratio=4, CL=15pF
*1: Values indicated are design values, which are not guaranteed 100%.
NOTE:
TEST CONDITION: VDD=3.0V, fCLKin=3MHz, C1=0.1μF, Multiplier ratio=4, No load


Similar Part No. - XC25BS8055MR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC25BS8001EL TOREX-XC25BS8001EL Datasheet
567Kb / 14P
   Ultra Small PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS8001ER TOREX-XC25BS8001ER Datasheet
567Kb / 14P
   Ultra Small PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS8001ML TOREX-XC25BS8001ML Datasheet
567Kb / 14P
   Ultra Small PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS8001MR TOREX-XC25BS8001MR Datasheet
567Kb / 14P
   Ultra Small PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
More results

Similar Description - XC25BS8055MR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC25BS8 TOREX-XC25BS8 Datasheet
567Kb / 14P
   Ultra Small PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS5 TOREX-XC25BS5_12 Datasheet
305Kb / 12P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS7 TOREX-XC25BS7 Datasheet
289Kb / 13P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS7 TOREX-XC25BS7_1 Datasheet
307Kb / 13P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits
XC25BS5 TOREX-XC25BS5 Datasheet
191Kb / 8P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits (For Low Frequency range)
XC25BS5_002 TOREX-XC25BS5_002 Datasheet
477Kb / 10P
   PLL Clock Generator ICs with Built-In Divider/Multiplier Circuits(For Low Frequency Range)
XC25BS6 TOREX-XC25BS6_1 Datasheet
181Kb / 5P
   Divider Signal Output Clock Generator ICs with Built-In Crystal Oscillator Circuit
XC25BS6 TOREX-XC25BS6 Datasheet
57Kb / 4P
   Divider Signal Output Clock Generator ICs with Built-In Crystal Oscillator Circuit
logo
Texas Instruments
CDC706 TI-CDC706 Datasheet
1Mb / 41P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
CDCE906 TI-CDCE906 Datasheet
1Mb / 33P
[Old version datasheet]   PROGRAMMABLE 3-PLL CLOCK SYNTHESIZER / MULTIPLIER / DIVIDER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com