Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DBP-M987LF-02-1002-B Datasheet(PDF) 3 Page - IRC - a TT electronics Company.

Part # DBP-M987LF-02-1002-B
Description  TaNFilm Precision Molded DIP Resistor Network
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

DBP-M987LF-02-1002-B Datasheet(HTML) 3 Page - IRC - a TT electronics Company.

  DBP-M987LF-02-1002-B Datasheet HTML 1Page - IRC - a TT electronics Company. DBP-M987LF-02-1002-B Datasheet HTML 2Page - IRC - a TT electronics Company. DBP-M987LF-02-1002-B Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Physical Data
A
.180
+.005
-.007
.331 Max
.035 ±.010
.135
+.015
-.010
.065
+.005
-.003
.019 ±.002
.100 ±.010 Typ
Nonaccumulative
.080 ±.005
.310 ±.010
.260
+.005
-.000
.010 ±.002
.320
.360
A Max
8 Pin
.465
14 Pin
.765
16 Pin
.865
TaNFilm® Precision Molded
DIP Resistor Network
M900 Series Issue January 2009 Sheet 2 of 3
Sample Part No.
DBP
- M989 - 02 -
1002 - F
B
Style
M954, M954LF = 8-pin DIP, schematic B
M959, M959LF = 8-pin DIP, schematic A
M987, M987LF = 14-pin DIP, schematic B
M989, M989LF = 14-pin DIP, schematic A
M998, M998LF = 16-pin DIP, schematic B
M999, M999LF = 16-pin DIP, schematic A
Note: LF indicates 100% matte tin terminations
TCR Code
01 = ±100ppm/°C; 02 = ±50ppm/°C; 03 = ±25ppm/°C
Resistance
4-Digit resistance code
Ex: 1002 = 10K
Ω; 50R1 = 50.1Ω
Absolute Tolerance Code
G = ±2%; F = ±1%; D = ±0.5%; C = ±0.25%; B = ±0.1%
Optional Ratio Tolerance to R
1
G = ±2%; F = ±1%; D = ±0.5%; C = ±0.25%; B = ±0.1%; A = ±0.05%
Ordering Data


Similar Part No. - DBP-M987LF-02-1002-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DBP0738 ETC1-DBP0738 Datasheet
27Kb / 1P
   GaAs Bi-Phase Modulator
More results

Similar Description - DBP-M987LF-02-1002-B

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
M8340101M1001JA IRCTT-M8340101M1001JA Datasheet
489Kb / 3P
   TaNFilm Precision DIP Network Commercial and MIL Qualified
SON-NS4A-01-1002 IRCTT-SON-NS4A-01-1002 Datasheet
322Kb / 4P
   TaNFilm Flat Precision Resistor Array
GUB-GM7A-01-2001-J IRCTT-GUB-GM7A-01-2001-J Datasheet
516Kb / 3P
   TaNFilm Small Outline Surface Mount Resistor Network
MWR-MWC01SC-01-50R0-K IRCTT-MWR-MWC01SC-01-50R0-K Datasheet
457Kb / 2P
   TaNFilm Microwave Chip Resistor
logo
Vishay Siliconix
MPD VISHAY-MPD Datasheet
280Kb / 4P
   Molded, SOT-143 Resistor Network
Revision: 17-Sep-07
MPM VISHAY-MPM Datasheet
302Kb / 3P
   Molded, SOT-23 Resistor Network
Revision: 14-May-07
logo
IRC - a TT electronics ...
PFC-D1206-01-1003-3301-FF IRCTT-PFC-D1206-01-1003-3301-FF Datasheet
268Kb / 3P
   TaNFilm Precision Chip Voltage Divider
logo
Vishay Siliconix
VRD330K470MTF VISHAY-VRD330K470MTF Datasheet
98Kb / 4P
   Molded, SOT-23 Resistor/Capacitor Network
Revision: 01-Jul-08
logo
C&B ELECTRONICS (SHENZH...
PCSK RESI-PCSK Datasheet
1Mb / 2P
   Molded Precision Current Sensing Resistor
2023/02/14
PCSR RESI-PCSR Datasheet
578Kb / 2P
   Molded Precision Current Sensing Resistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com