Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFP-MHP600LF-R-1K00F Datasheet(PDF) 4 Page - IRC - a TT electronics Company.

Part # TFP-MHP600LF-R-1K00F
Description  High Power SOT227 Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

TFP-MHP600LF-R-1K00F Datasheet(HTML) 4 Page - IRC - a TT electronics Company.

  TFP-MHP600LF-R-1K00F Datasheet HTML 1Page - IRC - a TT electronics Company. TFP-MHP600LF-R-1K00F Datasheet HTML 2Page - IRC - a TT electronics Company. TFP-MHP600LF-R-1K00F Datasheet HTML 3Page - IRC - a TT electronics Company. TFP-MHP600LF-R-1K00F Datasheet HTML 4Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
© IRC Advanced Film Division • 4222 South Staples Street • Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
High Power SOT227
Resistors
MHP SOT227 Series Issue August 2008
Ordering Data
Prefix
TFP - MHP 300 LF - X - 1R50 - J
Style
Power
150 = 150W, 200 = 200W, 250 = 250W
300 = 300W, 550 = 550W, 600 = 600W
RoHS Compliant
Schematic Code1
X, Y, Z, V, R
Resistance Tolerance Code2
4-digit resistance code.
Ex: 1R50 = 1.5W, 1K00 = 1.0KW
Tolerance Code
F = ±1%, J = ±5%
Packaging
Parts are only available in bulk packaging.
Note 1.
Schematics X, Y, nad Z are only available for the 200, 300, and 600 versions.
Schematics V and R are only available on the 150, 250, and 550 versions.
Note 2.
For Schematics V and R, resistance values are the same.


Similar Part No. - TFP-MHP600LF-R-1K00F

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
TFP-MHP100LF-10R0-F IRCTT-TFP-MHP100LF-10R0-F Datasheet
781Kb / 3P
   MHP TO-247 Series Power Resistor
TFP-MHP100LF-10R0-J IRCTT-TFP-MHP100LF-10R0-J Datasheet
781Kb / 3P
   MHP TO-247 Series Power Resistor
TFP-MHP100LF-1K00-F IRCTT-TFP-MHP100LF-1K00-F Datasheet
781Kb / 3P
   MHP TO-247 Series Power Resistor
TFP-MHP100LF-1K00-J IRCTT-TFP-MHP100LF-1K00-J Datasheet
781Kb / 3P
   MHP TO-247 Series Power Resistor
TFP-MHP140LF-10R0-F IRCTT-TFP-MHP140LF-10R0-F Datasheet
781Kb / 3P
   MHP TO-247 Series Power Resistor
More results

Similar Description - TFP-MHP600LF-R-1K00F

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SQPW201R0F MACOM-SQPW201R0F Datasheet
255Kb / 3P
   High Power Resistors
1773285 MACOM-1773285 Datasheet
255Kb / 3P
   High Power Resistors
SQMR510KJ MACOM-SQMR510KJ Datasheet
255Kb / 3P
   High Power Resistors
logo
List of Unclassifed Man...
MCHP03W8F4700T5E ETC2-MCHP03W8F4700T5E Datasheet
303Kb / 6P
   High Power Resistors
logo
Tyco Electronics
SQMR52K2J MACOM-SQMR52K2J Datasheet
250Kb / 3P
   High Power Resistors
logo
Welwyn Components Limit...
SC3 WELWYN-SC3 Datasheet
600Kb / 3P
   High Power Chip Resistors
logo
Bourns Electronic Solut...
CRM2512 BOURNS-CRM2512 Datasheet
385Kb / 2P
   High power chip resistors
CRM1206 BOURNS-CRM1206 Datasheet
204Kb / 2P
   High power chip resistors
logo
TT Electronics.
SCW-SC3LF-100R TTELEC-SCW-SC3LF-100R Datasheet
986Kb / 3P
   High Power Chip Resistors
logo
Bourns Electronic Solut...
CRM2010 BOURNS-CRM2010 Datasheet
228Kb / 2P
   High power chip resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com