Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M55342M04B1E00P Datasheet(PDF) 1 Page - IRC - a TT electronics Company.

Part # M55342M04B1E00P
Description  Precision Military Qualified Chip Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

M55342M04B1E00P Datasheet(HTML) 1 Page - IRC - a TT electronics Company.

  M55342M04B1E00P Datasheet HTML 1Page - IRC - a TT electronics Company. M55342M04B1E00P Datasheet HTML 2Page - IRC - a TT electronics Company. M55342M04B1E00P Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
MIL-CHIP Series Issue January 2009 Sheet 1 of 3
MIL-CHIP Series
6 industry chip sizes available
Thin and thick film technologies
MIL-PRF-55342 Characteristics E, H, K, and M
MIL-PRF-55342 extended reliability levels C, M, P, R, and S
Precision Military Qualified
Chip Resistors
Electrical Data
Style
Size
Technology
MIL-PRF-55342
Characteristic
Tolerance
Resistance
Range
(Ω)
Power
Rating
(mW)
Voltage
Rating*
(V)
Reliability
Level
Termination
Type
Style 12
RM0603
Thin Film
(TaNFilm®)
E, H, K, M
±0.1%
100R - 59K
100
50
C, M, P,
R, S
Type `B´
Sn/Pb solder
over nickel
barrier
±1%, ±2%, ±5%, ±10%
10R0- 59K
Style 06
RM0705
Thin Film
(TaNFilm®)
E, H, K, M
±0.1%
100R - 125K
150
50
C, M, P,
R, S
±1%, ±2%, ±5%, ±10%
10R0- 125K
Style 04
RM1505
Thin Film
(TaNFilm®)
E, H, K, M
±0.1%
100R - 125K
150
125
C, M, P,
R, S
±1%, ±2%, ±5%, ±10%
10R0- 125K
Style 07
RM1206
Thin Film
(TaNFilm®)
E, H, K, M
±0.1%
100R - 125K
250
100
C, M, P,
R, S
±1%, ±2%, ±5%, ±10%
10R0- 125K
Style 07
RM1206
Thick Film
K, M
±1%, ±2%, ±5%, ±10%
5R62 - 10M
250
100
C, M,
P, R
Style 08
RM2010
Thick Film
K, M
±1%, ±2%, ±5%, ±10%
5R62 - 15M
800
150
Style 09
RM2512
Thick Film
K, M
±1%, ±2%, ±5%, ±10%
5R62 - 15M
1000
200
The IRC military chip resistor series provides precision and stable
performance in six industry standard chip sizes. IRC now utilizes two
film technologies to expand our options in size, resistance range and tolerance. IRC’s proprietary thick film
technology provides extended range and lower cost while our exclusive thin film (TaNFilm® tantalum nitride)
technology provides precision and superior performance in the harshest moisture environment.


Similar Part No. - M55342M04B1E00P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M55342M04B1C100CBSV VISHAY-M55342M04B1C100CBSV Datasheet
119Kb / 4P
   QPL MIL-PRF-55342 Qualified Thin Film Resistor Chips
Revision: 04-Nov-14
M55342M04B1C100CT0V VISHAY-M55342M04B1C100CT0V Datasheet
119Kb / 4P
   QPL MIL-PRF-55342 Qualified Thin Film Resistor Chips
Revision: 04-Nov-14
M55342M04B1C100CT1V VISHAY-M55342M04B1C100CT1V Datasheet
119Kb / 4P
   QPL MIL-PRF-55342 Qualified Thin Film Resistor Chips
Revision: 04-Nov-14
M55342M04B1C100CWSV VISHAY-M55342M04B1C100CWSV Datasheet
119Kb / 4P
   QPL MIL-PRF-55342 Qualified Thin Film Resistor Chips
Revision: 04-Nov-14
M55342M04B1C100MBSV VISHAY-M55342M04B1C100MBSV Datasheet
119Kb / 4P
   QPL MIL-PRF-55342 Qualified Thin Film Resistor Chips
Revision: 04-Nov-14
More results

Similar Description - M55342M04B1E00P

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
M55342E06B4B22R TTELEC-M55342E06B4B22R Datasheet
449Kb / 3P
   Precision Military and Space Qualified Chip Resistors
M55342E06B10A0R TTELEC-M55342E06B10A0R Datasheet
449Kb / 3P
   Precision Military and Space Qualified Chip Resistors
D55342E07B3B74R TTELEC-D55342E07B3B74R Datasheet
449Kb / 3P
   Precision Military and Space Qualified Chip Resistors
M55342E06B20B0R TTELEC-M55342E06B20B0R Datasheet
449Kb / 3P
   Precision Military and Space Qualified Chip Resistors
D55342E07B2B49R TTELEC-D55342E07B2B49R Datasheet
449Kb / 3P
   Precision Military and Space Qualified Chip Resistors
M55342E06B4B70R TTELEC-M55342E06B4B70R Datasheet
449Kb / 3P
   Precision Military and Space Qualified Chip Resistors
logo
RCD COMPONENTS INC.
MCT0805S-R100-B RCD-MCT0805S-R100-B Datasheet
25Kb / 1P
   THICK FILM PRECISION CHIP RESISTORS MILITARY GRADE
logo
Vishay Siliconix
RN50C1501FB14 VISHAY-RN50C1501FB14 Datasheet
154Kb / 5P
   Metal Film Resistors, Military, MIL-R-10509 Qualified
Revision: 02-May-13
G-1-80 VISHAY-G-1-80 Datasheet
192Kb / 3P
   Wirewound Resistors, Military, MIL-PRF-26 Qualified, Type RW, Precision Power, Silicone Coated
Revision: 22-Mar-06
RS01M VISHAY-RS01M Datasheet
286Kb / 3P
   Wirewound Resistors, Military, MIL-PRF-26 Qualified, Type RW, Precision Power, Silicone Coated
Revision 22-Mar-06
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com