Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6222B28BER-G Datasheet(PDF) 5 Page - Torex Semiconductor

Part # XC6222B28BER-G
Description  Reverse Current Protection, 700mA High Speed LDO Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6222B28BER-G Datasheet(HTML) 5 Page - Torex Semiconductor

  XC6222B28BER-G Datasheet HTML 1Page - Torex Semiconductor XC6222B28BER-G Datasheet HTML 2Page - Torex Semiconductor XC6222B28BER-G Datasheet HTML 3Page - Torex Semiconductor XC6222B28BER-G Datasheet HTML 4Page - Torex Semiconductor XC6222B28BER-G Datasheet HTML 5Page - Torex Semiconductor XC6222B28BER-G Datasheet HTML 6Page - Torex Semiconductor XC6222B28BER-G Datasheet HTML 7Page - Torex Semiconductor XC6222B28BER-G Datasheet HTML 8Page - Torex Semiconductor XC6222B28BER-G Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
5/26
XC6222
Series
NOTE:
* 1: Unless otherwise stated, input voltage is VIN=VOUT(T)+1.0V.
* 2: VOUT (E) is effective output voltage (Refer to the voltage chart E-0 and E-1)
It is defined as output voltages when an amply stabilized VOUT (T) +1.0V is supplied to the VIN pin while maintaining a certain IOUT .
* 3: The relation between VOU T (E) and VOUT (T) is shown in the voltage chart E-0 and E-1.
* 4: VOUT (T) is nominal output voltage
* 5: Vdif = {VIN1
(*7)-VOUT1(*6)}
* 6: VOUT1 equals 98% of the output voltage when amply stabilized VOUT (T) +1.0V are supplied to the VIN pin.
* 7: VIN1 is the input voltage when VOUT1 appears at the VOUT pin while input voltage is gradually decreased.
* 8: Reverse current (IREV) flows from VOUT to VIN.
* 9: VOUT pin sink current (IREVS) flows from VOUT to VSS.
*10: For the XC6222A/C series only. In the XC6222B/D series, the current flows from the VOUT pin to the VSS pin via the internal switch
when CE pin is low. Please do not connect another power supply to the VOUT pin. Please also note when the XC6222A/C series
connects external power supply to the VOUT pin, please use under 6.0V.
*11: For the XC6222B/D series only. The XC6222A/C series discharges via two resistors R1 and R2 shown in the block diagram.
ELECTRICAL CHARACTERISTICS (Continued)


Similar Part No. - XC6222B28BER-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6222B181PR-G TOREX-XC6222B181PR-G Datasheet
633Kb / 26P
   700mA High Speed LDO Regulator with Reverse Current Protection
More results

Similar Description - XC6222B28BER-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6222D251MR-G TOREX-XC6222D251MR-G Datasheet
616Kb / 26P
   Reverse Current Protection, 700mA High Speed LDO Regulator
XC6222B181PR-G TOREX-XC6222B181PR-G Datasheet
633Kb / 26P
   700mA High Speed LDO Regulator with Reverse Current Protection
XC6227 TOREX-XC6227 Datasheet
612Kb / 25P
   700mA High Speed LDO Regulator with Reverse Current Protection
logo
Unisonic Technologies
UR6227 UTC-UR6227 Datasheet
228Kb / 7P
   HIGH SPEED LDO REGULATOR WITH REVERSE CURRENT PROTECTION
logo
Torex Semiconductor
XCM406-12 TOREX-XCM406-12 Datasheet
1Mb / 20P
   700mA High Speed Dual LDO Regulator
XCM406 TOREX-XCM406_12 Datasheet
1Mb / 20P
   700mA High Speed Dual LDO Regulator
logo
Nisshinbo Micro Devices...
R1191X NISSHINBO-R1191X Datasheet
4Mb / 45P
   300mA LDO REGULATOR with the Reverse Current Protection
logo
Unisonic Technologies
UR6223 UTC-UR6223 Datasheet
191Kb / 8P
   BUILT-IN INRUSH CURRENT PROTECTION HIGH SPEED LDO VOLTAGE REGULATOR
logo
RICOH electronics devic...
R1163 RICOH-R1163 Datasheet
718Kb / 30P
   3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
R1163N151B RICOH-R1163N151B Datasheet
1Mb / 36P
   3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com