Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M55342K04B1E00M Datasheet(PDF) 2 Page - IRC - a TT electronics Company.

Part # M55342K04B1E00M
Description  Precision Military Qualified Chip Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

M55342K04B1E00M Datasheet(HTML) 2 Page - IRC - a TT electronics Company.

  M55342K04B1E00M Datasheet HTML 1Page - IRC - a TT electronics Company. M55342K04B1E00M Datasheet HTML 2Page - IRC - a TT electronics Company. M55342K04B1E00M Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MIL-CHIP Series Issue January 2009 Sheet 2 of 3
• 4222 South Staples Street • Corpus Christi Texas 78411 USA
© IRC Advanced Film Division
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
Precision Military Qualified
Chip Resistors
Environmental Data
Environmental Test
MIL-PRF-55342
Thick Film Performance
Thin Film Performance
MIL-PRF-55342
Characteristic K
Typical IRC ∆R
MIL-PRF-55342
Characteristic H
Typical IRC ∆R
Thermal Shock
±0.5%
±0.04%
±0.25%
±0.02%
Low Temperature Operation
±0.25%
±0.01%
±0.25%
±0.01%
Short-time Overload
±0.25%
±0.03%
±0.10%
±0.01%
High Temperature Exposure
±0.5%
±0.05%
±0.50%
±0.03%
Resistance to Solder
±0.25%
±0.09%
±0.25%
±0.01%
Moisture Resistance
±0.5%
±0.06%
±0.40%
±0.03%
Life
±2.0%
±0.10%
±2.0%
±0.03%
L
a
W
H
b
TOP
SIDE
BOTTOM
L
W
H
a
b
0603
0.063″ ±0.004
0.031″ ±0.004
0.020″ ±0.004
0.008″ ±0.004
0.008″ ±0.004
0805
0.081″ ±0.005
0.050″ ±0.005
0.020″ ±0.006
0.016″ ±0.008
0.016″ ±0.008
1505
0.155″ ±0.007
0.050″ ±0.005
0.025″ ±0.003
0.015″ ±0.008
0.015″ ±0.008
1206 (Thin Film)
0.126″ ±0.006
0.063″ ±0.005
0.024″ ±0.004
0.016″ ±0.008
0.016″ ±0.008
1206 (Thick Film)
0.126″ ±0.008
0.063″ ±0.005
0.024″ ±0.004
0.020″+0.005/
-0.010
0.020″+0.005/
-0.010
2010
0.209″ ±0.009
0.098″ ±0.005
0.028″ ±0.005
0.020″ ±0.005
0.020″ ±0.005
2512
0.259″ ±0.009
0.124″ ±0.005
0.028″ ±0.005
0.020″ ±0.005
0.020″ ±0.005
Physical Data


Similar Part No. - M55342K04B1E00M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
M55342K04B1C100CBSV VISHAY-M55342K04B1C100CBSV Datasheet
119Kb / 4P
   QPL MIL-PRF-55342 Qualified Thin Film Resistor Chips
Revision: 04-Nov-14
M55342K04B1C100CT0V VISHAY-M55342K04B1C100CT0V Datasheet
119Kb / 4P
   QPL MIL-PRF-55342 Qualified Thin Film Resistor Chips
Revision: 04-Nov-14
M55342K04B1C100CT1V VISHAY-M55342K04B1C100CT1V Datasheet
119Kb / 4P
   QPL MIL-PRF-55342 Qualified Thin Film Resistor Chips
Revision: 04-Nov-14
M55342K04B1C100CWSV VISHAY-M55342K04B1C100CWSV Datasheet
119Kb / 4P
   QPL MIL-PRF-55342 Qualified Thin Film Resistor Chips
Revision: 04-Nov-14
M55342K04B1C100MBSV VISHAY-M55342K04B1C100MBSV Datasheet
119Kb / 4P
   QPL MIL-PRF-55342 Qualified Thin Film Resistor Chips
Revision: 04-Nov-14
More results

Similar Description - M55342K04B1E00M

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
M55342E06B4B22R TTELEC-M55342E06B4B22R Datasheet
449Kb / 3P
   Precision Military and Space Qualified Chip Resistors
M55342E06B10A0R TTELEC-M55342E06B10A0R Datasheet
449Kb / 3P
   Precision Military and Space Qualified Chip Resistors
D55342E07B3B74R TTELEC-D55342E07B3B74R Datasheet
449Kb / 3P
   Precision Military and Space Qualified Chip Resistors
M55342E06B20B0R TTELEC-M55342E06B20B0R Datasheet
449Kb / 3P
   Precision Military and Space Qualified Chip Resistors
D55342E07B2B49R TTELEC-D55342E07B2B49R Datasheet
449Kb / 3P
   Precision Military and Space Qualified Chip Resistors
M55342E06B4B70R TTELEC-M55342E06B4B70R Datasheet
449Kb / 3P
   Precision Military and Space Qualified Chip Resistors
logo
RCD COMPONENTS INC.
MCT0805S-R100-B RCD-MCT0805S-R100-B Datasheet
25Kb / 1P
   THICK FILM PRECISION CHIP RESISTORS MILITARY GRADE
logo
Vishay Siliconix
RN50C1501FB14 VISHAY-RN50C1501FB14 Datasheet
154Kb / 5P
   Metal Film Resistors, Military, MIL-R-10509 Qualified
Revision: 02-May-13
G-1-80 VISHAY-G-1-80 Datasheet
192Kb / 3P
   Wirewound Resistors, Military, MIL-PRF-26 Qualified, Type RW, Precision Power, Silicone Coated
Revision: 22-Mar-06
RS01M VISHAY-RS01M Datasheet
286Kb / 3P
   Wirewound Resistors, Military, MIL-PRF-26 Qualified, Type RW, Precision Power, Silicone Coated
Revision 22-Mar-06
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com