Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6601A071ER Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XC6601A071ER
Description  Low Voltage Input LDO Voltage Regulator with Soft-Start Function
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6601A071ER Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XC6601A071ER Datasheet HTML 2Page - Torex Semiconductor XC6601A071ER Datasheet HTML 3Page - Torex Semiconductor XC6601A071ER Datasheet HTML 4Page - Torex Semiconductor XC6601A071ER Datasheet HTML 5Page - Torex Semiconductor XC6601A071ER Datasheet HTML 6Page - Torex Semiconductor XC6601A071ER Datasheet HTML 7Page - Torex Semiconductor XC6601A071ER Datasheet HTML 8Page - Torex Semiconductor XC6601A071ER Datasheet HTML 9Page - Torex Semiconductor XC6601A071ER Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
6/33
XC6601 Series
E-0
E-0
OUTPUT VOLTAGE (V)
OUTPUT VOLTAGE (V)
NOMINAL
OUTPUT
VOLTAGE (V)
VOUT
NOMINAL
OUTPUT
VOLTAGE (V)
VOUT
VOUT(T)
MIN.
MAX.
VOUT(T)
MIN.
MAX.
0.70
0.680
0.720
1.30
1.280
1.320
0.75
0.730
0.770
1.35
1.330
1.370
0.80
0.780
0.820
1.40
1.380
1.420
0.85
0.830
0.870
1.45
1.430
1.470
0.90
0.880
0.920
1.50
1.480
1.520
0.95
0.930
0.970
1.55
1.530
1.570
1.00
0.980
1.020
1.60
1.580
1.620
1.05
1.030
1.070
1.65
1.630
1.670
1.10
1.080
1.120
1.70
1.680
1.720
1.15
1.130
1.170
1.75
1.730
1.770
1.20
1.180
1.220
1.80
1.780
1.820
1.25
1.230
1.270
PARAMETER
SYNBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS CIRCUIT
Output Voltage
Temperature
Characteristics
VOUT/
Topr・VOUT
VBIAS=VCE=3.6V, VIN=VOUT(T)+0.3V ,
IOUT=30mA,
- 40℃≦ Topr ≦85℃
-
±
100
-
ppm/℃
Limit Current
ILIM
VOUT=VOUT(E)×0.95,
VBIAS=VCE=3.6V, VIN=VOUT(T)+0.3V
400
550
-
mA
Short Current
ISHORT
VBIAS=VCE=3.6V, VIN=VOUT(T)+0.3V,
VOUT=0V
-
80
-
mA
Thermal Shutdown
Detect Temperature
TTSD
Junction Temperature
-
150
-
Thermal Shutdown
Release Temperature
TTSR
Junction Temperature
-
125
-
Hysteresis Width
TTSD-TTSR
-
25
-
CL Auto-Discharge
Resistance
Rdischg
VBIAS=3.6V, VIN= VOUT(T)+0.3V,
VCE= VSS, VOUT=VOUT(T)
290
430
610
Ω
CE "H" Level Voltage
VCEH
VBIAS=3.6V, VIN= VOUT(T)+0.3V
0.75
-
6.0
V
CE "L" Level Voltage
VCEL
VBIAS=3.6V, VIN= VOUT(T)+0.3V
-
-
0.16
V
CE "H" Level Current
(A Series)
2.4
-
8.0
CE "H" Level Current
(B Series)
ICEH
VBIAS=VCE=6.0V,
VIN=VOUT(T)+0.3V
-0.1
-
0.1
μ
A
CE "L" Level Current
ICEL
VBIAS=6.0V, VCE=VSS
VIN=VOUT(T)+0.3V
-0.1
-
0.1
μ
A
Soft-Start Time
(*11)
tSS
VBIAS=3.6V, VIN=VOUT(T)+0.3V, IOUT=1mA
VCE=0V→3.6V
100
-
410
μ
s
OUTPUT VOLTAGE CHART
NOTE:
* 1: Please use Bias voltage VBIAS within the range VBIAS –VOUT(E)
(*3)≧1.2V
* 2: Please use Input voltage VIN within the range VIN≦VBIAS
* 3: VOUT(E) = Effective output voltage (Refer to the voltage chart E-0 and E-1)
* 4: VOUT (T) = Specified output voltage
* 5: E-0 = Please refer to the table named OUTPUT VOLTAGE CHART
* 6: E-1 = Please refer to the table named DROPOUT VOLTAGE CHART
* 7: Vdif = {VIN1
(*8)-VOUT1(*9)}.
* 8: VIN1 = The input voltage when VOUT1 appears as input voltage is gradually decreased.
* 9: VOUT1 = A voltage equal to 98% of the output voltage while maintaining an amply stabilized output voltage when VIN=VBIAS at VBIAS<3.0V, and
VIN=3.0V at VBIAS≧3.0V is input to the VIN pin.
* 10:
IBIASMAX = A supply current at the VBIAS pin providing for the output current (IOUT).
* 11: tSS is defined as a time VOUT reaches VOUT(E)x0.9V from the time when CE H threshold 0.75V is input to the CE pin.
ELECTRICAL CHARACTERISTICS (Continued)
Ta=25 ℃


Similar Part No. - XC6601A071ER

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6601A071ER TOREX-XC6601A071ER Datasheet
624Kb / 32P
   Low Voltage Input LDO Voltage Regulators
More results

Similar Description - XC6601A071ER

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-19243A12A-E8T1U SII-S-19243A12A-E8T1U Datasheet
3Mb / 74P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19253E12H-U5T1U SII-S-19253E12H-U5T1U Datasheet
2Mb / 30P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19254E12H-E8T1U SII-S-19254E12H-E8T1U Datasheet
2Mb / 32P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19243A12H-E8T1U SII-S-19243A12H-E8T1U Datasheet
3Mb / 74P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19244A12H-E8T1U SII-S-19244A12H-E8T1U Datasheet
3Mb / 68P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19244A12A-E8T1U SII-S-19244A12A-E8T1U Datasheet
3Mb / 68P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
logo
ABLIC Inc.
S-1137 ABLIC-S-1137 Datasheet
791Kb / 47P
   5.5 V INPUT, 300 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.2.2_00
S-1335 ABLIC-S-1335 Datasheet
756Kb / 67P
   HIGH RIPPLE-REJECTION SOFT-START FUNCTION CMOS VOLTAGE REGULATOR
Rev.1.3_02
logo
Seiko Instruments Inc
S-1137 SII-S-1137 Datasheet
2Mb / 47P
   HIGH RIPPLE-REJECTION LOW DROPOUT SOFT-START FUNCTION CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-19244XXXA ABLIC-S-19244XXXA Datasheet
1Mb / 68P
   AUTOMOTIVE, 125째C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com