Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6601A071ER Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC6601A071ER
Description  Low Voltage Input LDO Voltage Regulator with Soft-Start Function
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6601A071ER Datasheet(HTML) 1 Page - Torex Semiconductor

  XC6601A071ER Datasheet HTML 1Page - Torex Semiconductor XC6601A071ER Datasheet HTML 2Page - Torex Semiconductor XC6601A071ER Datasheet HTML 3Page - Torex Semiconductor XC6601A071ER Datasheet HTML 4Page - Torex Semiconductor XC6601A071ER Datasheet HTML 5Page - Torex Semiconductor XC6601A071ER Datasheet HTML 6Page - Torex Semiconductor XC6601A071ER Datasheet HTML 7Page - Torex Semiconductor XC6601A071ER Datasheet HTML 8Page - Torex Semiconductor XC6601A071ER Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
1/33
XC6601 Series
Low Voltage Input LDO Voltage Regulator with Soft-Start Function
FEATURES
Maximum Output Current
: 400mA (Limit:550mA TYP.)
Dropout Voltage
Bias Voltage Range
: 38mV@IOUT=100mA (TYP.)
(at VBIAS - VOUT=2.4V)
:
2.5V ~ 6.0V (VBIAS - VOUT≧1.2V)
Input Voltage Range
: 1.0V ~ 3.0V(VINVBIAS)
Output Voltage Range
: 0.7V ~ 1.8V (0.05V increments)
Output Voltage Accuracy
:±20mV
Power Consumption
: IBIAS=25μA , IIN=1.0μA (TYP.)
IBIAS=0.01μA , IIN=0.01μA (TYP.)
UVLO
: VBIAS=2.0V, VIN=0.4V (TYP.)
TSD (Detect/Release)
: 150℃/125℃ (TYP.)
Soft-Start Time
: 240μs @ VOUT=1.2V (TYP.)
Operating Temperature Range
Function
Low ESR Capacitor
: -40℃ ~ +85℃
: CL High Speed Auto-Discharge
: Ceramic Capacitor Compatible
Packages
: USP-6C, SOT-25, SOT-89-5
Environmentally Friendly
: EU RoHS Compliant, Pb Free
APPLICATIONS
Mobile phones
Cordless phones
Wireless communication equipment
Portable games
Cameras
Audio visual equipment
Portable AV equipment
PDAs
TYPICAL APPLICATION CIRCUIT
VBIAS =3.6V , VIN =1.8V , VOUT =1.5V
TYPICAL PEFORMANCE
CHARACTERISTICS
Dropout Voltage vs. Output Current
ETR0335_005
GENERAL DESCRIPTION
The XC6601 series is a low voltage input CMOS LDO regulator which provides highly accurate (±20mV) outputs and can
supply current efficiently due to its ultra low on-resistance even at low output voltages. The series is ideally suited to the
applications which require very low dropout voltage operation and consists of a voltage reference, an error amplifier, a driver
transistor, a current limiter, a fold back circuit, a thermal shutdown (TSD) circuit, an under voltage lock out (UVLO) circuit,
soft-start circuit and a phase compensation circuit.
Output voltage is selectable in 0.05V increments within a range of 0.7V to 1.8V using laser trimming technology and ceramic
capacitors can be used for the output stabilization capacitor (CL).
The over current protection circuit (the current limiter and the fold back circuit) as well as the thermal shutdown circuit (the
TSD circuit) are built-in. These two protection circuits will operate when either the output current reaches the current limit
level or the junction temperature reaches the temperature limit level.
With the built-in UVLO function, the regulator output is forced OFF when the voltage level at the VBIAS pin or the VIN pin falls
below the UVLO voltage level. With the soft-start function, the inrush current from VIN to VOUT for charging CL at start-up can
be reduced and makes the VIN stable.
The CE function enables the output to be turned off and the series to be put in stand-by mode resulting in greatly reduced
power consumption. At the time of entering the stand-by mode, the series enables the electric charge at the output capacitor
(CL) to be discharged via the internal auto-discharge switch which is located between the VOUT pin and the VSS pin. As a
result the VOUT pin quickly returns to the VSS level.
XC 6601B 121M R
0
50
100
150
200
250
300
0
100
200
300
400
 Output Current: IOUT(mA)
VBIAS=3.0V
VBIAS=3.3V
VBIAS=3.6V
VBIAS=4.2V
VBIAS=5.0V
Ta=25 [℃]


Similar Part No. - XC6601A071ER

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6601A071ER TOREX-XC6601A071ER Datasheet
624Kb / 32P
   Low Voltage Input LDO Voltage Regulators
More results

Similar Description - XC6601A071ER

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-19243A12A-E8T1U SII-S-19243A12A-E8T1U Datasheet
3Mb / 74P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19253E12H-U5T1U SII-S-19253E12H-U5T1U Datasheet
2Mb / 30P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19254E12H-E8T1U SII-S-19254E12H-E8T1U Datasheet
2Mb / 32P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19243A12H-E8T1U SII-S-19243A12H-E8T1U Datasheet
3Mb / 74P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19244A12H-E8T1U SII-S-19244A12H-E8T1U Datasheet
3Mb / 68P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19244A12A-E8T1U SII-S-19244A12A-E8T1U Datasheet
3Mb / 68P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
logo
ABLIC Inc.
S-1137 ABLIC-S-1137 Datasheet
791Kb / 47P
   5.5 V INPUT, 300 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.2.2_00
S-1335 ABLIC-S-1335 Datasheet
756Kb / 67P
   HIGH RIPPLE-REJECTION SOFT-START FUNCTION CMOS VOLTAGE REGULATOR
Rev.1.3_02
logo
Seiko Instruments Inc
S-1137 SII-S-1137 Datasheet
2Mb / 47P
   HIGH RIPPLE-REJECTION LOW DROPOUT SOFT-START FUNCTION CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-19244XXXA ABLIC-S-19244XXXA Datasheet
1Mb / 68P
   AUTOMOTIVE, 125째C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com