Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6601A18BMR-G Datasheet(PDF) 4 Page - Torex Semiconductor

Part # XC6601A18BMR-G
Description  Low Voltage Input LDO Voltage Regulator with Soft-Start Function
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6601A18BMR-G Datasheet(HTML) 4 Page - Torex Semiconductor

  XC6601A18BMR-G Datasheet HTML 1Page - Torex Semiconductor XC6601A18BMR-G Datasheet HTML 2Page - Torex Semiconductor XC6601A18BMR-G Datasheet HTML 3Page - Torex Semiconductor XC6601A18BMR-G Datasheet HTML 4Page - Torex Semiconductor XC6601A18BMR-G Datasheet HTML 5Page - Torex Semiconductor XC6601A18BMR-G Datasheet HTML 6Page - Torex Semiconductor XC6601A18BMR-G Datasheet HTML 7Page - Torex Semiconductor XC6601A18BMR-G Datasheet HTML 8Page - Torex Semiconductor XC6601A18BMR-G Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
4/33
XC6601 Series
PARAMETER
SYMBOL
RATINGS
UNITS
Bias Voltage
VBIAS
VSS-0.3 ~ +7.0
V
Input Voltage
VIN
VSS-0.3 ~ +7.0
V
Output Current
IOUT
700
(*1)
mA
VSS-0.3 ~ VBIAS+0.3
Output Voltage
VOUT
VSS-0.3 ~ VIN+0.3
V
CE Input Voltage
VCE
VSS-0.3 ~ +7.0
V
100
USP-6C
1000 (PCB mounted) *2
250
SOT-25
600 (PCB mounted) *2
500
Power Dissipation
SOT-89-5
Pd
1300 (PCB mounted) *2
mW
Operating Temperature Range
Topr
-40 ~ +85
Storage Temperature Range
Tstg
-55 ~ +125
(*1) IOUT=Less than Pd / (VIN-VOUT)
(*2) The power dissipation figure shown is PCB mounted. Please refer to pages 29~31 for details.
MAXIMUM ABSOLUTE RATINGS
Ta=25 ℃


Similar Part No. - XC6601A18BMR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6601A18BMR TOREX-XC6601A18BMR Datasheet
624Kb / 32P
   Low Voltage Input LDO Voltage Regulators
More results

Similar Description - XC6601A18BMR-G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-19243A12A-E8T1U SII-S-19243A12A-E8T1U Datasheet
3Mb / 74P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19253E12H-U5T1U SII-S-19253E12H-U5T1U Datasheet
2Mb / 30P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19254E12H-E8T1U SII-S-19254E12H-E8T1U Datasheet
2Mb / 32P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19243A12H-E8T1U SII-S-19243A12H-E8T1U Datasheet
3Mb / 74P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19244A12H-E8T1U SII-S-19244A12H-E8T1U Datasheet
3Mb / 68P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19244A12A-E8T1U SII-S-19244A12A-E8T1U Datasheet
3Mb / 68P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
logo
ABLIC Inc.
S-1137 ABLIC-S-1137 Datasheet
791Kb / 47P
   5.5 V INPUT, 300 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.2.2_00
S-1335 ABLIC-S-1335 Datasheet
756Kb / 67P
   HIGH RIPPLE-REJECTION SOFT-START FUNCTION CMOS VOLTAGE REGULATOR
Rev.1.3_02
logo
Seiko Instruments Inc
S-1137 SII-S-1137 Datasheet
2Mb / 47P
   HIGH RIPPLE-REJECTION LOW DROPOUT SOFT-START FUNCTION CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-19244XXXA ABLIC-S-19244XXXA Datasheet
1Mb / 68P
   AUTOMOTIVE, 125째C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com