Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6601A12BMR-G Datasheet(PDF) 11 Page - Torex Semiconductor

Part # XC6601A12BMR-G
Description  Low Voltage Input LDO Voltage Regulator with Soft-Start Function
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6601A12BMR-G Datasheet(HTML) 11 Page - Torex Semiconductor

Back Button XC6601A12BMR-G Datasheet HTML 7Page - Torex Semiconductor XC6601A12BMR-G Datasheet HTML 8Page - Torex Semiconductor XC6601A12BMR-G Datasheet HTML 9Page - Torex Semiconductor XC6601A12BMR-G Datasheet HTML 10Page - Torex Semiconductor XC6601A12BMR-G Datasheet HTML 11Page - Torex Semiconductor XC6601A12BMR-G Datasheet HTML 12Page - Torex Semiconductor XC6601A12BMR-G Datasheet HTML 13Page - Torex Semiconductor XC6601A12BMR-G Datasheet HTML 14Page - Torex Semiconductor XC6601A12BMR-G Datasheet HTML 15Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 33 page
background image
11/33
XC6601
Series
<Voltage Regulator>
The voltage divided by resistors R1 & R2 is compared with the internal reference voltage by the error amplifier. The N-channel
MOSFET which is connected to the VOUT pin is then driven by the subsequent output signal. The output voltage at the VOUT pin is
controlled & stabilized by a system of negative feedback.
VBIAS pin is power supply pin for output voltage control circuit, protection circuit and CE circuit. When output current increase,
the VBIAS pin supplies output current also. VIN pin is connected to a driver transistor and provides output current.
In order to obtain high efficient output current through low on-resistance, please take enough Vgs (=VBIAS – VOUT(T)) of the driver
transistor. Output current triggers operation of constant current limiter and fold-back circuit, heat generation triggers operation of
thermal shutdown circuit, the driver transistor circuit is forced OFF when VBIAS or VIN voltage goes lower than UVLO voltage.
Further, the IC's internal circuitry can be shutdown via the CE pin's signal.
Figure1: XC6601A series
<Low ESR Capacitor>
With the XC6601 series, a stable output voltage is achievable even if used with low ESR capacitors, as a phase compensation
circuit is built-in. The output capacitor (CL) should be connected as close to VOUT pin and VSS pin to obtain stable phase
compensation. Values required for the phase compensation are as the table below.
For a stable power input, please connect an bias capacitor (CBIAS ) of 1.0μF between the V BIAS pin and the VSS pin. Also, please
connect an input capacitor (CIN) of 1.0μF between the VIN pin and the VSS pin. In order to ensure the stable phase
compensation while avoiding run-out of values, please use the capacitor (CBIAS, CIN, CL ) which does not depend on bias or
temperature too much. The table below shows recommended values of CBIAS, CIN, CL.
Recommended Values of CBIAS, CIN, CL
BIAS CAPACITOR
INPUT CAPACITOR
OUTPUT CAPACITOR
SETTING VOLTAGE
CBIAS
CIN
CL
0.7V~1.8V
CBIAS=1.0μF
CIN=1.0μF
CL=4.7μF
OPERATIONAL EXPLANATION


Similar Part No. - XC6601A12BMR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6601A12BMR TOREX-XC6601A12BMR Datasheet
624Kb / 32P
   Low Voltage Input LDO Voltage Regulators
More results

Similar Description - XC6601A12BMR-G

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-19243A12A-E8T1U SII-S-19243A12A-E8T1U Datasheet
3Mb / 74P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19253E12H-U5T1U SII-S-19253E12H-U5T1U Datasheet
2Mb / 30P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19254E12H-E8T1U SII-S-19254E12H-E8T1U Datasheet
2Mb / 32P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19243A12H-E8T1U SII-S-19243A12H-E8T1U Datasheet
3Mb / 74P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19244A12H-E8T1U SII-S-19244A12H-E8T1U Datasheet
3Mb / 68P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
S-19244A12A-E8T1U SII-S-19244A12A-E8T1U Datasheet
3Mb / 68P
   CMOS VOLTAGE REGULATOR WITH SOFT-START FUNCTION
logo
ABLIC Inc.
S-1137 ABLIC-S-1137 Datasheet
791Kb / 47P
   5.5 V INPUT, 300 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.2.2_00
S-1335 ABLIC-S-1335 Datasheet
756Kb / 67P
   HIGH RIPPLE-REJECTION SOFT-START FUNCTION CMOS VOLTAGE REGULATOR
Rev.1.3_02
logo
Seiko Instruments Inc
S-1137 SII-S-1137 Datasheet
2Mb / 47P
   HIGH RIPPLE-REJECTION LOW DROPOUT SOFT-START FUNCTION CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-19244XXXA ABLIC-S-19244XXXA Datasheet
1Mb / 68P
   AUTOMOTIVE, 125째C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com