Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6222 Datasheet(PDF) 6 Page - Torex Semiconductor

Part # XC6222
Description  Reverse Current Protection, 700mA High Speed LDO Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6222 Datasheet(HTML) 6 Page - Torex Semiconductor

Back Button XC6222 Datasheet HTML 2Page - Torex Semiconductor XC6222 Datasheet HTML 3Page - Torex Semiconductor XC6222 Datasheet HTML 4Page - Torex Semiconductor XC6222 Datasheet HTML 5Page - Torex Semiconductor XC6222 Datasheet HTML 6Page - Torex Semiconductor XC6222 Datasheet HTML 7Page - Torex Semiconductor XC6222 Datasheet HTML 8Page - Torex Semiconductor XC6222 Datasheet HTML 9Page - Torex Semiconductor XC6222 Datasheet HTML 10Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
6/26
XC6222 Series
SYMBOL
E-0
E-1
E-2
NOMINAL
OUTPUT
VOLTAGE
(V)
OUTPUT VOLTAGE
(V)
LOAD REGULATION
(mV)
DROPOUT VOLTAGE
(mV)
VOUT(E)
ΔVOUT
Vdif
VOUT(T)
MIN.
MAX.
TYP.
MAX.
TYP.
MAX.
0.80
0.7800
0.8200
25
50
720
880
0.85
0.8300
0.8700
25
50
720
880
0.90
0.8800
0.9200
25
50
720
880
0.95
0.9300
0.9700
25
50
720
880
1.00
0.9800
1.0200
25
50
570
740
1.05
1.0300
1.0700
30
60
570
740
1.10
1.0800
1.1200
30
60
570
740
1.15
1.1300
1.1700
30
60
570
740
1.20
1.1800
1.2200
30
60
420
570
1.25
1.2300
1.2700
30
60
420
570
1.30
1.2800
1.3200
30
60
420
570
1.35
1.3300
1.3700
30
60
420
570
1.40
1.3800
1.4200
30
60
320
470
1.45
1.4300
1.4700
30
60
320
470
1.50
1.4800
1.5200
30
60
280
410
1.55
1.5300
1.5700
30
60
280
410
1.60
1.5800
1.6200
30
60
280
410
1.65
1.6300
1.6700
30
60
280
410
1.70
1.6800
1.7200
30
60
280
410
1.75
1.7300
1.7700
30
60
280
410
1.80
1.7800
1.8200
30
60
220
350
1.85
1.8300
1.8700
30
60
220
350
1.90
1.8800
1.9200
30
60
220
350
1.95
1.9300
1.9700
30
60
220
350
2.00
1.9800
2.0200
30
60
200
320
2.05
2.0295
2.0705
35
70
200
320
2.10
2.0790
2.1210
35
70
200
320
2.15
2.1285
2.1715
35
70
200
320
2.20
2.1780
2.2220
35
70
200
320
2.25
2.2275
2.2725
35
70
200
320
2.30
2.2770
2.3230
35
70
200
320
2.35
2.3265
2.3735
35
70
200
320
2.40
2.3760
2.4240
35
70
200
320
2.45
2.4255
2.4745
35
70
200
320
2.50
2.4750
2.5250
35
70
160
260
2.55
2.5245
2.5755
35
70
160
260
2.60
2.5740
2.6260
35
70
160
260
2.65
2.6235
2.6765
35
70
160
260
2.70
2.6730
2.7270
35
70
160
260
2.75
2.7225
2.7775
35
70
160
260
2.80
2.7720
2.8280
35
70
160
260
2.85
2.8215
2.8785
35
70
160
260
2.90
2.8710
2.9290
35
70
160
260
2.95
2.9205
2.9795
35
70
160
260
OUTPUT VOLTAGE CHART
Voltage Chart 1


Similar Part No. - XC6222

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6222B181PR-G TOREX-XC6222B181PR-G Datasheet
633Kb / 26P
   700mA High Speed LDO Regulator with Reverse Current Protection
XC6222D251MR-G TOREX-XC6222D251MR-G Datasheet
616Kb / 26P
   Reverse Current Protection, 700mA High Speed LDO Regulator
More results

Similar Description - XC6222

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6222D251MR-G TOREX-XC6222D251MR-G Datasheet
616Kb / 26P
   Reverse Current Protection, 700mA High Speed LDO Regulator
XC6222B181PR-G TOREX-XC6222B181PR-G Datasheet
633Kb / 26P
   700mA High Speed LDO Regulator with Reverse Current Protection
XC6227 TOREX-XC6227 Datasheet
612Kb / 25P
   700mA High Speed LDO Regulator with Reverse Current Protection
logo
Unisonic Technologies
UR6227 UTC-UR6227 Datasheet
228Kb / 7P
   HIGH SPEED LDO REGULATOR WITH REVERSE CURRENT PROTECTION
logo
Torex Semiconductor
XCM406-12 TOREX-XCM406-12 Datasheet
1Mb / 20P
   700mA High Speed Dual LDO Regulator
XCM406 TOREX-XCM406_12 Datasheet
1Mb / 20P
   700mA High Speed Dual LDO Regulator
logo
Nisshinbo Micro Devices...
R1191X NISSHINBO-R1191X Datasheet
4Mb / 45P
   300mA LDO REGULATOR with the Reverse Current Protection
logo
Unisonic Technologies
UR6223 UTC-UR6223 Datasheet
191Kb / 8P
   BUILT-IN INRUSH CURRENT PROTECTION HIGH SPEED LDO VOLTAGE REGULATOR
logo
RICOH electronics devic...
R1163 RICOH-R1163 Datasheet
718Kb / 30P
   3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
R1163N151B RICOH-R1163N151B Datasheet
1Mb / 36P
   3-MODE 150mA LDO REGULATOR with the Reverse Current Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com