Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XC6118C18AMR-G Datasheet(PDF) 1 Page - Torex Semiconductor

Part # XC6118C18AMR-G
Description  Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6118C18AMR-G Datasheet(HTML) 1 Page - Torex Semiconductor

  XC6118C18AMR-G Datasheet HTML 1Page - Torex Semiconductor XC6118C18AMR-G Datasheet HTML 2Page - Torex Semiconductor XC6118C18AMR-G Datasheet HTML 3Page - Torex Semiconductor XC6118C18AMR-G Datasheet HTML 4Page - Torex Semiconductor XC6118C18AMR-G Datasheet HTML 5Page - Torex Semiconductor XC6118C18AMR-G Datasheet HTML 6Page - Torex Semiconductor XC6118C18AMR-G Datasheet HTML 7Page - Torex Semiconductor XC6118C18AMR-G Datasheet HTML 8Page - Torex Semiconductor XC6118C18AMR-G Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
1/20
XC6118 Series
Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
■GENERAL DESCRIPTION
The XC6118 series is a low power consumption voltage detector with high accuracy detection, manufactured using CMOS
process and laser trimming technologies.
Since the sense pin is separated from the power supply pin, it allows the IC to monitor the other power supply.
The XC6118 can maintain the state of detection even when voltage of the monitored power supply drops to 0V.
Moreover, a release delay time can be adjusted by the external capacitor connected to the Cd pin.
The VOUT pin is available in both CMOS and N-channel open drain output configurations.
■APPLICATIONS
●Microprocessor reset circuitry
●Charge voltage monitors
●Memory battery back-up switch circuits
●Power failure detection circuits
■FEATURES
High Accuracy
:±2%(Detect Voltage≧1.5V)
:±30mV(Detect Voltage<1.5V)
Low Power Consumption
: 0.4μA(Detect, VIN=1.0V) (TYP.)
: 0.8μA(Release, VIN=1.0V)(TYP.)
Detect Voltage Range
: 0.8V~5.0V (0.1V increments)
Operating Voltage Range
: 1.0V~6.0V
Temperature Characteristics
: ±100ppm/℃(TYP.)
Output Configuration
: CMOS, N-channel open drain
Operating Temperature Range : -40℃~+85℃
Separated Sense Pin
: Power supply separation
Built-in delay time
: Release delay time adjustable
Packages
: USP-4, SOT-25
■TYPICAL APPLICATION CIRCUIT
■TYPICAL PERFORMANCE
CHARACTERISTICS
●Output Voltage vs. Sense Voltage
ETR0213-003
別電源
XC6118C25AGR
-1.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
012
345
6
Sense Voltage: VSEN (V)
Ta=25
4.0V
1.0V
VIN=6.0V
Monitering
Power
supply
(No Pull-Up resistor needed for
CMOS output product)


Similar Part No. - XC6118C18AMR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6118C08AGR-G TOREX-XC6118C08AGR-G Datasheet
337Kb / 20P
   Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
XC6118C08AMR-G TOREX-XC6118C08AMR-G Datasheet
337Kb / 20P
   Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
XC6118C08BGR-G TOREX-XC6118C08BGR-G Datasheet
337Kb / 20P
   Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
XC6118C08BMR-G TOREX-XC6118C08BMR-G Datasheet
337Kb / 20P
   Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
XC6118C08CGR-G TOREX-XC6118C08CGR-G Datasheet
337Kb / 20P
   Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
More results

Similar Description - XC6118C18AMR-G

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XC6118 TOREX-XC6118_1 Datasheet
337Kb / 20P
   Voltage Detector with Separated Sense Pin & Delay Capacitor Pin
XC6108 TOREX-XC6108_1 Datasheet
628Kb / 22P
   Voltage Detector with Separated Sense Pin & Delay Type Capacitor
XC6108 TOREX-XC6108 Datasheet
614Kb / 18P
   Voltage Detector with Separated Sense Pin and Delay Type Capacitor
XC6135 TOREX-XC6135 Datasheet
574Kb / 27P
   Ultra-Low Power (44nA) Voltage Detector with Separated Sense Pin
XCM410 TOREX-XCM410 Datasheet
233Kb / 13P
   2 Channel Voltage Detector (Sense Pin separated from VDD)
XCM410 TOREX-XCM410_1 Datasheet
279Kb / 13P
   2 Channel Voltage Detector (Sense Pin separated from VDD)
logo
Seiko Instruments Inc
S-1002NA10I-M5T1U SII-S-1002NA10I-M5T1U Datasheet
3Mb / 39P
   VOLTAGE DETECTOR WITH SENSE PIN
S-19105N10H-M5T1U SII-S-19105N10H-M5T1U Datasheet
4Mb / 37P
   VOLTAGE DETECTOR WITH SENSE PIN
S19102 SII-S19102 Datasheet
2Mb / 37P
   VOLTAGE DETECTOR WITH SENSE PIN
S-19103N10H-M5T1U SII-S-19103N10H-M5T1U Datasheet
3Mb / 34P
   VOLTAGE DETECTOR WITH SENSE PIN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com