Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC3823 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # UC3823
Description  High Speed PWM Controller
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC3823 Datasheet(HTML) 2 Page - Texas Instruments

  UC3823 Datasheet HTML 1Page - Texas Instruments UC3823 Datasheet HTML 2Page - Texas Instruments UC3823 Datasheet HTML 3Page - Texas Instruments UC3823 Datasheet HTML 4Page - Texas Instruments UC3823 Datasheet HTML 5Page - Texas Instruments UC3823 Datasheet HTML 6Page - Texas Instruments UC3823 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
UC1823
UC2823
UC3823
CONNECTION DIAGRAMS
ELECTRICAL CHARACTERISTICS:
PARAMETER
TEST CONDITIONS
UC1823
UC2823
UC3823
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Reference Section
Output Voltage
TJ = 25°C, lO = 1mA
5.05
5.10
5.15
5.00
5.10
5.20
V
Line Regulation
10 < VCC < 30V
2
20
2
20
mV
Load Regulation
1 < IO < 10mA
5
20
5
20
mV
Temperature Stability*
TMIN < TA < TMAX
0.2
0.4
0.2
0.4
mV/°C
Total Output Variation*
Line, Load, Temp.
5.00
5.20
4.95
5.25
Output Noise Voltage*
10Hz < f < 10kHz
50
50
µV
Long Term Stability*
TJ = 125°C, 1000 hrs.
5
25
5
25
mV
Short Circuit Current
VREF=0V
-15
-50
-100
-15
-50
-100
mA
Oscillator Section
Initial Accuracy*
TJ=25°C
360
400
440
360
400
440
kHz
Voltage Stability*
10 < VCC < 30V
0.2
2
0.2
2
%
Temperature Stability*
TMIN <TA < TMAX
55
%
Total Variation*
Line, Temp.
340
460
340
460
kHz
Clock Out High
3.9
4.5
3.9
4.5
V
Clock Out Low
2.3
2.9
2.3
2.9
V
Ramp Peak*
2.6
2.8
3.0
2.6
2.8
3.0
V
Ramp Valley*
0.7
1.0
1.25
0.7
1.0
1.25
V
Ramp Valley to Peak*
1.6
1.8
2.0
1.6
1.8
2.0
V
* These parameters are guaranteed by design but not 100% tested in production.
DIL-16, SOIC-16 (TOP VIEW)
J or N, DW Package
PLCC-20, LCC-20 (TOP VIEW)
Q, L Package
PACKAGE PIN FUNCTION
FUNCTION
PIN
N/C
1
Inv.
2
N.I.
3
E/A Out
4
Clock
5
N/C
6
RT
7
CT
8
Ramp
9
Soft start
10
N/C
11
ILIM/S.D.
12
Ground
13
ILIM REF
14
PWR Gnd
15
N/C
16
VC
17
OUT
18
VCC
19
VREF 5.1V
20
Unless otherwise noted, these specifications apply for RT = 3.65k, CT =
1nF, VCC = 15V, 0°C < TA < +70°C for the UC3823, -25°C < TA < +85°C for
the UC2823, and -55°C < TA < +125°C for the UC1823, TA = TJ.
2


Similar Part No. - UC3823

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC3823 TI1-UC3823 Datasheet
2Mb / 13P
[Old version datasheet]   High Speed PWM Controller
UC3823 TI-UC3823 Datasheet
2Mb / 13P
[Old version datasheet]   High Speed PWM Controller
UC3823A TI-UC3823A Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC3823A TI-UC3823A Datasheet
316Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC3823A TI-UC3823A Datasheet
456Kb / 9P
[Old version datasheet]   High Speed PWM Controller
More results

Similar Description - UC3823

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1823AJ883B TI-UC1823AJ883B Datasheet
456Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC3823N TI-UC3823N Datasheet
2Mb / 13P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UC3824DW TI1-UC3824DW Datasheet
704Kb / 14P
[Old version datasheet]   HIGH SPEED PWM CONTROLLER
UCC3829-1 TI1-UCC3829-1 Datasheet
196Kb / 11P
[Old version datasheet]   High Speed PWM Controller
UC1823A TI-UC1823A Datasheet
303Kb / 15P
[Old version datasheet]   High Speed PWM Controller
UC3825B TI-UC3825B Datasheet
316Kb / 9P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI-UC1825 Datasheet
914Kb / 17P
[Old version datasheet]   High Speed PWM Controller
UC1825 TI1-UC1825_13 Datasheet
968Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825AQDW TI-UC2825AQDW Datasheet
928Kb / 19P
[Old version datasheet]   High Speed PWM Controller
UC2825A-Q1 TI-UC2825A-Q1_15 Datasheet
932Kb / 17P
[Old version datasheet]   HIGH-SPEED PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com