Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XCM519AB05DR Datasheet(PDF) 8 Page - Torex Semiconductor

Part # XCM519AB05DR
Description  600mA Synchronous Step-Down DC/DC Converter Low Voltage Input LDO
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCM519AB05DR Datasheet(HTML) 8 Page - Torex Semiconductor

Back Button XCM519AB05DR Datasheet HTML 4Page - Torex Semiconductor XCM519AB05DR Datasheet HTML 5Page - Torex Semiconductor XCM519AB05DR Datasheet HTML 6Page - Torex Semiconductor XCM519AB05DR Datasheet HTML 7Page - Torex Semiconductor XCM519AB05DR Datasheet HTML 8Page - Torex Semiconductor XCM519AB05DR Datasheet HTML 9Page - Torex Semiconductor XCM519AB05DR Datasheet HTML 10Page - Torex Semiconductor XCM519AB05DR Datasheet HTML 11Page - Torex Semiconductor XCM519AB05DR Datasheet HTML 12Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 49 page
background image
8/49
XCM519 Series
■ELECTRICAL CHARACTERISTICS (Continued)
XCM519xD 1ch (DC/DC BLOCK)
DCOUT=1.8V, f
OSC=3.0MHz, Ta=25℃
Test conditions: Unless otherwise stated, VIN1=5.0V, VDCOUT(E)= Nominal voltage
NOTE:
*1: Including hysteresis width of operating voltage.
*2: EFFI = { ( output voltage×output current ) / ( input voltage×input current) }×100
*3: ON resistance (Ω)= (VIN - Lx pin measurement voltage) / 100mA
*4: Design value
*5: When temperature is high, a current of approximately 10μA (maximum) may leak.
*6: Time until it short-circuits DCOUT with GND via 1Ωof resistor from an operational state and is set to Lx=0V from current limit pulse
generating.
*7: VDCOUT (E)+1.2V<2.7V, VIN=2.7V.
*8: When the difference between the input and the output is small, some cycles may be skipped completely before current maximizes.
If current is further pulled from this state, output voltage will decrease because of P-ch driver ON resistance.
*9: Current limit denotes the level of detection at peak of coil current.
*10: "H"=VIN∼VIN - 1.2V, "L"=+ 0.1V ∼ - 0.1V
*11: XCM519A series exclude IPFM and DLIMT_PFM because those are only for the PFM control’s functions.
* The electrical characteristics above are when the other channel is in stop mode.
PARAMETER
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNITS CIRCUIT
Output Voltage
VDCOUT
When connected to external components,
VIN1=VEN1=5.0V, IOUT1=30mA
1.764
1.800
1.836
V
Operating Voltage Range
VIN1
2.7
-
6.0
V
Maximum Output Current
IOUT1MAX
When connected to external components,
VIN1=DCOUT(E)V+2.0V,VEN1=1.0V
(*8)
600
-
-
mA
UVLO Voltage
VUVLO
VEN1=VIN1
DCOUT=0V,
Voltage which Lx pin holding “L” level
(*1, *10)
1.00
1.40
1.78
V
(XCM519AD)
-
46
65
Supply Current
IDD
VIN1=VEN1=5.0V,DCOUT=DCOUT(E)×1.1V
(XCM519BD)
-
21
35
μA
Stand-by Current
ISTB
VIN1=5.0V,VEN1=0V, DCOUT=DCOUT(E)×1.1V
-
0
1.0
μA
Oscillation Frequency
fOSC
When connected to external components,
VIN1=DCOUT(E)V+2.0V, VEN1=1.0V, IOUT1=100mA
2550
3000
3450
kHz
PFM Switching Current
IPFM
When connected to external components,
VIN1=DCOUT(E)V+2.0V, VEN1=VIN1, IOUT1=1mA
(*11)
170
220
270
mA
PFM Duty Limit
DLIMIT_PFM
VEN1=VIN1=(C-1)IOUT1=1mA
(*11)
-
200
300
%
Maximum Duty Ratio
DMAX
VIN1=VEN1=5.0V, DCOUT=DCOUT(E)×0.9V
100
-
-
%
Minimum Duty Ratio
DMIN
VIN1=VEN1=5.0V, DCOUT=DCOUT(E)×1.1V
-
-
0
%
Efficiency
EFFI
When connected to external components,
VEN1=VIN1=DCOUT(E)+1.2V
(*7),IOUT1=100mA
-
86
-
%
Lx SW "H" ON Resistance 1
RLXH
VIN1=VEN1=5.0V, DCOUT=0V, ILX=100mA
(*3)
-
0.35
0.55
Lx SW "H" ON Resistance 2
RLXH
VIN1=VEN1=3.6V, DCOUT=0V, ILX=100mA
(*3)
-
0.42
0.67
Lx SW "L" ON Resistance 1
RLXL
VIN1=VEN1=5.0V
(*4)
-
0.45
0.66
Lx SW "L" ON Resistance 2
RLXL
VIN1=VEN1=3.6V
(*4)
-
0.52
0.77
Lx SW "H" Leak Current
(*5)
ILEAKH
VIN1=DCOUT=5.0V,VEN1=0V, LX=0V
-
0.01
1.0
μA
Current Limit
(*9)
ILIM
VIN1=VEN1=5.0V, DCOUT=DCOUT(E)×0.9V
900
1050
1350
mA
Output Voltage
Temperature
Characteristics
△DCOUT /
(DCOUT・△topr)
IOUT1=30mA
-40℃≦Topr≦85℃
-
±100
-
ppm/℃
EN1 "H" Level Voltage
VEN1H
DCOUT=0V, Applied voltage to VEN1,
Voltage changes Lx to “H” level
(*10)
0.65
-
6.0
V
EN1 "L" Level Voltage
VEN1L
DCOUT=0V, Applied voltage to VEN1,
Voltage changes Lx to “L” level
(*10)
VSS
-
0.25
V
EN1 "H" Current
IEN1H
VIN1=VEN1=5.0V, DCOUT=0V
- 0.1
-
0.1
μA
EN1 "L" Current
IEN1L
VIN1=5.0V,VEN1=0V, DCOUT=0V
- 0.1
-
0.1
μA
Soft Start Time
tSS
When connected to external components,
VEN1=0V→VIN1, IOUT1=1mA
-
0.32
0.50
ms
Latch Time
tLAT
VIN1=VEN1=5.0V, DCOUT=0.8×DCOUT(E)
Short Lx at 1Ω resistance
(*6)
1.0
-
20
ms
Short Protection
Threshold Voltage
VSHORT
Sweeping DCOUT, VIN1=VEN1=5.0V, Short Lx at
1Ω resistance, DCOUT voltage which Lx becomes
“L” level within 1ms
0.675
0.900
1.150
V
CL Discharge
RDCHG
VIN1=5.0V, LX=5.0V, VEN1=0V, DCOUT=Open
200
300
450


Similar Part No. - XCM519AB05DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
XCM5120QRTERQ1 TI-XCM5120QRTERQ1 Datasheet
5Mb / 123P
[Old version datasheet]   PCM5120-Q1 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
APRIL 2022
XCM5120QRTERQ1 TI-XCM5120QRTERQ1 Datasheet
5Mb / 125P
[Old version datasheet]   PCM5120-Q1 2-Channel, 768-kHz, Burr-BrownTM Audio ADC
REVISED SEPTEMBER 2022
logo
Torex Semiconductor
XCM517 TOREX-XCM517 Datasheet
769Kb / 28P
   600mA Synchronous Dual Output Step-Down DC/DC Converters
XCM517AA01DR TOREX-XCM517AA01DR Datasheet
769Kb / 28P
   600mA Synchronous Dual Output Step-Down DC/DC Converters
XCM517AA02DR TOREX-XCM517AA02DR Datasheet
769Kb / 28P
   600mA Synchronous Dual Output Step-Down DC/DC Converters
More results

Similar Description - XCM519AB05DR

ManufacturerPart #DatasheetDescription
logo
Torex Semiconductor
XCM520 TOREX-XCM520 Datasheet
970Kb / 43P
   600mA Synchronous Step-Down DC/DC Converter Dual LDO Regulator
logo
Union Semiconductor, In...
UM3500 UNIONSEMI-UM3500 Datasheet
368Kb / 11P
   600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
UM3501 UNIONSEMI-UM3501_15 Datasheet
445Kb / 11P
   600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter
UM3521DA UNIONSEMI-UM3521DA Datasheet
609Kb / 10P
   600mA, 2.25MHz, Synchronous Step-Down DC-DC Converter
UM3500 UNIONSEMI-UM3500_16 Datasheet
450Kb / 11P
   600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
logo
ACE Technology Co., LTD...
ACE7551U ACE-ACE7551U Datasheet
180Kb / 3P
   600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter
VER 1.1
logo
Union Semiconductor, In...
UM3501 UNIONSEMI-UM3501 Datasheet
382Kb / 11P
   600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter
logo
Analog Devices
ADP2102 AD-ADP2102 Datasheet
230Kb / 7P
   600mA 3MHz Synchronous Step-Down DC-DC Converter
Rev. PrA
logo
Torex Semiconductor
XCM524 TOREX-XCM524 Datasheet
1Mb / 52P
   600mA Synchronous Step-Down DC/DC Converter 500mA LDO with Delay Function Voltage Detector
logo
Diodes Incorporated
AP3405 DIODES-AP3405 Datasheet
574Kb / 9P
   600mA Step-down DC/DC Converter with Synchronous Rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com