Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TFP-MHP20SLF-1K00-F Datasheet(PDF) 1 Page - IRC - a TT electronics Company.

Part # TFP-MHP20SLF-1K00-F
Description  MHP20S TO-126 Series Power Resistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRCTT [IRC - a TT electronics Company.]
Direct Link  http://www.irctt.com
Logo IRCTT - IRC - a TT electronics Company.

TFP-MHP20SLF-1K00-F Datasheet(HTML) 1 Page - IRC - a TT electronics Company.

  TFP-MHP20SLF-1K00-F Datasheet HTML 1Page - IRC - a TT electronics Company. TFP-MHP20SLF-1K00-F Datasheet HTML 2Page - IRC - a TT electronics Company. TFP-MHP20SLF-1K00-F Datasheet HTML 3Page - IRC - a TT electronics Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
General Note
IRC reserves the right to make changes in product specification without notice or liability.
All information is subject to IRC’s own data and is considered accurate at time of going to print.
A subsidiary of
TT electronics plc
Advanced Film Division • 4222 South Staples Street • Corpus Christi Texas 78411 USA
Telephone: 361 992 7900 • Facsimile: 361 992 3377 • Website: www.irctt.com
MHP20S Series Issue July 2008
MHP20S TO-126 Series
Power Resistor
TO-126 housing
Low inductance (<50nH)
Power dissipation up to 20W
High stability film resistance elements
RoHS compliant
MHP20S Series
IRC’s TO-126 power film resistors satisfy demanding applications for
accurate and stable power resistors housed in the convenient TO-126 case.
The resistance element is isolated from the mounting tab by an alumina ceramic layer, providing high thermal
conductivity and excellent insulation resistance between terminals and tab. The low inductance design makes
these products especially useful in high frequency and high speed pulse applications.
TypePower
Power Rating1
Voltage
Rating4
Thermal
Resistance
Resistance
Range (W)
Tolerances
Preferred
Values
Temperature
Coefficient
Heatsink2
Free Air3
MHP20SLF
20W
1W
500
5.9°C/W
0.01 - 0.09
±5%
E6
±250ppm/°C
MHP20SLF
20W
1W
0.1 - 51K
±1%, ±5%
E24
±100ppm/°C
1
Maximum current 25 amps
2
Power rating based on 25°C case temperature
3
Power rating based on 25°C ambient temperature
4
Maximun voltage or √PxR
Physical Data
Dimensions (mm)
A
8.5
±0.2
B
12.0
±0.2
C
3.1
±0.2
D
3.1
±0.1
E
17.0
±1.0
F
3.2
±0.5
G
3.8
±0.2
H
1.75
±0.1
J
0.5
±0.05
K
0.6
±0.05
L
1.4
±0.05
M
5.08
±0.1
Specification Data


Similar Part No. - TFP-MHP20SLF-1K00-F

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
TFP-MHP200LF-R-1K00F IRCTT-TFP-MHP200LF-R-1K00F Datasheet
563Kb / 4P
   High Power SOT227 Resistors
TFP-MHP200LF-R-1K00J IRCTT-TFP-MHP200LF-R-1K00J Datasheet
563Kb / 4P
   High Power SOT227 Resistors
TFP-MHP200LF-R-1R50F IRCTT-TFP-MHP200LF-R-1R50F Datasheet
563Kb / 4P
   High Power SOT227 Resistors
TFP-MHP200LF-R-1R50J IRCTT-TFP-MHP200LF-R-1R50J Datasheet
563Kb / 4P
   High Power SOT227 Resistors
TFP-MHP200LF-V-1K00F IRCTT-TFP-MHP200LF-V-1K00F Datasheet
563Kb / 4P
   High Power SOT227 Resistors
More results

Similar Description - TFP-MHP20SLF-1K00-F

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
PF1260 RIEDON-PF1260_11 Datasheet
226Kb / 2P
   TO-126 Power Film Resistors
PF1260 RIEDON-PF1260 Datasheet
272Kb / 2P
   TO-126 Power Film Resistors
PF1260 RIEDON-PF1260_13 Datasheet
181Kb / 2P
   TO-126 Power Thin Film Resistors
logo
Bi technologies
MHP20S BITECH-MHP20S Datasheet
866Kb / 2P
   20W TO-126 HIGH POWER RESISTORS
logo
Riedon Powertron
PF1262-0R25F1 RIEDON-PF1262-0R25F1 Datasheet
181Kb / 2P
   TO-126 Power Thin Film Resistors
PF1262-20KF1 RIEDON-PF1262-20KF1 Datasheet
181Kb / 2P
   TO-126 Power Thin Film Resistors
PF1262 RIEDON-PF1262_14 Datasheet
181Kb / 2P
   TO-126 Power Thin Film Resistors
logo
KEC(Korea Electronics)
KTC3114 KEC-KTC3114_07 Datasheet
422Kb / 1P
   TO-126 PACKAGE
MJE13003 KEC-MJE13003_06 Datasheet
371Kb / 1P
   TO-126 PACKAGE
logo
IRC - a TT electronics ...
TFP-MHP20LF-10R0-J IRCTT-TFP-MHP20LF-10R0-J Datasheet
389Kb / 3P
   MHP TO-220 Series Power Resistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com