Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC2525BQ Datasheet(PDF) 4 Page - Texas Instruments

Part # UC2525BQ
Description  Regulating Pulse Width Modulators
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UC2525BQ Datasheet(HTML) 4 Page - Texas Instruments

  UC2525BQ Datasheet HTML 1Page - Texas Instruments UC2525BQ Datasheet HTML 2Page - Texas Instruments UC2525BQ Datasheet HTML 3Page - Texas Instruments UC2525BQ Datasheet HTML 4Page - Texas Instruments UC2525BQ Datasheet HTML 5Page - Texas Instruments UC2525BQ Datasheet HTML 6Page - Texas Instruments UC2525BQ Datasheet HTML 7Page - Texas Instruments UC2525BQ Datasheet HTML 8Page - Texas Instruments UC2525BQ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
UC1525B UC1527B
UC2525B UC2527B
UC3525B UC3527B
ELECTRICAL CHARACTERISTICS:Unless otherwise stated, these specifications apply for TA = –55°C to +125°C for the
UC1525B and UC1527B; –40°C to +85°C for the UC2525B and UC2527B; 0°C to +70°C for the UC3525B and UC3527B; +VIN =
20V, TA =TJ.
PARAMETER
TEST CONDITIONS
UC1525B/UC2525B
UC1527B/UC2527B
UC3525B
UC3527B
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
Output Drivers (Each Output) (VC = 20V) (cont.)
Rise Time (Note 2)
CL = 1nF, TJ = 25°C
100
600
100
600
ns
Fall Time (Note 2)
CL = 1nF, TJ = 25°C
50
300
50
300
ns
Cross conduction charge
Per cycle, TJ = 25°C
30
30
nc
Total Standby Current
Supply Current
VIN = 35V
14
20
14
20
mA
Note 2: Ensured by design. Not 100% tested in production.
Note 3: Tested at fosc= 40kHz (RT = 3.6K
W,CT = 0.01mF, RD =0W). Approximate oscillator frequency is defined by:
()
f
CR
R
TT
D
=
••
+
1
07
3
.
UDG-95056
UDG-95057
PRINCIPLES OF OPERATION AND TYPICAL CHARACTERISTICS
UC1525B Output Circuit (1/2 Circuit Shown)
UC1525B Output Saturation Characteristics
For
single-ended
supplies,
the
driver
outputs
are
grounded. The VC terminal is switched to ground by the to-
tem-pole source transistors on alternate oscillator cycles.
In conventional push-pull bipolar designs, forward base
drive is controlled by R1-R3. Rapid turn-off times for the
power devices are achieved with speed-up capacitors C,
and C2.
UDG-95059
UDG-95058


Similar Part No. - UC2525BQ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC2525B TI-UC2525B Datasheet
798Kb / 15P
[Old version datasheet]   Regulating Pulse Width Modulators
UC2525BDW TI-UC2525BDW Datasheet
440Kb / 9P
[Old version datasheet]   Regulating Pulse Width Modulators
UC2525BDW TI1-UC2525BDW Datasheet
747Kb / 17P
[Old version datasheet]   REGULATING PULSE WIDTH MODULATORS
UC2525BDW TI1-UC2525BDW Datasheet
745Kb / 17P
[Old version datasheet]   REGULATING PULSE WIDTH MODULATORS
UC2525BDWG4 TI1-UC2525BDWG4 Datasheet
747Kb / 17P
[Old version datasheet]   REGULATING PULSE WIDTH MODULATORS
More results

Similar Description - UC2525BQ

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP1524 SEME-LAB-IP1524 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATORS
IP1525A SEME-LAB-IP1525A Datasheet
63Kb / 6P
   REGULATING PULSE WIDTH MODULATORS
logo
STMicroelectronics
SG2524 STMICROELECTRONICS-SG2524 Datasheet
93Kb / 9P
   REGULATING PULSE WIDTH MODULATORS
SG2525AP013TR STMICROELECTRONICS-SG2525AP013TR Datasheet
939Kb / 12P
   REGULATING PULSE WIDTH MODULATORS
logo
Texas Instruments
SG2524 TI-SG2524_1 Datasheet
829Kb / 24P
[Old version datasheet]   REGULATING PULSE-WIDTH MODULATORS
logo
STMicroelectronics
SG2525A STMICROELECTRONICS-SG2525A Datasheet
117Kb / 12P
   REGULATING PULSE WIDTH MODULATORS
logo
Linear Technology
LT1525A LINER-LT1525A Datasheet
536Kb / 8P
   Regulating Pulse Width Modulators
logo
Seme LAB
IP1P125 SEME-LAB-IP1P125 Datasheet
28Kb / 4P
   REGULATING PULSE WIDTH MODULATORS
logo
Texas Instruments
UC1525A TI1-UC1525A_15 Datasheet
745Kb / 17P
[Old version datasheet]   REGULATING PULSE WIDTH MODULATORS
UC1525A TI-UC1525A Datasheet
440Kb / 9P
[Old version datasheet]   Regulating Pulse Width Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com